Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

418P39392K Datasheet(PDF) 7 Page - Cornell Dubilier Electronics

Part # 418P39392K
Description  Radial-lead. Round profile.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

418P39392K Datasheet(HTML) 7 Page - Cornell Dubilier Electronics

  418P39392K Datasheet HTML 1Page - Cornell Dubilier Electronics 418P39392K Datasheet HTML 2Page - Cornell Dubilier Electronics 418P39392K Datasheet HTML 3Page - Cornell Dubilier Electronics 418P39392K Datasheet HTML 4Page - Cornell Dubilier Electronics 418P39392K Datasheet HTML 5Page - Cornell Dubilier Electronics 418P39392K Datasheet HTML 6Page - Cornell Dubilier Electronics 418P39392K Datasheet HTML 7Page - Cornell Dubilier Electronics 418P39392K Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
dV/dt Specifications
Maximum Pulse Rise Time (dV/dt) in Volts/µsec
Cap
Value (µF)
100V
200V
400V
600V
1000V
.001
.0012
.0015
.0018
.0022
.0027
.0033
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
15
.18
.22
.25
.27
.33
.39
47
.56
.68
.82
1.0
2000
1800
1700
1500
1400
1300
1100
1000
900
800
700
600
600
600
500
400
400
400
300
300
300
5900
5400
4900
4500
4100
3600
3300
3000
2700
2400
2100
1900
1800
1500
1400
1200
1100
1000
900
800
800
700
600
600
500
11000
10100
9200
8400
7600
6900
6300
5700
5100
4400
4000
3600
3200
2800
2500
2300
2100
1900
1700
1600
1400
1200
1100
1000
1000
900
800
700
22100
20200
18100
16500
14900
13500
12200
11200
10200
9300
8500
7200
6600
6000
5400
4900
4400
3700
3300
3100
2800
2600
2300
2100
1900
1600
1500
1300
1200
1100
1100
22700
20800
18600
17000
15300
13800
12500
11500
10500
9000
8200
7400
6700
5700
5100
4700
4200
3800
3400
2900
2700
2400
2200
2000
1800
Note: dV/dt ratings based on measurements made at the
junction of the wire leads and capacitor body
Dimensions in inches, metric (mm) in parenthesis.
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 418P, Orange Drop®, Polyester Film/Foil Capacitors


Similar Part No. - 418P39392K

ManufacturerPart #DatasheetDescription
logo
Littelfuse
418 LITTELFUSE-418 Datasheet
50Kb / 2P
   SURFACE MOUNT FUSES
logo
List of Unclassifed Man...
418 ETC-418 Datasheet
992Kb / 8P
   Low Voltage and Power Applications
January 2016
logo
Heyco.
4180 HEYCO-4180 Datasheet
112Kb / 1P
   Lockit™ Loops and Clips
4180 HEYCO-4180 Datasheet
112Kb / 1P
   Lockit Loops and Clips
logo
Tyco Electronics
41800 MACOM-41800 Datasheet
39Kb / 1P
   RECEPTACLE, FASTON, FLAG,.250 SERIES
More results

Similar Description - 418P39392K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
226SAK250M ILLINOISCAPACITOR-226SAK250M Datasheet
107Kb / 1P
   Radial Lead Low Profile
226SAK400M ILLINOISCAPACITOR-226SAK400M Datasheet
107Kb / 1P
   Radial Lead Low Profile
336STF025M ILLINOISCAPACITOR-336STF025M Datasheet
132Kb / 1P
   Radial Lead Low Profile
336SAK200M ILLINOISCAPACITOR-336SAK200M Datasheet
132Kb / 1P
   Radial Lead Low Profile
337PUM6R3M ILLINOISCAPACITOR-337PUM6R3M Datasheet
132Kb / 1P
   Radial Lead Low Profile
108SAK6R3M ILLINOISCAPACITOR-108SAK6R3M Datasheet
110Kb / 1P
   Radial Lead Low Profile
228FXM025M ILLINOISCAPACITOR-228FXM025M Datasheet
108Kb / 1P
   Radial Lead Low Profile
338FXM025M ILLINOISCAPACITOR-338FXM025M Datasheet
133Kb / 1P
   Radial Lead Low Profile
338SAK010M ILLINOISCAPACITOR-338SAK010M Datasheet
133Kb / 1P
   Radial Lead Low Profile
478FXM025M ILLINOISCAPACITOR-478FXM025M Datasheet
133Kb / 1P
   Radial Lead Low Profile
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com