Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

935H1W2K-F Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # 935H1W2K-F
Description  High Current Capacitors for Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

935H1W2K-F Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  935H1W2K-F Datasheet HTML 1Page - Cornell Dubilier Electronics 935H1W2K-F Datasheet HTML 2Page - Cornell Dubilier Electronics 935H1W2K-F Datasheet HTML 3Page - Cornell Dubilier Electronics 935H1W2K-F Datasheet HTML 4Page - Cornell Dubilier Electronics 935H1W2K-F Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
0
25
50
75
100
125
150
10
100
1000
10000
100000
Frequency (Hz)
935H - 200 Vdc
1 µF
5 µF
20 µF
0
50
100
150
200
250
300
10
100
1000
10000
100000
Frequency (Hz)
935C - 400Vdc
1 µF
3 µF
10 µF
0
100
200
10
100
1000
10000
100000
Frequency (Hz)
935C - 200Vdc
1 µF
5 µF
20 µF
RMS Voltage vs Frequency @ 25 ºC
0
50
100
150
200
250
300
10
100
1000
10000
100000
Frequency (Hz)
935H - 400 Vdc
1 µF
3 µF
10 µF
Wire Leads
Lug Leads
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
0
10
20
30
40
50
60
70
80
10
100
1000
10000
100000
Frequency (Hz)
935C - 100 Vdc
0
10
20
30
40
50
60
70
80
10
100
1000
10000
100000
Frequency (Hz)
935H - 100 Vdc
1 µF
5 µF
30 µF
1 µF
5 µF
30 µF
Type 935C, Metallized Polypropylene Capacitors for High Frequency Filtering
High Current Capacitors for Switching Power Supplies


Similar Part No. - 935H1W2K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
935H1W2K-F CDE-935H1W2K-F Datasheet
211Kb / 2P
   Type 935 Axial Leaded Metallized Polypropylene Film Capacitors
935H1W2K-F CDE-935H1W2K-F Datasheet
231Kb / 5P
   Polypropylene Capacitors for High Frequency Filtering
More results

Similar Description - 935H1W2K-F

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
1693 BK-1693 Datasheet
2Mb / 3P
   High Current Switching DC Power Supplies
logo
Cornell Dubilier Electr...
DPM2S1K-F CDE-DPM2S1K-F Datasheet
264Kb / 2P
   Polypropylene Film Capacitors Great for High Frequency Switching Power Supplies
DPM CDE-DPM Datasheet
264Kb / 3P
   Great for High Frequency Switching Power Supplies
SLP CDE-SLP Datasheet
369Kb / 9P
   Best for switching power supplies
logo
Allegro MicroSystems
STR-A60XXM ALLEGRO-STR-A60XXM Datasheet
403Kb / 14P
   Current Mode Control PWM Regulator IC For Switching Power Supplies
logo
Sanken electric
STR2W152D SANKEN-STR2W152D Datasheet
188Kb / 9P
   Current Mode Control PWM Regulator ICs For Switching Power Supplies
STR2W152D SANKEN-STR2W152D Datasheet
188Kb / 9P
   Current Mode Control PWM Regulator ICs For Switching Power Supplies
logo
Tyco Electronics
6VN1 MACOM-6VN1_11 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
TE Connectivity Ltd
6VN1 TEC-6VN1 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
Tyco Electronics
6EG1 MACOM-6EG1_11 Datasheet
159Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com