Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

944U330K142AA Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 944U330K142AA
Description  High Current, Low Profi le for Inverter Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

944U330K142AA Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  944U330K142AA Datasheet HTML 1Page - Cornell Dubilier Electronics 944U330K142AA Datasheet HTML 2Page - Cornell Dubilier Electronics 944U330K142AA Datasheet HTML 3Page - Cornell Dubilier Electronics 944U330K142AA Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 944U Polypropylene, DC Link Capacitors
High Current, Low Profile for Inverter Applications
Type 944U is specifically designed for use in high power DC
filtering applications. The low inductance internal construction
utilizes low loss metallized polypropylene for high ripple current
capability. Male or female terminal options offer design flexibility
in a rugged UL 94VO rated flame retardant plastic case and resin
fill. High current ratings and robust mounting flanges make the
944U suited for inverter applications in electric vehicle power
inverters, wind power inverters and motor drives.
Highlights
- Low Inductance
- Low Profile
- Low ESR
- High Ripple Current
- High Voltage Ratings
Specifications
Capacitance Range
33 to 220 µF
Capacitance Tolerance
±10% standard
Rated Voltage
800 to 1400 Vdc
Operating Temperature Range
-40 ºC to 85 ºC
Maximum rms Current
74A @ 55 ºC
Maximum rms Voltage
230 Vac
Test Voltage between Terminal @ 25ºC
150% rated DC voltage for 10 s
Test Voltage between Terminals & Case @ 25ºC
4 kVac @ 50/60 Hz for 60 s
Life Test
5000 h @ 85 ºC, rated voltage
RoHS Compliant
H ±0.5 mm
5 mm
6 ±0.5 mm
20 ±0.5 mm
84.5 mm 45 ±1 mm
101 mm
71.4 mm
15 mm
M8 x 1.25
8.5 Nm Max Torque
M5 x 4.0 mm
2.5 Nm Max Torque
15 mm
5.5 mm
3 Nm Mounting Torque
90°
Threaded
Insert
Threaded
Stud
Construction Details
Case Material
Plastic UL94V-0
Resin Material
Dry Resin UL94V-0
Terminal Material Tin Plated Brass
UL Recognized E128034
construction only - unprotected


Similar Part No. - 944U330K142AA

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
944U330K142AA CDE-944U330K142AA Datasheet
471Kb / 4P
   Polypropylene Film Capacitors for DC Filtering
More results

Similar Description - 944U330K142AA

ManufacturerPart #DatasheetDescription
logo
Power System Technology
FAB0502019 PST-FAB0502019 Datasheet
237Kb / 3P
   Chassis mounting applications, low profi le
logo
Bourns Electronic Solut...
PTA1543-2010DPB203 BOURNS-PTA1543-2010DPB203_14 Datasheet
374Kb / 2P
   Low Profi le Slide Potentiometer
PEC11L BOURNS-PEC11L_13 Datasheet
220Kb / 2P
   11 mm Low Profi le Encoder
PTB0143-2010BPA102 BOURNS-PTB0143-2010BPA102 Datasheet
320Kb / 2P
   Low Profi le Slide Potentiometer
logo
Panasonic Semiconductor
ELT5KT220L PANASONIC-ELT5KT220L Datasheet
92Kb / 2P
   Voltage Step-up Coils High inductance, low profi le choke coil Low profi le (H=1.2 mm max.)
logo
Bourns Electronic Solut...
PTE45-152A-103B2 BOURNS-PTE45-152A-103B2 Datasheet
286Kb / 3P
   PTE Series Low Profi le Slide Potentiometer
logo
TDK Electronics
SWS600L TDK-SWS600L Datasheet
397Kb / 2P
   Single Output Low Profi le Power Supplies
logo
Bourns Electronic Solut...
4310R-102-332 BOURNS-4310R-102-332 Datasheet
208Kb / 2P
   Low profi le provides compatibility with DIPs
PTA6043-2015DPB103 BOURNS-PTA6043-2015DPB103 Datasheet
373Kb / 2P
   PTA Series - Low Profi le Slide Potentiometer
logo
Visual Communications C...
LPCM VCC-LPCM Datasheet
1Mb / 1P
   Low Profi le, Panel Flush Light Pipe
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com