Electronic Components Datasheet Search |
|
225P47392X Datasheet(PDF) 2 Page - Cornell Dubilier Electronics |
|
225P47392X Datasheet(HTML) 2 Page - Cornell Dubilier Electronics |
2 / 8 page General Specifications The Type 225P Orange Drop® is designed and manufactured for operation in a wide range of demanding envi- ronments and applications. Type 225P capacitors are wound from the most reliable polyester film and alum- inum foil available and are protected by a rugged conformal coating of orange epoxy. They may be operated up to +125°C with proper derating. The combination of proven dependability and extensive availability through CDE distribution make the 225P an ideal choice for many commercial and industrial electronic applications, from power supplies and instrumentation to audio amplifiers and test equipment. Operating Temperature Range: The standard operating temperature range for polyester film is -55°C to +85°C. The 225P may be operated at full voltage within this temperature range. The 225P may be operated up to +105°C provided the DC working voltage is reduced to 70% of the +85°C rating (full rating), and up to +125°C with a 50% reduction from the +85°C rating (full rating). For more specific details regarding operation above +85°C please contact our design engineering department. The maximum operating temperature for the 225P polyester film capacitors is +125°C. Dielectric Withstanding Voltage: Units shall withstand a DC potential of 250% of rated voltage applied between terminals for not more than 5 seconds. Lead Bend Test: After 3 consecutive 180° bends. No damage. Humidity Testing: Units subjected to 95% relative humidity for 72 hours with no voltage applied at +75°C. After 4 hours of drying minimum product of insulation resistance and capacitance shall be 5,000 M -µF. DC Voltage Life Test: 500 hours at +85°C at 150% of rated voltage. After test; capacitance shall not have changed by more than ±5% of initial value, insulation resistance shall not have decreased by more than 50% of initial value and dissipation factor shall not have increased to more than 1.0%. In addition, there should be no open or short circuits, and no sign of visible damage. Typical Temperature Characteristics: CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 Type 225P, Orange Drop®, Polyester Film/Foil Capacitors |
Similar Part No. - 225P47392X |
|
Similar Description - 225P47392X |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |