Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFK-V Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # AFK-V
Description  Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AFK-V Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  AFK-V Datasheet HTML 1Page - Cornell Dubilier Electronics AFK-V Datasheet HTML 2Page - Cornell Dubilier Electronics AFK-V Datasheet HTML 3Page - Cornell Dubilier Electronics AFK-V Datasheet HTML 4Page - Cornell Dubilier Electronics AFK-V Datasheet HTML 5Page - Cornell Dubilier Electronics AFK-V Datasheet HTML 6Page - Cornell Dubilier Electronics AFK-V Datasheet HTML 7Page - Cornell Dubilier Electronics AFK-V Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Cornell Dubilier
1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8564 Fax: (508)996-3830 www.cde.com
Type AFK_V, –55 °C to 105 °C, High Vibration
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 °C
Capacitance Range
10 µF to 6800 µF
Capacitance Tolerance
±20% @ 120 Hz and +20 °C
Rated Voltage
6.3, 10, 16, 25, 35, 50, 63, 80 & 100 Vdc
Operating Temperature Range
–55 ºC to +105 ºC
Leakage Current
0.01 CV or 3 µA @ +20 ºC, after two minutes (whichever is greater)
Ripple Current Multiplier
Dissipation Factor
Low Temperature Impedance Ratio Characteristics at 120 Hz
Life Test
2000 h @ 105 °C, 8.0 — 10.0 mm dia.
5000 h @ 105 °C, 12.5 — 18.0 mm dia.
∆ Capacitance ±30%
DF: ≤ 200% of limit
DCL: ≤ 100% of limit
Shelf Test
1000 h @ 105 °C
∆ Capacitance ±30%
DF: ≤ 200% of limit
DCL: ≤ 100% of limit
High Vibration Test
Capacitors with the high vibration base will pass a 30 G acceleration test from 5
Hz to 2000 Hz with a max. amplitude of 5 mm (peak to peak) for 2 hours each in
the X,Y and Z directions for a total of 6 hours. During the last 30 minutes of the
test, the measured capacitance shall be stable. After the test the capacitor shall
meet the following:
∆C at 120 Hz - Capacitance value will be within 5% of the initial value.
There will be no significant change in appearance.
RoHS Compliant
Specifications
Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
Highlights
• Withstands 30 G vibration test
• +105 °C, Up to 5000 Hour Load Life
• Capacitance Range: 10 µF to 6800 µF
• Voltage Range: 6.3 Vdc to 100 Vdc
Add 0.02 per 1000 µF for values greater than 1000 µF
Using a ruggedized construction, type AFK_V withstands a 30 G
vibration test and has 40% to 60% lower impedance, 30% to 50%
smaller case size and more than twice the life compared to general
purpose types. As the main countermeasure to vibration, the metal
case is inserted into a molded plastic retaining wall that surrounds
the part, keeping it firmly in place. Larger diameter leads provide
additional mechanical stability of the internal winding and a larger
soldering surface keeps the part firmly affixed to the PCB. Type
AFK_V is an excellent choice for power systems subjected to frequent
motion and vibration.
6.3V
10 V
16 V
25 V
35 V
50 V
63 V
80 V
100 V
0.26
0.19
0.16
0.14
0.12
0.1
0.08
0.08
0.07
Frequency
50/60 Hz
120 Hz
1 kHz
10 kHz
100 kHz
0.70
.0.75
0.90
0.95
1.00
Rated Voltage (Vdc)
6.3, 10, 16
25, 35, 50, 63, 80, 100
Z (-25°C)/Z(+20°C)
2
2
Z (-40°C)/Z(+20°C)
3
3
Z (-55°C)/Z(+20°C)
4
3


Similar Part No. - AFK-V

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AFK CDE-AFK Datasheet
487Kb / 7P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 째C
AFK CDE-AFK Datasheet
746Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
logo
List of Unclassifed Man...
AFK0608 ETC2-AFK0608 Datasheet
468Kb / 4P
   Mounting Bracket Kits
AFK0608SS ETC2-AFK0608SS Datasheet
468Kb / 4P
   Mounting Bracket Kits
AFK0608SS6 ETC2-AFK0608SS6 Datasheet
468Kb / 4P
   Mounting Bracket Kits
More results

Similar Description - AFK-V

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AFK687M63R44T-F CDE-AFK687M63R44T-F Datasheet
487Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK_V CDE-AFK_V Datasheet
1Mb / 8P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK CDE-AFK_18 Datasheet
746Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK477M25G24T-F CDE-AFK477M25G24T-F Datasheet
487Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK107M50F24T-F CDE-AFK107M50F24T-F Datasheet
487Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFC CDE-AFC_17 Datasheet
726Kb / 4P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AHA CDE-AHA Datasheet
329Kb / 6P
   Long Life Filtering, Bypassing, Power Supply Decoupling
AHA CDE-AHA_17 Datasheet
488Kb / 6P
   Long Life Filtering, Bypassing, Power Supply Decoupling
AVS CDE-AVS Datasheet
206Kb / 6P
   General Purpose Filtering, Bypassing, Power Supply Decoupling
HZA-V CDE-HZA-V Datasheet
788Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors For fi ltering, Bypassing and Power Supply Decoupling with Long Life Requirements
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com