Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

940C10W2K-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 940C10W2K-F
Description  High dV/dt for Snubber Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

940C10W2K-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  940C10W2K-F Datasheet HTML 1Page - Cornell Dubilier Electronics 940C10W2K-F Datasheet HTML 2Page - Cornell Dubilier Electronics 940C10W2K-F Datasheet HTML 3Page - Cornell Dubilier Electronics 940C10W2K-F Datasheet HTML 4Page - Cornell Dubilier Electronics 940C10W2K-F Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Type 940C, Polypropylene Capacitors, for Pulse, Snubber
High dV/dt for Snubber Applications
Type 940 round, axial leaded film capacitors have polypropylene
film and dual metallized electrodes for both self healing
properties and high peak current carrying capability (dV/dt). This
series features low ESR characteristics, excellent high frequency
and high voltage capabilities.
Highlights
- High dV/dt
- High pulse current
- Low inductance
- Self healing
Specifications
Capacitance Range
0.01 to 4.7 µF
Capacitance Tolerance
±10 % (K) Standard; ±5% (J) Optional
Rated Voltage
600 to 3000 Vdc (275 to 500 Vac, 60 Hz)
Operating Temperature Range
–55 ºC to 105 ºC*
*Full rated voltage at 85 ºC - derated linearly to 50% rated at 105 ºC
Maximum rms Current
Check tables for values
Insulation Resistance
> 100,000 MΩ x µF
Test Voltage between Terminals @ 25 ºC
160% rated DC voltage for 60 s
Test Voltage between Terminals & Case @ 25 ºC
3 kVac @ 50/60 Hz for 60 s
Life Test
2,000 h @ 85 ºC, 125% rated DC voltage
Life Expectancy
60,000 h @ rated Vdc, 70 ºC
30,000 h @ rated Vac, 70 ºC
RoHS Compliant
Dimensions
Construction Details
Case Material
UL510 Polyester Tape Wrap
Resin Material
UL94V-0 Epoxy Fill
Terminal Material
Tin Plated Copper
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Construction Diagram


Similar Part No. - 940C10W2K-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
940C10W2K-F ETC2-940C10W2K-F Datasheet
285Kb / 3P
   High dV/dt, Round Polypropylene Film Capacitors
logo
Cornell Dubilier Electr...
940C10W2K-F CDE-940C10W2K-F Datasheet
285Kb / 3P
   Type 940C through 943C Power Film Capacitors
More results

Similar Description - 940C10W2K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
942C CDE-942C Datasheet
285Kb / 6P
   Very High dV/dt for Snubber Applications
SCD CDE-SCD Datasheet
104Kb / 4P
   High dV/dt Direct Mount IGBT Snubber
logo
Surge Components
C24 SURGE-C24 Datasheet
5Mb / 16P
   High dv/dt ability
C28 SURGE-C28 Datasheet
3Mb / 11P
   High dv/dt ability
logo
Silikron Semiconductor ...
SSF7N60 SILIKRON-SSF7N60 Datasheet
439Kb / 6P
   Extremely high dv/dt capability
logo
STMicroelectronics
STP35N60DM2 STMICROELECTRONICS-STP35N60DM2 Datasheet
733Kb / 13P
   Extremely high dv/dt ruggedness
STW18N60DM2 STMICROELECTRONICS-STW18N60DM2 Datasheet
711Kb / 12P
   Extremely high dv/dt ruggedness
STB9NK80Z STMICROELECTRONICS-STB9NK80Z Datasheet
987Kb / 15P
   Extremely high dv/dt capability
STF35N60DM2 STMICROELECTRONICS-STF35N60DM2 Datasheet
691Kb / 13P
   Extremely high dv/dt ruggedness
September 2015 Rev 1
STP43N60DM2 STMICROELECTRONICS-STP43N60DM2 Datasheet
422Kb / 13P
   Extremely high dv/dt ruggedness
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com