Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFK227M10E16VT-F Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # AFK227M10E16VT-F
Description  Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AFK227M10E16VT-F Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  AFK227M10E16VT-F Datasheet HTML 1Page - Cornell Dubilier Electronics AFK227M10E16VT-F Datasheet HTML 2Page - Cornell Dubilier Electronics AFK227M10E16VT-F Datasheet HTML 3Page - Cornell Dubilier Electronics AFK227M10E16VT-F Datasheet HTML 4Page - Cornell Dubilier Electronics AFK227M10E16VT-F Datasheet HTML 5Page - Cornell Dubilier Electronics AFK227M10E16VT-F Datasheet HTML 6Page - Cornell Dubilier Electronics AFK227M10E16VT-F Datasheet HTML 7Page - Cornell Dubilier Electronics AFK227M10E16VT-F Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Cornell Dubilier
1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8564 Fax: (508)996-3830 www.cde.com
Cornell Dubilier
1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8564 Fax: (508)996-3830 www.cde.com
Type AFK_V, –55 °C to 105 °C, High Vibration
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 °C
Capacitance
(µF)
Catalog
Part Number
Max.
DCL
2 min.
(µA)
Max.
Dissipation
Factor
@120 Hz/20°C
Max. ESR
@100 kHz/20°C
(Ω)
Impedance
@100 kHz/20°C
(Ω)
Max.
Ripple Current
@100 kHz/105°C
(mA)
Case Code
Size
D x L
(mm)
Quantity
per Reel
80 Vdc (100 Vdc Surge)
10
AFK106M80E16VT-F
8
0.08
2.4
2.4
60
E
8 x 6.5
1000
22
AFK226M80F24VT-F
17.6
0.08
1.3
1.3
130
F
8 x 10.5
500
33
AFK336M80F24VT-F
26.4
0.08
1.3
1.3
130
F
8 x 10.5
500
47
AFK476M80G24VT-F
37.6
0.08
0.7
0.7
200
G
10 x 10.5
500
68
AFK686M80H32VT-F
54.4
0.08
0.32
0.32
500
H
12.5 x 13.8
200
100
AFK107M80H32VT-F
80
0.08
0.32
0.32
500
H
12.5 x 13.8
200
150
AFK157M80H32VT-F
120
0.08
0.32
0.32
500
H
12.5 x 13.8
200
330
AFK337M80P44VT-F
264
0.08
0.17
0.17
793
P
16 x 16.8
125
470
AFK477M80R44VT-F
376
0.08
0.15
0.15
917
R
18 x 16.8
125
100 Vdc (125 Vdc Surge)
22
AFK226M2AF24VT-F
22
0.07
1.3
1.3
130
F
8 x 10.5
500
33
AFK336M2AG24VT-F
33
0.07
0.7
0.7
200
G
10 x 10.5
500
47
AFK476M2AH32VT-F
47
0.07
0.32
0.32
500
H
12.5 x 13.8
200
68
AFK686M2AH32VT-F
68
0.07
0.32
0.32
500
H
12.5 x 13.8
200
100
AFK107M2AP44VT-F
100
0.07
0.17
0.17
793
P
16 x 16.8
125
150
AFK157M2AP44VT-F
150
0.07
0.17
0.17
793
P
16 x 16.8
125
220
AFK227M2AR44VT-F
220
0.07
0.15
0.15
917
R
18 x 16.8
125
330
AFK337M2AR44VT-F
330
0.07
0.15
0.15
917
R
18 x 16.8
125
Reel Dimensions
mm
Case
Code
E
F
G
H
P
R
D
380
380
380
330
330
330
W
18
26
26
34
46
46
Note: ≥50V, 8 and 10 mm Dia.; 235ºC peak solder temperature


Similar Part No. - AFK227M10E16VT-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AFK227M10E16VT-F CDE-AFK227M10E16VT-F Datasheet
1Mb / 8P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
More results

Similar Description - AFK227M10E16VT-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AFK687M63R44T-F CDE-AFK687M63R44T-F Datasheet
487Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK_V CDE-AFK_V Datasheet
1Mb / 8P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK CDE-AFK_18 Datasheet
746Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK477M25G24T-F CDE-AFK477M25G24T-F Datasheet
487Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK107M50F24T-F CDE-AFK107M50F24T-F Datasheet
487Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFC CDE-AFC_17 Datasheet
726Kb / 4P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AHA CDE-AHA Datasheet
329Kb / 6P
   Long Life Filtering, Bypassing, Power Supply Decoupling
AHA CDE-AHA_17 Datasheet
488Kb / 6P
   Long Life Filtering, Bypassing, Power Supply Decoupling
AVS CDE-AVS Datasheet
206Kb / 6P
   General Purpose Filtering, Bypassing, Power Supply Decoupling
HZA-V CDE-HZA-V Datasheet
788Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors For fi ltering, Bypassing and Power Supply Decoupling with Long Life Requirements
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com