Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20100CT-1 Datasheet(PDF) 4 Page - International Rectifier

Part # MBR20100CT-1
Description  SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBR20100CT-1 Datasheet(HTML) 4 Page - International Rectifier

  MBR20100CT-1 Datasheet HTML 1Page - International Rectifier MBR20100CT-1 Datasheet HTML 2Page - International Rectifier MBR20100CT-1 Datasheet HTML 3Page - International Rectifier MBR20100CT-1 Datasheet HTML 4Page - International Rectifier MBR20100CT-1 Datasheet HTML 5Page - International Rectifier MBR20100CT-1 Datasheet HTML 6Page - International Rectifier MBR20100CT-1 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MBR20...CT, MBRB20...CT, MBR20...CT-1
Bulletin PD-2.321 rev. I 08/02
4
www.irf.com
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
Fig. 5 - Max. Allowable Case Temperature
Vs. Average Forward Current (Per Leg)
Fig. 6 - Forward Power Loss Characteristics
(Per Leg)
(2) Formula used: T
C = TJ - (Pd + PdREV) x RthJC ;
Pd = Forward Power Loss = I
F(AV) x VFM @ (IF(AV) / D) (see Fig. 6);
Pd
REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = rated VR
100
1000
10
100
1000
10000
p
At An y Rated Load C ond ition
A n d W ith Rate d V
A p plie d
Follow in g Surg e
RRM
Sq uare W ave Pulse D uration - t
(m ic rose c )
0
2
4
6
8
10
0
2
4
6
8
1 0
1 2141 6
DC
F(A V )
RM S Lim it
A vera g e Forw ard C urrent - I
(A )
D = 0 .20
D = 0 .25
D = 0 .33
D = 0 .50
D = 0 .75
10 0
11 0
12 0
13 0
14 0
15 0
0
2
4
6
8
101 214
16
DC
F(A V)
see n ote (2)
A vera g e Forw a rd C urre n t - I
(A)
Sq ua re w ave (D = 0.50)
Rate d V
ap plie d
R


Similar Part No. - MBR20100CT-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR20100CT-1 VISHAY-MBR20100CT-1 Datasheet
132Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 21-Aug-08
logo
Sensitron
MBR20100CT-1-G SENSITRON-MBR20100CT-1-G Datasheet
103Kb / 4P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR20100CT-1P VISHAY-MBR20100CT-1P Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 14-Aug-08
MBR20100CT-1P VISHAY-MBR20100CT-1P Datasheet
180Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
MBR20100CT-1PBF VISHAY-MBR20100CT-1PBF Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 14-Aug-08
More results

Similar Description - MBR20100CT-1

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com