Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLC100J112B4B Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # BLC100J112B4B
Description  PCB Mount Power Film Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

BLC100J112B4B Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  BLC100J112B4B Datasheet HTML 1Page - Cornell Dubilier Electronics BLC100J112B4B Datasheet HTML 2Page - Cornell Dubilier Electronics BLC100J112B4B Datasheet HTML 3Page - Cornell Dubilier Electronics BLC100J112B4B Datasheet HTML 4Page - Cornell Dubilier Electronics BLC100J112B4B Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
p
p1
p1 ±0.4
p ±0.4
L ±1
W±1
1.20
H ±1
6+-
0
2
Type BLC Polypropylene Board Mount DC Link Capacitors
PCB Mount Power Film Capacitors
Specifications
Capacitance Range
8 to 55 µF
Capacitance Tolerance
±5% standard
Rated Voltage
700 to 1100 Vdc
Operating Temperature Range
-45 °C to 85 °C (ambient)
Maximum rms Current
see data tables
Maximum rms Voltage
230 Vac
Test Voltage between Terminals @ 25 °C
150% rated DC voltage for 10 s
Test Voltage between Terminals and Case @ 25°C
2 kVac @ 50/60 Hz for 10 s
Life Test
5000 h @ 85 °C, rated voltage
Reference Standards
IEC 61071
RoHS Compliant
Dimensions
Construction Details
Case Material
Plastic UL94V-0
Resin Material
Dry Resin UL94V-0
Terminal Material
Tin Plated Copper
CDE Cornell Dubilier • 1605 East Rodney French Blvd • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type BLC series uses the most advanced
metallized film technology for long life and high
reliability in DC Link applications. This series
combines high capacitance and very high ripple
current capability needed for today’s inverter
designs for medium power wind, solar, fuel cells,
UPS systems and more.
Highlights
- High capacitance
- High ripple current
- Self-healing
Type BLC Polypropylene Board Mount DC Link Capacitors


Similar Part No. - BLC100J112B4B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BLC100J112B4B ETC1-BLC100J112B4B Datasheet
294Kb / 4P
   Type BLC Polypropylene Board Mount DC Link Capacitors
More results

Similar Description - BLC100J112B4B

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4CAMUB3100AA0J KEMET-C4CAMUB3100AA0J Datasheet
1Mb / 10P
   Printed Circuit Board Mount Power Film Capacitors
C4GADUB4100AA4J KEMET-C4GADUB4100AA4J Datasheet
1Mb / 10P
   Printed Circuit Board Mount Power Film Capacitors
logo
Cornell Dubilier Electr...
FCN1913C124J-E1 CDE-FCN1913C124J-E1 Datasheet
559Kb / 8P
   Surface Mount Film Capacitors
FCP0603C101J-K1 CDE-FCP0603C101J-K1 Datasheet
387Kb / 6P
   Surface Mount Film Capacitors
logo
RUBYCON CORPORATION
MPX RUBYCON-MPX Datasheet
157Kb / 2P
   POWER FILM CAPACITORS
MPXA RUBYCON-MPXA Datasheet
114Kb / 1P
   POWER FILM CAPACITORS
HVC RUBYCON-HVC Datasheet
188Kb / 2P
   POWER FILM CAPACITORS
MPCA RUBYCON-MPCA Datasheet
189Kb / 2P
   POWER FILM CAPACITORS
MPC RUBYCON-MPC Datasheet
284Kb / 2P
   POWER FILM CAPACITORS
logo
TDK Electronics
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com