Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4CD180J03 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # CD4CD180J03
Description  Ultra-High-Frequency Capacitor for CATV and RF Applications 0.1??Lead Spacing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CD4CD180J03 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  CD4CD180J03 Datasheet HTML 1Page - Cornell Dubilier Electronics CD4CD180J03 Datasheet HTML 2Page - Cornell Dubilier Electronics CD4CD180J03 Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CDE Cornell Dubilier
1605 E. Rodney French Blvd.New Bedford, MA 02744Ph: (508)996-8561Fax: (508)996-3830www.cde.com
Type CD4 High-Frequency, Mica Capacitors
Typical Performance Curves
Insertion Loss
Over the frequency range of 100 MHz to 1 GHz
the insertion loss in a balanced 50 Ω or 75 Ω sys-
tem is flat ±0.2 dB. A typical test setup is below.
Choosing CD4, CD16, CDV16, CD18 or CDV18
While insertion loss is flat within ±.2dB through 1 GHz,
you may be able to avoid the small notch by changing
the capacitor type to fit your capacitance. See table at
right.
TYPE
Flat to Above 1 GHz
CD17
470 pF max
CD4
620 pF max
CD16
870 pF
CDV16
870 pF
CD18
660 pF max
CDV18
1000 pF max
Insertion Loss vs. Frequency for
CD17FC621JO3, 75 Ω System


Similar Part No. - CD4CD180J03

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CD4CD180D03 CDE-CD4CD180D03 Datasheet
171Kb / 2P
   High-Frequency, Mica Capacitors
More results

Similar Description - CD4CD180J03

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CD17 CDE-CD17 Datasheet
163Kb / 2P
   High-Frequency, Mica Capacitors High-Frequency Capacitors for CATV and RF Applications
logo
Sanyo Semicon Device
3SK265 SANYO-3SK265 Datasheet
76Kb / 3P
   VHF, CATV Tuner, High-Frequency Amp Applications?
logo
Toshiba Semiconductor
2SC1164 TOSHIBA-2SC1164 Datasheet
60Kb / 2P
   HIGH POWER AMPLIFIER FOR CATV APPLICATIONS.
2SC2318 TOSHIBA-2SC2318 Datasheet
58Kb / 2P
   HIGH POWER AMPLIFIER FOR CATV APPLICATIONS.
logo
Panasonic Semiconductor
ECW-H16153JV PANASONIC-ECW-H16153JV Datasheet
214Kb / 14P
   Designed for high frequency and pluse applications.
ECW-H20102JV PANASONIC-ECW-H20102JV Datasheet
214Kb / 14P
   Designed for high frequency and pluse applications.
logo
Murata Manufacturing Co...
GQM1885C2AR75CB01 MURATA-GQM1885C2AR75CB01 Datasheet
565Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2AR50CB01 MURATA-GQM1885C2AR50CB01 Datasheet
565Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2A3R6CB01 MURATA-GQM1885C2A3R6CB01 Datasheet
565Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2AR10BB01 MURATA-GQM1885C2AR10BB01 Datasheet
578Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com