Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFK336M63F24VT-F Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # AFK336M63F24VT-F
Description  Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AFK336M63F24VT-F Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  AFK336M63F24VT-F Datasheet HTML 1Page - Cornell Dubilier Electronics AFK336M63F24VT-F Datasheet HTML 2Page - Cornell Dubilier Electronics AFK336M63F24VT-F Datasheet HTML 3Page - Cornell Dubilier Electronics AFK336M63F24VT-F Datasheet HTML 4Page - Cornell Dubilier Electronics AFK336M63F24VT-F Datasheet HTML 5Page - Cornell Dubilier Electronics AFK336M63F24VT-F Datasheet HTML 6Page - Cornell Dubilier Electronics AFK336M63F24VT-F Datasheet HTML 7Page - Cornell Dubilier Electronics AFK336M63F24VT-F Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Cornell Dubilier
1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8564 Fax: (508)996-3830 www.cde.com
Cornell Dubilier
1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8564 Fax: (508)996-3830 www.cde.com
Type AFK_V, –55 °C to 105 °C, High Vibration
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 °C
Ratings Table
AFK
106
M
80
E
16VT
–F
Type Capacitance
Capacitance
Voltage Code
Case
Packaging Code
RoHS
Tolerance 06 = 6.3 Vdc
35 = 35 Vdc
Code 16 = Carrier tape
Compliant
106 = 10.0 µF
M = ±20%
10 = 10 Vdc
50 = 50 Vdc
Width (mm)
107 = 100.0 µF
16 = 16 Vdc
63 = 63 Vdc
T = Tape & Reel
108 = 1000.0 µF
25 = 25 Vdc
80 = 80 Vdc
V= High Vibration
2A = 100 Vdc
Type AFK –55 °C to 105 °C
Typical Performance Curves
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 °C
100
10
0.1
ESR vs. Temperature and Frequency
100
10
1
0.1
ESR vs. Temperature and Frequency
3300 µF @6.3 Vdc (12.5 X 13.5 mm)
100 µF @ 16 Vdc (6.3 X 5.8 mm)
100
–40°C
–20°C
0°C
25°C
45°C
85°C 65°C
105°
–55°C
–40°C
–20°C
0°C
25°C
45°C
85°C
65°C
105°C
–55°C
10
1
0.1
1
10
100
1,000
10,000
100,000
1,000,000
Frequency (Hz)
10
100
1,000
10,000
100,000
1,000,000
Frequency (Hz)
Impedance vs Temperature and Frequency
3300 µF /6.3 V (12.5 x13.5mm)
Impedance vs. Temperature and Frequency
100 µF @ 16 Vdc (6.3 X 5.8 mm)
–40°C
0°C
25°C
65°C
85°C
45°C
–20°C
105°C
–55°C
10
1
–40°C
0°C
25°C
65°C
85°C
45°C
–20°C
105°C
–55°C
0.1
0.01
0.001
10
100
1,000
10,000
100,000
1,000,000
10
100
1000
10000
100000
1000000
Frequency (Hz)
Dissipation Factor vs.
Frequency (Hz)
Capacitance Change vs. Time
Temperature
(AFK Series Typical Performance)
3
5
0
-5
-10
2
1
-20
0.01
22 µF @ 6.3 Vdc (4 x 5.4 mm)
100 µF @ 6.3 Vdc ( 6.3 x 5.4 mm)
1500 µF @ 6.3 Vdc (10 x 10.2 mm)
0
0
500
1000
1500
2000
2500
3000
3500
-60
-10
40
90
140
47 µF @ 6.3 Vdc (4 X 5.8 mm)
100 µF @ 6.3 Vdc (6.3 X 5.8 mm)
1000 µF @ 6.3 Vdc (8 X 10.2 mm)
Time (Hours)
Temperature (°C)
Cornell Dubilier
1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8564 Fax: (508)996-3830 www.cde.com.
-15
Type AFK –55 °C to 105 °C
Typical Performance Curves
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 °C
100
10
0.1
ESR vs. Temperature and Frequency
100
10
1
0.1
ESR vs. Temperature and Frequency
3300 µF @6.3 Vdc (12.5 X 13.5 mm)
100 µF @ 16 Vdc (6.3 X 5.8 mm)
100
–40°C
–20°C
0°C
25°C
45°C
85°C 65°C
105°
–55°C
–40°C
–20°C
0°C
25°C
45°C
85°C
65°C
105°C
–55°C
10
1
0.1
1
10
100
1,000
10,000
100,000
1,000,000
Frequency (Hz)
10
100
1,000
10,000
100,000
1,000,000
Frequency (Hz)
Impedance vs Temperature and Frequency
3300 µF /6.3 V (12.5 x13.5mm)
Impedance vs. Temperature and Frequency
100 µF @ 16 Vdc (6.3 X 5.8 mm)
–40°C
0°C
25°C
65°C
85°C
45°C
–20°C
105°C
–55°C
10
1
–40°C
0°C
25°C
65°C
85°C
45°C
–20°C
105°C
–55°C
0.1
0.01
0.001
10
100
1,000
10,000
100,000
1,000,000
10
100
1000
10000
100000
1000000
Frequency (Hz)
Dissipation Factor vs.
Frequency (Hz)
Capacitance Change vs. Time
Temperature
(AFK Series Typical Performance)
3
5
0
-5
-10
2
1
-20
0.01
22 µF @ 6.3 Vdc (4 x 5.4 mm)
100 µF @ 6.3 Vdc ( 6.3 x 5.4 mm)
1500 µF @ 6.3 Vdc (10 x 10.2 mm)
0
0
500
1000
1500
2000
2500
3000
3500
-60
-10
40
90
140
47 µF @ 6.3 Vdc (4 X 5.8 mm)
100 µF @ 6.3 Vdc (6.3 X 5.8 mm)
1000 µF @ 6.3 Vdc (8 X 10.2 mm)
Time (Hours)
Temperature (°C)
Cornell Dubilier
1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8564 Fax: (508)996-3830 www.cde.com.
-15
Typical Performance Curves
Capacitance
(µF)
Catalog
Part Number
Max.
DCL
2 min.
(µA)
Max.
Dissipation
Factor
@120 Hz/20°C
Max. ESR
@100 kHz/20°C
(Ω)
Impedance
@100 kHz/20°C
(Ω)
Max.
Ripple Current
@100 kHz/105°C
(mA)
Case
Code
Size
D x L
(mm)
Quantity
per Reel
6.3 Vdc (8 Vdc Surge)
330
AFK337M06E16VT-F
20.8
0.26
0.26
0.26
300
E
8 x 6.5
1000
470
AFK477M06F24VT-F
29.6
0.26
0.16
0.16
600
F
8 x 10.5
500
1000
AFK108M06F24VT-F
63
0.26
0.16
0.16
600
F
8 x 10.5
500
1500
AFK158M06G24VT-F
94.8
0.26
0.08
0.08
850
G
10 x 10.5
500
3300
AFK338M06H32VT-F
207.9
0.30
0.06
0.06
1100
H
12.5 x 13.8
200
6800
AFK688M06P44VT-F
428.4
0.36
0.035
0.035
1800
P
16 x 16.8
125
10 Vdc (13 Vdc Surge)
220
AFK227M10E16VT-F
22
0.19
0.26
0.26
300
E
8 x 6.5
1000
330
AFK337M10F24VT-F
33
0.19
0.16
0.16
600
F
8 x 10.5
500
470
AFK477M10F24VT-F
47
0.19
0.16
0.16
600
F
8 x 10.5
500
680
AFK687M10F24VT-F
68
0.19
0.16
0.16
600
F
8 x 10.5
500
1000
AFK108M10G24VT-F
100
0.19
0.08
0.08
850
G
10 x 10.5
500
2200
AFK228M10H32VT-F
220
0.21
0.06
0.06
1100
H
12.5 x 13.8
200
4700
AFK478M10P44VT-F
470
0.25
0.035
0.035
1800
P
16 x 16.8
125
6800
AFK688M10R44VT-F
680
0.29
0.033
0.033
2060
R
18 x 16.8
125
16 Vdc (20 Vdc Surge)
220
AFK227M16E16VT-F
35.2
0.16
0.26
0.26
300
E
8 x 6.5
1000
330
AFK337M16F24VT-F
52.8
0.16
0.16
0.16
600
F
8 x 10.5
500
470
AFK477M16F24VT-F
75.2
0.16
0.16
0.16
600
F
8 x 10.5
500
680
AFK687M16G24VT-F
108.8
0.16
0.08
0.08
850
G
10 x 10.5
500
1500
AFK158M16H32VT-F
240
0.16
0.06
0.06
1100
H
12.5x 13.8
200
3300
AFK338M16P44VT-F
528
0.2
0.035
0.035
1800
P
16 x 16.8
125
4700
AFK478M16R44VT-F
752
0.22
0.033
0.033
2060
R
18 x 16.8
125


Similar Part No. - AFK336M63F24VT-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AFK336M63F24VT-F CDE-AFK336M63F24VT-F Datasheet
1Mb / 8P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
More results

Similar Description - AFK336M63F24VT-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AFK687M63R44T-F CDE-AFK687M63R44T-F Datasheet
487Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK_V CDE-AFK_V Datasheet
1Mb / 8P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK CDE-AFK_18 Datasheet
746Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK477M25G24T-F CDE-AFK477M25G24T-F Datasheet
487Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK107M50F24T-F CDE-AFK107M50F24T-F Datasheet
487Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFC CDE-AFC_17 Datasheet
726Kb / 4P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AHA CDE-AHA Datasheet
329Kb / 6P
   Long Life Filtering, Bypassing, Power Supply Decoupling
AHA CDE-AHA_17 Datasheet
488Kb / 6P
   Long Life Filtering, Bypassing, Power Supply Decoupling
AVS CDE-AVS Datasheet
206Kb / 6P
   General Purpose Filtering, Bypassing, Power Supply Decoupling
HZA-V CDE-HZA-V Datasheet
788Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors For fi ltering, Bypassing and Power Supply Decoupling with Long Life Requirements
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com