Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDLSD104V5R5C Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # EDLSD104V5R5C
Description  Ultra High Capacitance, Small Case Size Options
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

EDLSD104V5R5C Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  EDLSD104V5R5C Datasheet HTML 1Page - Cornell Dubilier Electronics EDLSD104V5R5C Datasheet HTML 2Page - Cornell Dubilier Electronics EDLSD104V5R5C Datasheet HTML 3Page - Cornell Dubilier Electronics EDLSD104V5R5C Datasheet HTML 4Page - Cornell Dubilier Electronics EDLSD104V5R5C Datasheet HTML 5Page - Cornell Dubilier Electronics EDLSD104V5R5C Datasheet HTML 6Page - Cornell Dubilier Electronics EDLSD104V5R5C Datasheet HTML 7Page - Cornell Dubilier Electronics EDLSD104V5R5C Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Type EDL , Electric Double Layer Supercapacitors
Ratings
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
+85 ºC
+70 ºC
F
NF
SG
SD
+70 ºC
EN
+70 ºC
HW
+60 ºC
Catalog
Part Number
Capacitance
Voltage
(Vdc)
Max.
Resistance
@ 1 kHz
(Ω)
Case
Type
Case
Dia.
(mm)
Case
Length
(mm)
Style
EDLHW335D2R3R**
3.3 F
2.3
0.3
Radial
Lead
12.5
23
EDLHW475D2R3R**
4.7 F
0.3
12.5
23
EDLHW106D2R3R**
10 F
0.2
12.5
35
EDLHW226D2R3R**
22 F
0.1
18
35
EDLHW306D2R3R**
30 F
0.1
18
35
EDLHW506D2R3R**
50 F
0.1
18
40
EDLHW706D2R1R**
70 F
2.1
0.1
18
50
EDLF473A5R5C^
0.047 F
5.5
120
Stacked
Coin
13.5
9.5
EDLF104A5R5C
0.10 F
100
13.5
9.5
EDLF474B5R5C
0.47 F
75
21.5
9.5
EDLF684B5R5C
0.68 F
50
21.5
9.5
EDLF105B5R5C
1.00 F
50
21.5
9.5
EDLNF104A5R5C^
.10 F
5.5
75
Stacked
Coin
13.5
7.5
EDLNF224A5R5C
.22 F
75
13.5
7.5
EDLNF474B5R5C
.47 F
30
21.5
8.0
EDLNF105B5R5C
1.0 F
30
21.5
8.0
EDLNF155B5R5C
1.5 F
30
21.5
8.0
EDLSG474V5R5C
.47 F
5.5
30
Stacked
Coin
19
5.0
EDLSG105V5R5C
1.0 F
30
19
5.0
EDLSG155V5R5C
1.5 F
30
19
5.0
EDLSG474H5R5C
.47 F
5.5
30
Stacked
Coin
20
6.0
EDLSG105H5R5C
1.0 F
30
20
6.0
EDLSG155H5R5C
1.5 F
30
20
6.0
EDLSD223V5R5C**
.022 F
5.5
150
Stacked
Coin
10.5
5.0
EDLSD473V5R5C**
.047 F
120
10.5
5.0
EDLSD104V5R5C^
.10 F
75
10.5
5.0
EDLSD224V5R5C
.22 F
75
10.5
5.0
EDLSD334V5R5C
.33 F
75
10.5
5.0
EDLSD223H5R5C**
.022 F
5.5
150
Stacked
Coin
11.5
5.5
EDLSD473H5R5C**
.047 F
120
11.5
5.5
EDLSD104H5R5C^
.10 F
75
11.5
5.5
EDLSD224H5R5C
.22 F
75
11.5
5.5
EDLSD334H5R5C
.33 F
75
11.5
5.5
EDLEN204A3R3S**
.20 F
3.3
200
SMT Wide Lead
6.8
1.8
EDLEN204RL3R3S**
.20 F
3.3
200
SMT Radial Lead
6.8
1.8
** Product is obsolete and no longer available.
^ Product has been discontinued, replacement part is part-number below discontinued number.


Similar Part No. - EDLSD104V5R5C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
EDLSD104V5R5C CDE-EDLSD104V5R5C Datasheet
1Mb / 8P
   Electric Double Layer Supercapacitors
More results

Similar Description - EDLSD104V5R5C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLPX CDE-SLPX Datasheet
376Kb / 9P
   Small case size with high capacitance
380LQ CDE-380LQ_15 Datasheet
626Kb / 10P
   High Capacitance per Case Size
logo
WALSIN TECHNOLOGY CORPO...
1206B104K500CT WALSIN-1206B104K500CT Datasheet
5Mb / 22P
   High capacitance in given case size
MG31B104K500CT WALSIN-MG31B104K500CT Datasheet
4Mb / 22P
   High capacitance in given case size
logo
Illinois Capacitor, Inc...
MHBS ILLINOISCAPACITOR-MHBS Datasheet
724Kb / 11P
   Small size - High voltage ??High Capacitance
QPC ILLINOISCAPACITOR-QPC Datasheet
488Kb / 3P
   Small size - High voltage ??High Capacitance
MHBA ILLINOISCAPACITOR-MHBA Datasheet
636Kb / 8P
   Small size - High voltage ??High Capacitance
logo
Cornell Dubilier Electr...
381LQ CDE-381LQ_16 Datasheet
622Kb / 11P
   Higher Capacitance per Case Size
logo
Panasonic Battery Group
ECJ0EB1C105M PANASONICBATTERY-ECJ0EB1C105M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance) Small size and high capacitance
logo
Vishay Siliconix
DLA15005 VISHAY-DLA15005 Datasheet
108Kb / 4P
   Wet Tantalum Capacitors, Ultra-High Capacitance, Tantalum Case
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com