Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMR03E750JOAR Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # CMR03E750JOAR
Description  High-Reliability Dipped Capacitors/MIL-PRF-39001
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CMR03E750JOAR Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  CMR03E750JOAR Datasheet HTML 1Page - Cornell Dubilier Electronics CMR03E750JOAR Datasheet HTML 2Page - Cornell Dubilier Electronics CMR03E750JOAR Datasheet HTML 3Page - Cornell Dubilier Electronics CMR03E750JOAR Datasheet HTML 4Page - Cornell Dubilier Electronics CMR03E750JOAR Datasheet HTML 5Page - Cornell Dubilier Electronics CMR03E750JOAR Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CDE Cornell Dubilier
1605 E. Rodney French Blvd.New Bedford, MA 02744Ph: (508)996-8564Fax: (508)996-3830www.cde.com
Type CMR , High-Reliability, Mica Capacitors
Specifications
Capacitance is within tolerance when
measured at these frequencies:
1 - 1000 pF @ 1 MHz
> 1000 pF @ 1 Khz
Dissipation Factor limits are below.
Measure dissipation factor at 1 MHz
when the capacitance is 1 pF to 1000
pF, and at 1 kHz when the capacitance
is greater than 1000 pF. Dissipation
factor is equal to DF = 2pfRC, where f
is the test frequency, R is the equivalent
series resistance, and C is the capaci-
tance. For other capacitance values,
see Figure 1.
Capacitance
Dissipation Factor
100-1000 pF 0.00075 max at 1 MHz
1100-3300 pF 0.0014 max at 1 kHz
3600-9100 pF 0.0013 max at 1 kHz
10,000 pF
0.0012 max at 1 kHz
Quality Factor (Q) is the reciprocal of
dissipation factor.
Insulation Resistance for capacitanc-
es up to 10,000 pF is greater than 100
G. at 25 ºC, greater then 10 G. at 125
ºC, and greater than 5 G. at 150 ºC. For
other capacitance values and tempera-
tures, see Figure 2.
Withstanding Voltage is two times
the rated voltage, and can be applied
up to 5 seconds without damage.
Temperature Coefficient and Capaci-
tance Drift measure the capacitors’
capacitance at 25 ºC, -55 ºC, 25 ºC, 125 ºC
(or 150 ºC) and at 25 ºC after stabilizing
at each temperature. The capaciance
will meet the limits of the Characteristic
table shown in Ordering Information.
Failure Rate: Type CMR capacitors have
specified failure rate levels ranging from
0.01% to 1.0% per 1000 hours. The fail-
ure rate level is established at 90% confi-
dence level and is referred to operation-
al life at full rated voltage at maximum
rated temperature.
High Voltage Stabilization: We sub-
ject capacitors with Failure Levels M, P,
and R to a burn-in at twice rated voltage,
at rated temperature, for a minimum of
48 hours. Capacitors that show dam-
age, arcing, breakdown, or low IR are
removed. We reject the lot if more then
8% of the capacitors fail.
Solderability: After an 8-hour steam
aging, coat leads with a rosin flux (R)
and immerse in molten 245 ºC ±5 ºC
60/40 tin/lead solder. Solder coverage
will be no less than 95% when examined
at 10X magnification.
Life Test: Subject the capacitors to
maximum operating temperature (+125
ºC or +150 ºC) with 1.5 times rated volt-
age applied for 10,000 hours.
Take
readings and make visual observations
every 2000 hours.
There will be no visual damage and the
capacitors will meet the after-test limits
on the following page.
Resistance to Solvents: Subject the
capacitors to three cycles of 3 minute
immersion in solvent, 10 strokes with
bristle brush and, where applicable,
½ minute in vapor, per MIL-STD-202,
Method 215. Repeat the three cycles for
three solvent mixtures: Isolpropyl alchol
mixture (Solvent 1), azeotrope mixture
(Solvent 3), and water/propylene-glycol
mixture (Solvent 4). The marking will
not rub off or smear and there will be no
visible damage to the capacitor body.
Refer to MIL-STD-202 for details.
Resistance to Soldering Heat: Capac-
itors will meet the requirements of MIL-
STD-202, Method 210 Test Condition G.
Immerse capacitor leads to within .250
inches (6.4 mm) of the body in molten
tin/lead solder (260 ºC ±5 ºC) for 10 ±2
seconds. Allow to cool. Capacitors will
meet the after-test limits on the follow-
ing page.
Marking of capacitors conforms to
method I of MIL-STD-1285, and includes
the type designation, “JAN,” brand,
trademark, source code, date code, rat-
ed voltage, capacitance, capacitance
tolerance, and the highest rated tem-
perature. Small capacitors are marked
with the letter “J”.


Similar Part No. - CMR03E750JOAR

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CMR03E750JOYR CDE-CMR03E750JOYR Datasheet
305Kb / 6P
   High-Reliability Dipped Capacitors/MIL-PRF-39001
More results

Similar Description - CMR03E750JOAR

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CMR05E270JODM CDE-CMR05E270JODM Datasheet
305Kb / 6P
   High-Reliability Dipped Capacitors/MIL-PRF-39001
logo
Kyocera Kinseki Corpota...
TAZ KSS-TAZ Datasheet
1Mb / 14P
   CWR09 - MIL-PRF-55365/4 Established Reliability
logo
Kemet Corporation
T419 KEMET-T419 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??MIL-PRF
logo
Vishay Siliconix
RNC55H1502FSB14 VISHAY-RNC55H1502FSB14 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified
Revision: 21-Sep-12
logo
AVX Corporation
CYR51 AVX-CYR51 Datasheet
82Kb / 2P
   Glass Capacitors CYR51, 52, 53 (Established Reliability) M23269/10 (QPL to MIL-PRF-23269)
CDR31-35 AVX-CDR31-35 Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
M123 AVX-M123 Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
logo
Kyocera Kinseki Corpota...
CDR31 KSS-CDR31 Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
logo
AVX Corporation
CDR31BX102BKUR AVX-CDR31BX102BKUR Datasheet
51Kb / 4P
   MIL-PRF-55681/Chips
CYR10 AVX-CYR10 Datasheet
91Kb / 2P
   Glass Capacitors CYR10, 15 (Established Reliability) M23269/01, 02 (QPL to MIL-PRF-23269)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com