Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPP6P1K-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # DPP6P1K-F
Description  Polypropylene Radial Leaded Film Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DPP6P1K-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  DPP6P1K-F Datasheet HTML 1Page - Cornell Dubilier Electronics DPP6P1K-F Datasheet HTML 2Page - Cornell Dubilier Electronics DPP6P1K-F Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type DPP Polypropylene Radial Leaded Film Capacitors
Film/Foil
Radial Leaded
Type DPP radial leaded polypropylene film/foil
capacitors are non-inductively wound. Very low
dissipation factor and high insulation resistance con-
tribute to excellent performance and long-term sta-
bility characteristics. Low ESR, DF and its inherent
stability make Type DPP an ideal choice for tight tol-
erance, pulse and high-frequency applications.
Specifications
Capacitance Range:
0.001 to 0.47 µF
Voltage Range:
100 to 630 Vdc
(70 to 250 Vac, 60 Hz)
Capacitance Tolerance:
±10% standard,
±5% optional
Operating Temperature Range:
–55 ºC to +105 ºC*
NOTE: Other capacitance values, sizes and performance specifications
are available. Please contact CDE.
Dielectric Strength:
200% (1 minute)
Dissipation Factor:
0.10% Max. (+25 ºC, 1 kHz)
Insulation Resistance:
50,000 MΩ·µF,
100,000 MΩ Min.
Life Test:
1000 hr at 85 ºC at 125% rated voltage
*Full rated voltage at 85 ºC, derated linearly to 50% rated voltage at +105 ºC
High Frequency
Precise Values
Pulse Capability
Body Length
Rated
0.630
.790 - .940
≥1.02
Volts
dV/dt — volts per microsecond, max.
100
4200
4000
1900
250
6900
4100
2400
400
19000
10000
3200
630
60000
20000
6700
Ratings
Catalog
Cap
Part Number
T Max.
H Max.
L Max.
S ±0.06 (±1.5) d ±0.05 (1.27)
(µF)
Inches (mm)
Inches (mm)
Inches (mm)
Inches (mm)
Inches (mm)
100 Vdc (70 Vac 60 Hz)
.033
DPP1S33K-F
0.315 (8.0)
0.532 (13.5)
0.768 (19.5)
0.591 (15.0)
.024 (.6)
.047
DPP1S47K-F
0.335 (8.5)
0.610 (15.5)
0.768 (19.5)
0.591 (15.0)
.024 (.6)
.068
DPP1S68K-F
0.374 (9.5)
0.650 (16.5)
0.788 (20.0)
0.591 (15.0)
.024 (.6)
.10
DPP1P1K-F
0.394 (10.4)
0.670 (17.0)
1.024 (26.0)
0.788 (20.0)
.024 (.6)
.15
DPP1P15K-F
0.433 (11.0)
0.748 (19.0)
1.024 (26.0)
0.788 (20.0)
.032 (.8)
.22
DPP1P22K-F
0.512 (13.0)
0.748 (19.0)
1.024 (26.0)
0.788 (20.0)
.032 (.8)
.33
DPP1P33K-F
0.551 (14.0)
0.827 (21.0)
1.260 (32.0)
1.083 (27.5)
.032 (.8)
.47
DPP1P47K-F
0.630 (16.0)
0.945 (24.0)
1.260 (32.0)
1.083 (27.5)
.032 (.8)
250 Vdc (140 Vac 60 Hz)
.010
DPP2S1K-F
0.276 (7.0)
0.473 (12.0)
0.591 (15.0)
0.394 (10.0)
0.024 (.6)
.015
DPP2S15K-F
0.295 (7.5)
0.473 (12.0)
0.591 (15.0)
0.394 (10.0)
0.024 (.6)
.022
DPP2S22K-F
0.315 (8.0)
0.512 (13.0)
0.591 (15.0)
0.394 (10.0)
0.024 (.6)
RoHS Compliant


Similar Part No. - DPP6P1K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DPP6P1K-F CDE-DPP6P1K-F Datasheet
107Kb / 2P
   Polypropylene Radial Leaded Film Capacitors High Frequency Precise Values
More results

Similar Description - DPP6P1K-F

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
logo
Cornell Dubilier Electr...
DPP1S33K-F CDE-DPP1S33K-F Datasheet
107Kb / 2P
   Polypropylene Radial Leaded Film Capacitors High Frequency Precise Values
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G Datasheet
402Kb / 9P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
105MHBA06K2H ILLINOISCAPACITOR-105MHBA06K2H Datasheet
271Kb / 7P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com