Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLS173M7R5EK0C Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # MLS173M7R5EK0C
Description  Now Available with High Vibration and High Reliability Options
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLS173M7R5EK0C Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  MLS173M7R5EK0C Datasheet HTML 1Page - Cornell Dubilier Electronics MLS173M7R5EK0C Datasheet HTML 2Page - Cornell Dubilier Electronics MLS173M7R5EK0C Datasheet HTML 3Page - Cornell Dubilier Electronics MLS173M7R5EK0C Datasheet HTML 4Page - Cornell Dubilier Electronics MLS173M7R5EK0C Datasheet HTML 5Page - Cornell Dubilier Electronics MLS173M7R5EK0C Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type MLS 125 °C Flatpack, Ultra Long Life, Aluminum Electrolytic
Available with High Vibration and High Reliability Options
Vibration Test
Level
The specimens, while deenergized or operating under the load conditions
specified, shall be subjected to the vibration amplitude, frequency range,
and duration specified for each case size.
Amplitude
The specimens shall be subjected to a simple harmonic motion having
an amplitude of either 0.06-inch double amplitude (maximum total
excursion) or peak level specified above (XXg peak), whichever is less. The
tolerance on vibration amplitude shall be ±10 percent.
Frequency Range
The vibration frequency shall be varied logarithmically between the
approximate limits of 10 to 2,000 Hz.
Sweep Time and Duration
The entire frequency range of 10 to 2,000 Hz and return to 10 Hz shall be
traversed in 20 minutes. This cycle shall be performed 12 times in each
of three mutually perpendicular directions (total of 36 times), so that
the motion shall be applied for a total period of approximately 12 hours.
Interruptions are permitted provided the requirements for rate of change
and test duration are met.
High Reliability Test/Burn-in
Established Reliability capacitors shall be subjected to a minimum of 100
percent of the dc rated voltage at 85 ºC for 48 hours minimum but not to
exceed 96 hours. During this test, capacitors shall be adequately protected
against temporary voltage surges of 10 percent or more of the test
voltage. After burn-in, the capacitors shall be returned to room ambient
conditions and the dc leakage, capacitance, and ESR shall be measured
with respect to specified limits.
Thermal Resistance
ESL
≤30 nH measured 1/4” from case at 1 MHz
Weight
Case EK 43 g typical
Case EA 76 g typical
Case EB 92 g typical
Terminals
18 AWG copper wire with 60/40 tin-lead electroplate, 20 amps max
Ripple Current Capability
The ripple current capability is set by the maximum permissible internal
core temperature, 125 ºC.
Air Cooled
The ripple currents in the ratings tables are for 85 ºC case temperatures.
For air temperatures without a heatsink use the multipliers Ambient
Temperature, No Heatsink.
Heatsink Cooled
Temperature rise from the internal hottest spot, the core, to ambient air is
∆T = I2(ESR)(θcc + θca)
where θcc is the thermal resistance from core to case and θca from case to
ambient. To calculate maximum ripple capability with the MLS attached to
a heatsink use the maximum core temperature and the values for θcc.
Example
As an illustration, suppose you operate an insulated MLS332M060EB1C
in 65 ºC air and attach it to a commercial heatsink with a free-air thermal
resistance of 2.7 ºC/W. Use a good thermal grease between the MLS and
the heatsink, and the total thermal resistance is 2.7 +1.8 or 4.5 ºC/W. The
power which would heat the core to 125 °C is (125 - 65)/4.5 or 13.3 W. For
an ESR of 31 mΩ, 13.3 W equates to a ripple current of 20.7 A, however, the
wire leads are rated for only 20 A.
Large Sides
Heatsinked
Case Length
1.5"
2.0"
3.0"
Insulation
ºC/W
ºC/W
ºC/W
one
None
4.3
3.1
2.0
Polyester
4.7
3.4
2.2
both
None
2.8
2.0
1.3
Polyester
3.0
2.2
1.4


Similar Part No. - MLS173M7R5EK0C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLS173M7R5EK0C CDE-MLS173M7R5EK0C Datasheet
467Kb / 4P
   125 ?C Stainless Flatpack,Ultra-Long Life, Aluminum
MLS173M7R5EK0C CDE-MLS173M7R5EK0C Datasheet
1,017Kb / 6P
   Now Available with High Vibration and High Reliability Options
More results

Similar Description - MLS173M7R5EK0C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLS CDE-MLS_18 Datasheet
1,017Kb / 6P
   Now Available with High Vibration and High Reliability Options
MLSG CDE-MLSG_18 Datasheet
421Kb / 6P
   Available with High Vibration and High Reliability Options
MLSG CDE-MLSG Datasheet
355Kb / 6P
   Available with High Vibration and High Reliability Options
logo
Kyocera Kinseki Corpota...
KT5032 KSS-KT5032_12 Datasheet
177Kb / 1P
   High stability and high reliability 2.7 to 5.5V drive available
logo
EUROQUARTZ limited
CX1HGSM EUROQUARTZ-CX1HGSM Datasheet
134Kb / 2P
   High shock and vibration resistance
logo
Linx Technologies
OTX-ACC-RTR-32-LD LINX-OTX-ACC-RTR-32-LD Datasheet
336Kb / 1P
   Custom options available for high volume orders
12/14/12
logo
Murata Manufacturing Co...
CSTNE14M7V53C000R0 MURATA-CSTNE14M7V53C000R0 Datasheet
185Kb / 2P
   High reliability and available for a wide temperature range
logo
EUROQUARTZ limited
CX3HGSMAT EUROQUARTZ-CX3HGSMAT Datasheet
124Kb / 1P
   Very high shock and vibration survival
logo
PETERMANN-TECHNIK
M4518 PETERMANN-M4518 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST AVAILABLE AS TCXO AND VCTCXO
M4517 PETERMANN-M4517 Datasheet
139Kb / 3P
   HIGH RELIABILITY FOR LOW COST AVAILABLE AS TCXO AND VCTCXO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com