Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLS433M7R5EB0C Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # MLS433M7R5EB0C
Description  Now Available with High Vibration and High Reliability Options
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLS433M7R5EB0C Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  MLS433M7R5EB0C Datasheet HTML 1Page - Cornell Dubilier Electronics MLS433M7R5EB0C Datasheet HTML 2Page - Cornell Dubilier Electronics MLS433M7R5EB0C Datasheet HTML 3Page - Cornell Dubilier Electronics MLS433M7R5EB0C Datasheet HTML 4Page - Cornell Dubilier Electronics MLS433M7R5EB0C Datasheet HTML 5Page - Cornell Dubilier Electronics MLS433M7R5EB0C Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Typical Performance Curves
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type MLS 125 °C Flatpack, Ultra Long Life, Aluminum Electrolytic
Available with High Vibration and High Reliability Options
0
10
20
30
40
50
60
70
80
90
100
0
200
400
600
800
1000
0
2000
4000
6000
8000
10000
12000
Test Hours
MLS103M150EB0D Life Test at 125
°C, 150 V
ESR
Capacitance
13000
0
0.2
0.4
0.6
0.8
1
1.2
10
100
1000
10000
100000
Frequency (Hz)
Capacitance vs Temperature & Frequency, 820 µF, 200 V
125 ºC
25 ºC
85 ºC
0 ºC
–40 ºC
100 ºC
–20 ºC
65 ºC
45 ºC
0.1
1
10
100
10
100
1000
10000
100000
1000000
Frequency (Hz)
MLS ESR vs Temperature and Frequency, 1100 µF, 75 V
–40 ºC
–20 ºC
25 ºC
65 ºC
125 ºC
–55 ºC
0 ºC
|
500000
15.3
0.033 Ω
0.47 Ω
0.028 Ω
0
0.2
0.4
0.6
0.8
1
1.2
10
100
1000
10000
100000
1000000
Frequency (Hz)
MLS Capacitance vs Temperature & Frequency, 1100 µF 75 V
125 ºC
25 ºC
–55 ºC
–40 ºC
65 ºC
–20 ºC
0 ºC
1.12
1102 µF
970 µF
881µF


Similar Part No. - MLS433M7R5EB0C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLS433M7R5EB0C CDE-MLS433M7R5EB0C Datasheet
467Kb / 4P
   125 ?C Stainless Flatpack,Ultra-Long Life, Aluminum
MLS433M7R5EB0C CDE-MLS433M7R5EB0C Datasheet
1,017Kb / 6P
   Now Available with High Vibration and High Reliability Options
More results

Similar Description - MLS433M7R5EB0C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLS CDE-MLS_18 Datasheet
1,017Kb / 6P
   Now Available with High Vibration and High Reliability Options
MLSG CDE-MLSG_18 Datasheet
421Kb / 6P
   Available with High Vibration and High Reliability Options
MLSG CDE-MLSG Datasheet
355Kb / 6P
   Available with High Vibration and High Reliability Options
logo
Kyocera Kinseki Corpota...
KT5032 KSS-KT5032_12 Datasheet
177Kb / 1P
   High stability and high reliability 2.7 to 5.5V drive available
logo
EUROQUARTZ limited
CX1HGSM EUROQUARTZ-CX1HGSM Datasheet
134Kb / 2P
   High shock and vibration resistance
logo
Linx Technologies
OTX-ACC-RTR-32-LD LINX-OTX-ACC-RTR-32-LD Datasheet
336Kb / 1P
   Custom options available for high volume orders
12/14/12
logo
Murata Manufacturing Co...
CSTNE14M7V53C000R0 MURATA-CSTNE14M7V53C000R0 Datasheet
185Kb / 2P
   High reliability and available for a wide temperature range
logo
EUROQUARTZ limited
CX3HGSMAT EUROQUARTZ-CX3HGSMAT Datasheet
124Kb / 1P
   Very high shock and vibration survival
logo
PETERMANN-TECHNIK
M4518 PETERMANN-M4518 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST AVAILABLE AS TCXO AND VCTCXO
M4517 PETERMANN-M4517 Datasheet
139Kb / 3P
   HIGH RELIABILITY FOR LOW COST AVAILABLE AS TCXO AND VCTCXO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com