Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCP1206H822J-H2 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # FCP1206H822J-H2
Description  Stable Stacked Metallized Film (PPS) Chips for Reflow Soldering
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

FCP1206H822J-H2 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  FCP1206H822J-H2 Datasheet HTML 1Page - Cornell Dubilier Electronics FCP1206H822J-H2 Datasheet HTML 2Page - Cornell Dubilier Electronics FCP1206H822J-H2 Datasheet HTML 3Page - Cornell Dubilier Electronics FCP1206H822J-H2 Datasheet HTML 4Page - Cornell Dubilier Electronics FCP1206H822J-H2 Datasheet HTML 5Page - Cornell Dubilier Electronics FCP1206H822J-H2 Datasheet HTML 6Page - Cornell Dubilier Electronics FCP1206H822J-H2 Datasheet HTML 7Page - Cornell Dubilier Electronics FCP1206H822J-H2 Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Type FCP Surface Mount Film Capacitors
Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Typical Temperature Characteristics
Typical Frequency Characteristics
Stable Stacked Metallized Film (PPS) Chips for Reflow Soldering
1
10
100
1000
-60 -40 -20
0
20
40
60
80 100 120 140
Temperature (°C)
100 to 1000 pF
0.01 µF
0.1 µF
0.22 µF
Insulation Resistance


Similar Part No. - FCP1206H822J-H2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
FCP1206H822J-H2 CDE-FCP1206H822J-H2 Datasheet
387Kb / 6P
   Surface Mount Film Capacitors
More results

Similar Description - FCP1206H822J-H2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FCN-KIT2 ETC2-FCN-KIT2 Datasheet
492Kb / 9P
   Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
logo
Cornell Dubilier Electr...
FCN CDE-FCN Datasheet
599Kb / 9P
   Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
logo
Panasonic Semiconductor
ECH-U1H391GX5 PANASONIC-ECH-U1H391GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U01562JX5 PANASONIC-ECH-U01562JX5 Datasheet
109Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C473JX5 PANASONIC-ECH-U1C473JX5 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C823JX5 PANASONIC-ECH-U1C823JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JC9 PANASONIC-ECH-U1H224JC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C223GX5 PANASONIC-ECH-U1C223GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com