Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLP601M200EA0A Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # MLP601M200EA0A
Description  Double the ripple capability with a heatsink
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLP601M200EA0A Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  MLP601M200EA0A Datasheet HTML 1Page - Cornell Dubilier Electronics MLP601M200EA0A Datasheet HTML 2Page - Cornell Dubilier Electronics MLP601M200EA0A Datasheet HTML 3Page - Cornell Dubilier Electronics MLP601M200EA0A Datasheet HTML 4Page - Cornell Dubilier Electronics MLP601M200EA0A Datasheet HTML 5Page - Cornell Dubilier Electronics MLP601M200EA0A Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type MLP 85 °C Flatpack, Ultra Long Life, Aluminum Electrolytic
Very Low Profile
Mounting tabs and negative
lead are welded to the case.
Mounting tabs and negative
lead are welded to the case.
The negative lead is welded
to the case.
Three negative leads are
welded to the case.
Outline Drawings
Note: The polyester tape wrap may add up to 0.020 inches to the thickness and width of the capacitor.
Part Numbering System
MLP
102
M
200
EB
0
A
Type
Capacitance
Tolerance Rated Voltage
Case Code
Insulation
Mounting Style
MLP
821=820 µF
102 = 1000 µF
M=±20%
Vdc
EK, L=1.5 in.
EA, L=2.0 in
EB, L=3.0 in.
0 = bare can
1 = polyester
A = mounting tabs
B = four leads
C = two leads/no tabs
D = hook leads/tabs
E = hook leads/no tabs
Case
Code
Length
L (in)
Weight
(g)
EK
1.5
30
EA
2.0
42
EB
3.0
66
L ±0.02
1.5 MIN
0.040 DIA, 18 AWG LEADS
(TYP)
1.00
±0.01
1.75
±0.01
0.50 MAX
1.5 MIN
+
L ±0.02
1.5 MIN
0.040 DIA, 18 AWG
(TYP)
1.00
±0.01
1.75
±0.01
0.50 MAX
+
L +0.375
±0.03
.188 ±0.01
Φ.156
±0.01
.375
±0.01
L
0.02
1.00
±0.01
1.75
±0.01
.260
Φ0.156 ±0.01 SLOT
Φ0.040, 18 AWG LEADS
(TYP)
MAY BE SQUARE
.036
.030
.50 MAX
Style D: Hook Leads
L±.02
.375±.01
Φ.156
±0.01
.188±.01
L+.375
±0.03
1.75
±0.01
1.00
±0.01
1.5 MIN
.156 ±0.01 SLOT
MAY BE SQUARE
0.040 DIA, 18 AWG LEADS
(TYP)
.030
.036
.50 MAX
Style B: Four Leads
Style A: Mounting Tabs
Style C: No Tabs
±0.01


Similar Part No. - MLP601M200EA0A

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLP601M200EA0A CDE-MLP601M200EA0A Datasheet
454Kb / 5P
   85 ?C Flatpack, Ultra-Long Life, Aluminum
MLP601M200EA0A CDE-MLP601M200EA0A Datasheet
495Kb / 6P
   Ultra Long Life, Aluminum Electrolytic
More results

Similar Description - MLP601M200EA0A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C100J8GACTU KEMET-C0402C100J8GACTU Datasheet
1Mb / 21P
   High ripple current capability
C0402C519C5GACTU KEMET-C0402C519C5GACTU Datasheet
1Mb / 21P
   High ripple current capability
logo
Cornell Dubilier Electr...
381LR CDE-381LR Datasheet
214Kb / 3P
   Ultra-High-Ripple Snap-in More Ripple Current Capability
logo
List of Unclassifed Man...
APSGXXXEXXXXXMXXXS ETC2-APSGXXXEXXXXXMXXXS Datasheet
86Kb / 2P
   Super low ESR, high ripple current capability
logo
Nippon Precision Circui...
APSG250ELL331MJB5S NPC-APSG250ELL331MJB5S Datasheet
342Kb / 2P
   Super low ESR, high ripple current capability
logo
Panasonic Semiconductor
ECO-S1JA332EA PANASONIC-ECO-S1JA332EA Datasheet
583Kb / 7P
   Long 3000 hour life at 105C with high ripple current capability
ECO-S1CA103CA PANASONIC-ECO-S1CA103CA Datasheet
593Kb / 7P
   Long 3000 hour life at 105C with high ripple current capability
logo
Amphenol Corporation
P-U90-G4X1-1XXX AMPHENOL-P-U90-G4X1-1XXX Datasheet
826Kb / 10P
   WITH HEATSINK
logo
Surge Components
SPI2W271MND3040 SURGE-SPI2W271MND3040 Datasheet
299Kb / 2P
   Endurance with ripple current
logo
Cornell Dubilier Electr...
450C CDE-450C_15 Datasheet
438Kb / 5P
   The Ultimate in Ripple for Plug-in
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com