Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CN13132 Datasheet(PDF) 5 Page - Cree, Inc

Part # CN13132
Description  Mirella series
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CN13132 Datasheet(HTML) 5 Page - Cree, Inc

  CN13132 Datasheet HTML 1Page - Cree, Inc CN13132 Datasheet HTML 2Page - Cree, Inc CN13132 Datasheet HTML 3Page - Cree, Inc CN13132 Datasheet HTML 4Page - Cree, Inc CN13132 Datasheet HTML 5Page - Cree, Inc CN13132 Datasheet HTML 6Page - Cree, Inc CN13132 Datasheet HTML 7Page - Cree, Inc CN13132 Datasheet HTML 8Page - Cree, Inc CN13132 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
0%
25%
50%
75%
100%
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
Relative intensity of CN13132_MIRELLA-50-W-DL-PF-(MTG2)


Similar Part No. - CN13132

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CN13130 CREE-CN13130 Datasheet
1Mb / 29P
   Mirella series
CN13131 CREE-CN13131 Datasheet
1Mb / 27P
   Mirella series
More results

Similar Description - CN13132

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CN13127 CREE-CN13127 Datasheet
2Mb / 40P
   Mirella series
C12480 CREE-C12480 Datasheet
1Mb / 32P
   Mirella series
CN13764 CREE-CN13764 Datasheet
999Kb / 19P
   Mirella series
CN13772 CREE-CN13772 Datasheet
613Kb / 14P
   Mirella series
C14115 CREE-C14115 Datasheet
355Kb / 3P
   Mirella series
CN13905 CREE-CN13905 Datasheet
1Mb / 22P
   Mirella series
CN13130 CREE-CN13130 Datasheet
1Mb / 29P
   Mirella series
CN13902 CREE-CN13902 Datasheet
621Kb / 14P
   Mirella series
CN12488 CREE-CN12488 Datasheet
1Mb / 35P
   Mirella series
CN13768 CREE-CN13768 Datasheet
806Kb / 17P
   Mirella series
CN13770 CREE-CN13770 Datasheet
578Kb / 14P
   Mirella series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com