Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

716P123912L Datasheet(PDF) 11 Page - Cornell Dubilier Electronics

Part # 716P123912L
Description  Extremely low dissipation factor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

716P123912L Datasheet(HTML) 11 Page - Cornell Dubilier Electronics

Back Button 716P123912L Datasheet HTML 7Page - Cornell Dubilier Electronics 716P123912L Datasheet HTML 8Page - Cornell Dubilier Electronics 716P123912L Datasheet HTML 9Page - Cornell Dubilier Electronics 716P123912L Datasheet HTML 10Page - Cornell Dubilier Electronics 716P123912L Datasheet HTML 11Page - Cornell Dubilier Electronics 716P123912L Datasheet HTML 12Page - Cornell Dubilier Electronics 716P123912L Datasheet HTML 13Page - Cornell Dubilier Electronics 716P123912L Datasheet HTML 14Page - Cornell Dubilier Electronics 716P123912L Datasheet HTML 15Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Type 716P, 400 VDC
Frequency (KHz)
Type 716P, 600 VDC
Frequency (KHz)
RMS Voltage vs. Frequency @ +85°C
High Performance
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 716P, Orange Drop®, Polypropylene Film/Foil Capacitors


Similar Part No. - 716P123912L

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
716 JMK-716 Datasheet
38Kb / 1P
   The 0716 & 0718 series filters provide excellent general filtering for Wye or Delta power configurations.
logo
List of Unclassifed Man...
716 ETC2-716 Datasheet
310Kb / 1P
   PHENOLIC INSTRUMENT CASES
logo
Japan Aviation Electron...
716 JAE-716 Datasheet
289Kb / 5P
   FREQUENCY RANGE TO 3GHz
logo
WECO ELECTRICAL CONNECT...
716 WECO-716 Datasheet
127Kb / 1P
   Motor terminal boards similar to DIN 46294
12.19
logo
Qualtek Electronics Cor...
716-10-28 QUALTEK-716-10-28 Datasheet
348Kb / 1P
   AC RECEPTACLE
More results

Similar Description - 716P123912L

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
715P CDE-715P Datasheet
493Kb / 15P
   Low dissipation factor.
logo
MERITEK ELECTRONICS COR...
MA MERITEK-MA Datasheet
1Mb / 14P
   Low dissipation factor
logo
Vishay Siliconix
2DFO VISHAY-2DFO Datasheet
123Kb / 2P
   Low Dissipation Factor Disc Capacitors
Revision 14-May-02
logo
Illinois Capacitor, Inc...
FSB ILLINOISCAPACITOR-FSB Datasheet
222Kb / 2P
   High voltage ??Low Leakage ??low dissipation Factor
logo
MERITEK ELECTRONICS COR...
TMPP-FMPP MERITEK-TMPP-FMPP Datasheet
219Kb / 1P
   Low dissipation factor (DF), excellent for high frequency
logo
STMicroelectronics
AN2385 STMICROELECTRONICS-AN2385 Datasheet
632Kb / 14P
   Power dissipation and its linear derating factor
logo
ATMEL Corporation
AT28BV64 ATMEL-AT28BV64_14 Datasheet
293Kb / 15P
   Low Power Dissipation
logo
Vishay Siliconix
TLVH42N2Q2 VISHAY-TLVH42N2Q2 Datasheet
143Kb / 5P
   Low power dissipation
Rev. 1.2, 14-Oct-14
logo
Unisonic Technologies
U74LVC1G86G-AE5-R UTC-U74LVC1G86G-AE5-R Datasheet
204Kb / 5P
   Low power dissipation
U74LVC1G139G-S08-R UTC-U74LVC1G139G-S08-R Datasheet
205Kb / 5P
   Low power dissipation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com