Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20SQ040 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # 20SQ040
Description  PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

20SQ040 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  20SQ040 Datasheet HTML 1Page - HY ELECTRONIC CORP. 20SQ040 Datasheet HTML 2Page - HY ELECTRONIC CORP. 20SQ040 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERTIC CURVES
20SQ040 THRU 20SQ045
The curve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
Rev. 7, 16-Mar-2017
CASE TEMPERATURE ℃
FIG.1-FORWARD CURRENT DERATING CURVE
25
50
75
100
125
150
175
200
5.0
15.0
20.0
25.0
30.0
10.0
0
FIG.3-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
INSTANTANEOUS FORWARD VOLTAGE VOLTS
FIG.4-TYPICAL FORWARD CHARACTERISTICS
0
0.1
0.2
0.3
0.4
0.5
0.6
0.1
1
10
0.01
20
TJ=100℃
TJ=25℃
TJ=125℃
TJ=75℃
8.3Single Half-Sine-Wave
(JEDEC METOD)
NUMBER OF CYCLES AT 60Hz
FIG.2-MAXIMUM NON-REPETITVE SURGE
12
5
10
20
50
100
0
80
240
320
400
160
480
20
40
60
80
100
0.01
0.1
1
10
100
TJ=100℃
TJ=25℃
TJ=75℃
TJ=125℃
Pulse Width
300uS
2%Duty Cycle


Similar Part No. - 20SQ040

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
20SQ040 DACHANG-20SQ040 Datasheet
117Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
logo
Diotec Semiconductor
20SQ040 DIOTEC-20SQ040 Datasheet
97Kb / 2P
   Bypass Diodes for Solar Modules - Schottky Barrier Rectifiers
logo
Rugao Dachang Electroni...
20SQ040 DACHANG-20SQ040 Datasheet
117Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
logo
Diotec Semiconductor
20SQ040 DIOTEC-20SQ040 Datasheet
89Kb / 2P
   Schottky Barrier Rectifiers
20SQ040 DIOTEC-20SQ040 Datasheet
217Kb / 2P
   Schottky Barrier Rectifier Diodes
More results

Similar Description - 20SQ040

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSB2045Y-M3 VISHAY-VSB2045Y-M3 Datasheet
79Kb / 6P
   Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 04-Dec-13
logo
HY ELECTRONIC CORP.
20TLV045 HY-20TLV045_17 Datasheet
138Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
20TQ045 HY-20TQ045_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
25PV030 HY-25PV030_17 Datasheet
150Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
THY1545 HY-THY1545_17 Datasheet
146Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
TP2545 HY-TP2545_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
SB1240 GOOD-ARK-SB1240 Datasheet
87Kb / 2P
   Photovoltaic Solar cell Protection Schottky Rectifier
logo
Vishay Siliconix
VSB2045 VISHAY-VSB2045 Datasheet
77Kb / 4P
   Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 06-Jul-12
logo
GOOD-ARK Electronics
SB1235 GOOD-ARK-SB1235_15 Datasheet
87Kb / 2P
   Photovoltaic Solar cell Protection Schottky Rectifier
logo
Vishay Siliconix
VSB1545-M3 VISHAY-VSB1545-M3_V01 Datasheet
78Kb / 5P
   Photovoltaic Solar Cell Protection Schottky Rectifier
08-Feb-17
VSB1545S-E3 VISHAY-VSB1545S-E3 Datasheet
84Kb / 5P
   Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 11-Sep-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com