Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

382LX103M160B082V Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # 382LX103M160B082V
Description  Latest available ratings, worldwide
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

382LX103M160B082V Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

Back Button 382LX103M160B082V Datasheet HTML 2Page - Cornell Dubilier Electronics 382LX103M160B082V Datasheet HTML 3Page - Cornell Dubilier Electronics 382LX103M160B082V Datasheet HTML 4Page - Cornell Dubilier Electronics 382LX103M160B082V Datasheet HTML 5Page - Cornell Dubilier Electronics 382LX103M160B082V Datasheet HTML 6Page - Cornell Dubilier Electronics 382LX103M160B082V Datasheet HTML 7Page - Cornell Dubilier Electronics 382LX103M160B082V Datasheet HTML 8Page - Cornell Dubilier Electronics 382LX103M160B082V Datasheet HTML 9Page - Cornell Dubilier Electronics 382LX103M160B082V Datasheet HTML 10Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Type 380LX / 382LX 85 °C High Capacitance, Snap-In Aluminum
2, 4 and 5 pin styles available
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Cap.
(uF)
Catalog
Part Number
Max. ESR
Ripple Amps Nominal
@ +25°C
@ +85°C
Size
120 Hz 20 kHz 120 Hz 20 kHz
D x L
(ohms) (ohms)
(A)
(A)
(mm)
35 Vdc (44 Vdc Surge)
6800
380LX682M035J022
0.073
0.055
2.60
2.99
25 x 30
8200
380LX822M035J022
0.071
0.053
3.26
3.75
25 x 30
8200
380LX822M035J032
0.057
0.043
4.00
4.60
25 x 35
10000 380LX103M035H452
0.050
0.037
4.40
5.10
22 x 45
10000 380LX103M035J022
0.058
0.044
4.42
5.08
25 x 30
10000 380LX103M035A012
0.050
0.037
4.40
5.10
35 x 25
12000 380LX123M035J042
0.048
0.036
5.05
5.81
25 x 40
15000 380LX153M035J052
0.036
0.027
5.60
6.40
25 x 50
15000 380LX153M035K042
0.036
0.027
5.60
6.40
30 x 40
15000 380LX153M035A022
0.036
0.027
5.60
6.40
35 x 30
18000 380LX183M035K452
0.480
0.037
5.70
6.50
30 x 45
18000 380LX183M035A032
0.480
0.037
5.70
6.50
35 x 35
22000 380LX223M035K452
0.026
0.020
6.10
7.02
30 x 45
22000 380LX223M035A042
0.026
0.020
6.10
7.00
35 x 40
27000 380LX273M035A452
0.021
0.017
6.80
7.90
35 x 45
27000 380LX273M035A052
0.021
0.016
6.84
7.87
35 x 50
33000 380LX333M035A052
0.018
0.014
7.15
8.22
35 x 50
39000 380LX393M035A052
0.017
0.014
7.91
9.10
35 x 50
39000 382LX393M035N052
0.017
0.014
8.00
9.20
40 x 50
47000 380LX473M035A552
0.014
0.014
8.56
9.84
35 x 55
47000 382LX473M035N062
0.016
0.013
9.60
11.00
40 x 63
56000 382LX563M035N082
0.015
0.012
10.30
11.90
40 x 80
56000 382LX563M035B052V 0.015
0.012
10.94
12.58
50 x 50
68000 380LX683M035A102
0.010
0.008
9.50
11.00
35 x 105
68000 382LX683M035B062V 0.013
0.011
11.93
13.72
50 x 63
82000 382LX823M035N102
0.012
0.009
12.02
13.82
40 x 105
82000 382LX823M035B082V 0.012
0.010
13.06
15.02
50 x 80
100000 382LX104M035B092V 0.011
0.009
13.97
16.07
50 x 92
120000 382LX124M035B102V 0.010
0.008
14.86
17.09
50 x 105
50 Vdc (63 Vdc Surge)
1500 380LX152M050H012
0.220
0.170
1.25
1.45
22 x 25
2200 380LX222M050H012
0.150
0.115
1.80
2.10
22 x 25
2700 380LX272M050H012
0.154
0.115
2.20
2.60
22 x 25
3300 380LX332M050H012
0.151
0.113
2.41
2.77
22 x 25
3300 380LX332M050H022
0.100
0.075
2.70
3.10
22 x 30
3300
380LX332M050J012
0.100
0.075
2.70
3.10
25 x 25
3900
380LX392M050J012
0.085
0.065
2.80
3.20
25 x 25
4700 380LX472M050H032
0.070
0.055
3.00
3.50
22 x 35
4700
380LX472M050J012
0.080
0.060
2.10
2.40
25 x 25
4700
380LX472M050J022
0.070
0.055
3.00
3.50
25 x 30
4700 380LX472M050K012
0.070
0.055
3.00
3.50
30 x 25
Cap.
(uF)
Catalog
Part Number
Max. ESR
Ripple Amps Nominal
@ +25°C
@ +85°C
Size
120 Hz 20 kHz 120 Hz 20 kHz
D x L
(ohms) (ohms)
(A)
(A)
(mm)
50 Vdc (63 Vdc Surge)
5600
380LX562M050J032
0.060
0.045
3.40
3.90
25 x 35
5600
380LX562M050K022
0.060
0.045
3.40
3.90
30 x 30
6800
380LX682M050H452
0.073
0.055
3.85
4.43
22 x 45
8200
380LX822M050J452
0.067
0.050
4.40
5.10
25 x 45
8200
380LX822M050K032
0.067
0.050
4.40
5.10
30 x 35
10000
380LX103M050J052
0.040
0.030
5.00
5.70
25 x 50
10000
380LX103M050K042
0.040
0.030
5.00
5.70
30 x 40
10000 380LX103M050A022
0.040
0.030
5.00
5.70
35 x 30
12000
380LX123M050K452
0.033
0.025
5.60
6.40
30 x 45
12000 380LX123M050A032
0.041
0.031
5.58
6.42
35 x 35
15000 380LX153M050A452
0.027
0.020
6.40
7.40
35 x 45
18000 380LX183M050A452
0.028
0.021
6.94
7.98
35 x 45
18000 382LX183M050N042
0.023
0.017
6.94
7.98
40 x 40
22000
380L223M050A052
0.023
0.018
7.57
8.71
35 x 50
22000 380LX223M050A052
0.025
0.020
7.60
8.71
35 x 50
27000
380L273M050A052
0.018
0.015
8.96
10.03
35 x 50
27000 382LX273M050N052
0.018
0.015
8.10
9.30
40 x 50
27000
382L273M050N062
0.018
0.009
9.00
9.60
40 x 63
33000 380LX333M050A082
0.015
0.012
9.20
10.60
35 x 80
33000 382LX333M050N062
0.018
0.014
9.10
10.50
40 x 63
33000 382LX333M050B052V 0.018
0.014
10.48
12.05
50 x 50
47000 380LX473M050A102
0.014
0.011
10.27
11.81
35 x 105
47000 382LX473M050B062V 0.013
0.010
11.54
13.27
50 x 63
56000 382LX563M050N102
0.012
0.009
11.47
13.19
40 x 105
56000 382LX563M050B082V 0.012
0.009
12.46
14.33
50 x 80
68000 382LX683M050B092V 0.011
0.009
13.17
15.15
50 x 92
82000 382LX823M050B102V 0.011
0.008
13.87
15.95
50 x 105
63 Vdc (79 Vdc Surge)
1000
380LX102M063H012
0.332
0.250
1.20
1.40
22 x 25
1500
380LX152M063H012
0.221
0.167
1.70
2.00
22 x 25
2200
380LX222M063J012
0.151
0.114
2.50
2.90
25 x 25
2700
380LX272M063H042
0.126
0.094
2.72
3.13
22 x 40
3300
380LX332M063J022
0.106
0.080
3.13
3.60
25 x 30
3900
380LX392M063J022
0.106
0.080
3.13
3.60
25 x 30
4700
380LX472M063J032
0.080
0.060
3.99
4.56
25 x 35
4700
380LX472M063K022
0.080
0.060
4.90
5.60
30 x 30
4700
380LX472M063A012
0.080
0.060
4.90
5.60
35 x 25
5600
380LX562M063K022
0.070
0.050
4.11
4.72
30 x 30
6800
380LX682M063J052
0.060
0.045
5.80
6.70
25 x 50
6800
380LX682M063K042
0.060
0.045
5.80
6.70
30 x 40
8200
380LX822M063A032
0.050
0.040
6.00
6.90
35 x 35
10000 380LX103M063A042
0.033
0.025
6.50
7.50
35 x 40


Similar Part No. - 382LX103M160B082V

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
382LX103M160B082V CDE-382LX103M160B082V Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

Similar Description - 382LX103M160B082V

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
M8208 PETERMANN-M8208_15 Datasheet
631Kb / 3P
   Worldwide cheapest available SMD-Watch-Crystal
logo
STMicroelectronics
STH12N120K5-2 STMICROELECTRONICS-STH12N120K5-2 Datasheet
812Kb / 21P
   Worldwide best FOM
April 2015 Rev 4
logo
XP Power Limited
AMM XPPOWER-AMM Datasheet
204Kb / 4P
   Worldwide Medical Approvals
logo
STMicroelectronics
STD8N80K5 STMICROELECTRONICS-STD8N80K5 Datasheet
1Mb / 17P
   Worldwide best FOM
March 2013 Rev 2
logo
XP Power Limited
AEM60 XPPOWER-AEM60 Datasheet
143Kb / 2P
   Worldwide Medical Approvals
logo
ETAL Group
E-1048-S7 ETAL-E-1048-S7 Datasheet
336Kb / 4P
   Optimum load protection because a range of current ratings is available
logo
Silicon Laboratories
SI2147 SILABS-SI2147 Datasheet
59Kb / 2P
   Worldwide Digital TV Tuner
logo
Skyworks Solutions Inc.
SI2141 SKYWORKS-SI2141 Datasheet
190Kb / 2P
   Worldwide Digital TV Tuner
August 9, 2021
logo
Cherry Semiconductor Co...
E33-00K CHERRY-E33-00K Datasheet
1Mb / 5P
   8 Contact Ratings DC ratings optional
logo
Silicon Laboratories
SI2148 SILABS-SI2148 Datasheet
123Kb / 2P
   Worldwide Digital TV Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com