Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

380LX331M180H012 Datasheet(PDF) 10 Page - Cornell Dubilier Electronics

Part # 380LX331M180H012
Description  Latest available ratings, worldwide
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

380LX331M180H012 Datasheet(HTML) 10 Page - Cornell Dubilier Electronics

Back Button 380LX331M180H012 Datasheet HTML 4Page - Cornell Dubilier Electronics 380LX331M180H012 Datasheet HTML 5Page - Cornell Dubilier Electronics 380LX331M180H012 Datasheet HTML 6Page - Cornell Dubilier Electronics 380LX331M180H012 Datasheet HTML 7Page - Cornell Dubilier Electronics 380LX331M180H012 Datasheet HTML 8Page - Cornell Dubilier Electronics 380LX331M180H012 Datasheet HTML 9Page - Cornell Dubilier Electronics 380LX331M180H012 Datasheet HTML 10Page - Cornell Dubilier Electronics 380LX331M180H012 Datasheet HTML 11Page - Cornell Dubilier Electronics 380LX331M180H012 Datasheet HTML 12Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Type 380LX / 382LX 85 °C High Capacitance, Snap-In Aluminum
2, 4 and 5 pin styles available
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Cap.
(uF)
Catalog
Part Number
Max. ESR
Ripple Amps Nominal
@ +25°C
@ +85°C
Size
120 Hz 20 kHz 120 Hz 20 kHz
D x L
(ohms) (ohms)
(A)
(A)
(mm)
350 Vdc (400 Vdc Surge)
1200
380LX122M350A082
0.210
0.095
4.40
6.20
35 x 80
1200
382LX122M350N062
0.210
0.095
4.40
6.20
40 x 63
1200 382LX122M350B052V
0.207
0.093
5.18
5.96
50 x 50
1500 382LX152M350B062V
0.166
0.075
6.01
8.41
50 x 63
1800
380LX182M350A102
0.140
0.060
5.79
8.11
35 x 105
1800
382LX182M350N082
0.138
0.062
5.85
8.20
40 x 80
1800 382LX182M350B082V
0.138
0.062
6.89
9.65
50 x 80
2200
382LX222M350N102
0.113
0.051
6.91
9.67
40 x 105
2200 382LX222M350B092V
0.113
0.051
7.79
10.91
50 x 92
2700 382LX272M350B102V
0.092
0.041
8.80
12.32 50 x 105
400 Vdc (450 Vdc Surge)
47
380LX470M400H012
4.500
1.600
0.30
0.42
22 x 25
68
380LX680M400H012
2.930
1.000
0.35
0.50
22 x 25
82
380LX820M400H012
2.440
0.850
0.70
0.95
22 x 25
100
380LX101M400H012
1.990
0.900
0.90
1.30
22 x 25
100
380LX101M400H022
1.650
0.580
0.90
1.30
22 x 30
100
380LX101M400J012
1.650
0.580
0.90
1.30
25 x 25
120
380LX121M400H022
1.660
0.750
1.00
1.40
22 x 30
150
380LX151M400H032
1.330
0.460
1.20
1.60
22 x 35
150
380LX151M400J022
1.100
0.390
1.20
1.60
25 x 30
180
380LX181M400J032
1.100
0.500
1.30
1.85
25 x 35
220
380LX221M400J022
0.900
0.450
1.49
2.09
25 x 30
220
380LX221M400K022
0.750
0.260
1.50
2.10
30 x 30
270
380LX271M400J452
0.680
0.240
1.70
2.30
25 x 45
270
380LX271M400K022
0.740
0.370
1.67
2.34
30 x 30
270
380LX271M400K032
0.680
0.240
1.70
2.30
30 x 35
270
380LX271M400A022
0.680
0.240
1.70
2.30
35 x 30
330
380LX331M400K042
0.550
0.200
1.90
2.70
30 x 40
330
380LX331M400A022
0.550
0.200
1.90
2.70
35 x 30
330
380LX331M400A032
0.502
0.201
1.40
1.90
35 x 35
390
380LX391M400J452
0.470
0.160
2.10
3.00
25 x 45
390
380LX391M400K452
0.470
0.160
2.10
3.00
30 x 45
390
380LX391M400A032
0.470
0.160
2.10
3.00
35 x 35
470
380LX471M400A042
0.388
0.136
2.39
3.35
35 x 40
560
380LX561M400A452
0.326
0.114
2.69
3.77
35 x 45
560
382LX561M400N042
0.326
0.114
2.70
3.80
40 x 40
680
380LX681M400A052
0.270
0.095
3.00
4.20
35 x 50
680
382LX681M400N052
0.270
0.095
3.40
4.70
40 x 50
820
380LX821M400A062
0.222
0.078
3.55
4.97
35 x 63
820
382LX821M400N052
0.222
0.078
3.40
4.70
40 x 50
1000
380L102M400A082
0.179
0.099
3.60
4.80
35 x 80
1000
382LX102M400N062
0.199
0.127
4.20
5.80
40 x 63
Cap.
(uF)
Catalog
Part Number
Max. ESR
Ripple Amps Nominal
@ +25°C
@ +85°C
Size
120 Hz 20 kHz 120 Hz 20 kHz D x L
(ohms) (ohms)
(A)
(A)
(mm)
400 Vdc (450 Vdc Surge)
1000
382LX102M400B052V
0.199
0.080
4.76
5.47
50 x 50
1200
380LX122M400A082
0.152
0.053
4.52
6.33
35 x 80
1200
382LX122M400N062
0.152
0.053
4.52
6.33
40 x 63
1200
382LX122M400B062V
0.166
0.066
5.47
7.66
50 x 63
1500
380LX152M400A102
0.120
0.040
5.44
7.62 35 x 105
1500
382LX152M400N082
0.122
0.043
5.50
7.70
40 x 80
1500
382LX152M400B082V
0.133
0.053
6.47
9.06
50 x 80
1800
382LX182M400N102
0.101
0.035
6.53
9.14 40 x 105
1800
382LX182M400B092V
0.111
0.044
7.35
10.29 50 x 92
2200
382LX222M400B102V
0.090
0.036
8.43
11.80 50 x 105
420 Vdc (470 Vdc Surge)
82
380LX820M420H012
2.430
0.850
0.80
1.15
22 x 25
100
380LX101M420H022
1.820
0.820
0.90
1.30
22 x 30
120
380LX121M420H022
1.660
0.750
0.90
1.30
22 x 30
150
380LX151M420H042
1.330
0.600
1.15
1.60
22 x 40
180
380LX181M420H042
1.110
0.500
1.45
2.00
22 x 40
180
380LX181M420K022
1.100
0.390
1.45
2.00
30 x 30
220
380LX221M420H452
0.900
0.410
1.50
2.10
22 x 45
220
380LX221M420K022
0.900
0.320
1.50
2.10
30 x 30
270
380LX271M420J452
0.740
0.330
1.70
2.30
25 x 45
270
380LX271M420K032
0.740
0.260
1.70
2.30
30 x 35
270
380LX271M420A022
0.740
0.260
1.70
1.93
35 x 30
330
380LX331M420K452
0.600
0.210
1.90
2.68
30 x 45
330
380LX331M420A032
0.600
0.210
1.90
2.68
35 x 35
390
380LX391M420K052
0.500
0.180
2.10
3.00
30 x 50
390
380LX391M420A042
0.500
0.180
2.10
3.00
35 x 40
470
380LX471M420A452
0.420
0.150
2.40
3.35
35 x 45
560
380LX561M420A052
0.355
0.125
2.70
3.80
35 x 50
450 Vdc (500 Vdc Surge)
33
380LX330M450H012
6.030
2.400
0.40
0.57
22 x 25
47
380LX470M450H202
4.230
1.690
0.30
0.40
22 x 20
56
380LX560M450H012
3.550
1.600
0.70
1.00
22 x 25
68
380LX680M450H012
2.930
1.020
0.80
1.10
22 x 25
82
380LX820M450H012
2.000
0.810
0.80
1.20
22 x 25
82
380LX820M450H022
2.430
1.210
0.83
1.16
22 x 30
100
380LX101M450H022
1.990
0.790
0.90
1.30
22 x 30
120
380LX121M450H022
1.659
0.661
1.00
1.50
22 x 30
120
380LX121M450H032
1.660
0.750
0.90
1.35
22 x 35
120
380LX121M450J012
1.380
0.550
1.00
1.50
25 x 25
150
380LX151M450H032
1.330
0.590
1.18
1.66
22 x 35
150
380LX151M450K022
1.100
0.440
1.20
1.70
30 x 30
180
380LX181M450J032
1.110
0.380
1.20
1.75
25 x 35


Similar Part No. - 380LX331M180H012

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
380LX331M180H012 CDE-380LX331M180H012 Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

Similar Description - 380LX331M180H012

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
M8208 PETERMANN-M8208_15 Datasheet
631Kb / 3P
   Worldwide cheapest available SMD-Watch-Crystal
logo
STMicroelectronics
STH12N120K5-2 STMICROELECTRONICS-STH12N120K5-2 Datasheet
812Kb / 21P
   Worldwide best FOM
April 2015 Rev 4
logo
XP Power Limited
AMM XPPOWER-AMM Datasheet
204Kb / 4P
   Worldwide Medical Approvals
logo
STMicroelectronics
STD8N80K5 STMICROELECTRONICS-STD8N80K5 Datasheet
1Mb / 17P
   Worldwide best FOM
March 2013 Rev 2
logo
XP Power Limited
AEM60 XPPOWER-AEM60 Datasheet
143Kb / 2P
   Worldwide Medical Approvals
logo
ETAL Group
E-1048-S7 ETAL-E-1048-S7 Datasheet
336Kb / 4P
   Optimum load protection because a range of current ratings is available
logo
Silicon Laboratories
SI2147 SILABS-SI2147 Datasheet
59Kb / 2P
   Worldwide Digital TV Tuner
logo
Skyworks Solutions Inc.
SI2141 SKYWORKS-SI2141 Datasheet
190Kb / 2P
   Worldwide Digital TV Tuner
August 9, 2021
logo
Cherry Semiconductor Co...
E33-00K CHERRY-E33-00K Datasheet
1Mb / 5P
   8 Contact Ratings DC ratings optional
logo
Silicon Laboratories
SI2148 SILABS-SI2148 Datasheet
123Kb / 2P
   Worldwide Digital TV Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com