Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHW8227A Datasheet(PDF) 2 Page - Motorola, Inc

Part # MHW8227A
Description  Gallium Arsenide CATV Amplifier Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHW8227A Datasheet(HTML) 2 Page - Motorola, Inc

  MHW8227A Datasheet HTML 1Page - Motorola, Inc MHW8227A Datasheet HTML 2Page - Motorola, Inc MHW8227A Datasheet HTML 3Page - Motorola, Inc MHW8227A Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MHW8227A
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS - continued (VCC = 24 Vdc, TC = +45°C, 75 Ω system unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Composite Second Order
(Vout = +48 dBmV/ch., Worst Case)
112-Channel FLAT
(Vout = +48 dBmV/ch., Worst Case)
79-Channel FLAT
(Vout = +56 dBmV @ 870 MHz Equiv)
112-Channel, 12 dB Tilt
(Vout = +58 dBmV @ 870 MHz Equiv)
79-Channel, 12 dB Tilt
CSO112
CSO79
CSO112
CSO79
-66
-70
-65
-69
-64
-68
-63
-67
dBc
Cross Modulation Distortion @ Ch 2
(Vout = +48 dBmV/ch., FM = 55.25 MHz)
112-Channel FLAT
(Vout = +48 dBmV/ch., FM = 55.25 MHz)
79-Channel FLAT
(Vout = +56 dBmV @ 870 MHz Equiv)
112-Channel, 12 dB Tilt
(Vout = +58 dBmV @ 870 MHz Equiv)
79-Channel, 12 dB Tilt
XMD112
XMD79
XMD112
XMD79
-58
-61
-53
-60
-56
-59
-51
-47
dBc
Composite Triple Beat
(Vout = +48 dBmV/ch., Worst Case)
112-Channel FLAT
(Vout = +48 dBmV/ch., Worst Case)
79-Channel FLAT
(Vout = +56 dBmV @ 870 MHz Equiv)
112-Channel, 12 dB Tilt
(Vout = +58 dBmV @ 870 MHz Equiv)
79-Channel, 12 dB Tilt
CTB112
CTB79
CTB112
CTB79
-60
–66
-57
-63
-58
-64
-55
-61
dBc
Noise Figure
50 MHz
550 MHz
750 MHz
870 MHz
NF
4.5
4.5
4.5
4.5
dB
DC Current (VDC = 24 V, TC = 45°C)
IDC
410
425
440
mA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MHW8227A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW8222 MOTOROLA-MHW8222 Datasheet
48Kb / 2P
   22 dB GAIN 750/860 MHz 110/128 CHANNEL CATV AMPLIFIERS
logo
Freescale Semiconductor...
MHW8222B FREESCALE-MHW8222B Datasheet
69Kb / 4P
   CATV Amplifier Module
MHW8222BN FREESCALE-MHW8222BN Datasheet
72Kb / 4P
   CATV Amplifier Module
More results

Similar Description - MHW8227A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MHW9247AN FREESCALE-MHW9247AN Datasheet
74Kb / 4P
   Gallium Arsenide CATV Amplifier Module
logo
Motorola, Inc
MHW9236 MOTOROLA-MHW9236 Datasheet
271Kb / 4P
   GALLIUM ARSENIDE CATV AMPLIFIER MODULE
MHW9267A MOTOROLA-MHW9267A Datasheet
246Kb / 4P
   Gallium Arsenide CATV Amplifier Module
MHW9186A MOTOROLA-MHW9186A Datasheet
78Kb / 4P
   Gallium Arsenide CATV Amplifier Module
MHW9207A MOTOROLA-MHW9207A Datasheet
245Kb / 4P
   Gallium Arsenide CATV Amplifier Module
MHW9227 MOTOROLA-MHW9227 Datasheet
271Kb / 4P
   GALLIUM ARSENIDE CATV AMPLIFIER MODULE
MHW9276 MOTOROLA-MHW9276 Datasheet
260Kb / 4P
   GALLIUM ARSENIDE CATV AMPLIFIER MODULE
MHW9206 MOTOROLA-MHW9206 Datasheet
274Kb / 4P
   GALLIUM ARSENIDE CATV AMPLIFIER MODULE
MHW9227A MOTOROLA-MHW9227A Datasheet
286Kb / 4P
   GALLIUM ARSENIDE CATV AMPLIFIER MODULE
logo
Freescale Semiconductor...
MHW10247AN FREESCALE-MHW10247AN Datasheet
70Kb / 4P
   Gallium Arsenide CATV Amplifier Module
MHW9188AN FREESCALE-MHW9188AN Datasheet
73Kb / 4P
   Gallium Arsenide CATV Amplifier Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com