Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

380LX681M180J032 Datasheet(PDF) 8 Page - Cornell Dubilier Electronics

Part # 380LX681M180J032
Description  Latest available ratings, worldwide
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

380LX681M180J032 Datasheet(HTML) 8 Page - Cornell Dubilier Electronics

Back Button 380LX681M180J032 Datasheet HTML 4Page - Cornell Dubilier Electronics 380LX681M180J032 Datasheet HTML 5Page - Cornell Dubilier Electronics 380LX681M180J032 Datasheet HTML 6Page - Cornell Dubilier Electronics 380LX681M180J032 Datasheet HTML 7Page - Cornell Dubilier Electronics 380LX681M180J032 Datasheet HTML 8Page - Cornell Dubilier Electronics 380LX681M180J032 Datasheet HTML 9Page - Cornell Dubilier Electronics 380LX681M180J032 Datasheet HTML 10Page - Cornell Dubilier Electronics 380LX681M180J032 Datasheet HTML 11Page - Cornell Dubilier Electronics 380LX681M180J032 Datasheet HTML 12Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Type 380LX / 382LX 85 °C High Capacitance, Snap-In Aluminum
2, 4 and 5 pin styles available
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Cap.
(uF)
Catalog
Part Number
Max. ESR
Ripple Amps Nominal
@ +25°C
@ +85°C
Size
120 Hz 20 kHz 120 Hz 20 kHz D x L
(ohms) (ohms)
(A)
(A)
(mm)
160 Vdc (200 Vdc Surge)
220
380LX221M160H012
0.850
0.420
0.90
1.25
22 x 25
270
380LX271M160H012
0.700
0.340
1.20
1.65
22 x 25
330
380LX331M160H012
0.600
0.310
1.50
2.00
22 x 25
390
380LX391M160H012
0.470
0.240
1.60
2.30
22 x 25
470
380LX471M160H022
0.420
0.220
1.86
2.66
22 x 30
560
380LX561M160H032
0.360
0.180
2.25
3.15
22 x 35
680
380LX681M160H042
0.296
0.130
2.36
2.39
22 x 40
820
380LX821M160J042
0.243
0.109
2.75
3.85
25 x 40
1000
380LX102M160J042
0.220
0.110
3.00
4.20
25 x 40
1200
380LX122M160K032
0.210
0.115
3.25
4.55
30 x 35
1800
380LX182M160K052
0.140
0.085
4.20
5.90
30 x 50
2700
380LX272M160A052
0.086
0.043
5.30
7.42
35 x 50
2700
382LX272M160N042
0.080
0.045
5.50
7.60
40 x 40
4700
382L472M160N082
0.036
0.020
6.60
8.50
40 x 80
5600
382LX562M160N082
0.040
0.020
8.30
11.70 40 x 80
5600
382LX562M160B052V 0.040
0.020
8.25
9.50
50 x 50
6800
380LX682M160N102
0.038
0.021
8.90
12.46 40 x 105
8200
382LX822M160B062V 0.026
0.015
8.90
12.50 50 x 63
10000
382LX103M160N102
0.022
0.012
9.90
13.80 40 x 105
10000
382LX103M160B082V 0.022
0.012
9.80
13.70 50 x 80
12000
382LX123M160B092V 0.018
0.010
12.90
18.10 50 x 92
15000
382LX153M160B102V 0.014
0.008
14.10
19.70 50 x 105
180 Vdc (225 Vdc Surge)
330
380LX331M180H012
0.603
0.308
1.50
2.00
22 x 25
390
380LX391M180H022
0.510
0.230
1.68
2.35
22 x 30
470
380LX471M180H022
0.423
0.190
1.91
2.67
22 x 30
560
380LX561M180H042
0.355
0.160
2.25
3.15
22 x 40
680
380LX681M180J032
0.293
0.132
2.22
3.11
25 x 35
820
380LX821M180K022
0.240
0.120
2.80
3.90
30 x 30
1000
380LX102M180J052
0.220
0.100
3.00
4.20
25 x 50
1200
380LX122M180J052
0.170
0.080
3.31
4.63
25 x 50
1500
380LX152M180K052
0.130
0.070
3.80
5.40
30 x 50
1800
380LX182M180K052
0.120
0.050
4.32
6.05
30 x 50
2200
380LX222M180A052
0.090
0.050
4.90
6.90
35 x 50
2700
382L272M180N062
0.051
0.027
5.00
6.50
40 x 63
4700
382L472M180N082
0.036
0.020
6.60
8.50
40 x 80
200 Vdc (250 Vdc Surge)
150
380LX151M200H012
1.330
0.600
0.65
0.90
22 x 25
220
380LX221M200H012
0.900
0.420
1.00
1.45
22 x 25
270
380LX271M200H012
0.730
0.300
1.40
2.00
22 x 25
330
380LX331M200H022
0.600
0.270
1.60
2.20
22 x 30
330
380LX331M200J012
0.470
0.210
1.70
2.40
25 x 25
Cap.
(uF)
Catalog
Part Number
Max. ESR
Ripple Amps Nominal
@ +25°C
@ +85°C
Size
120 Hz 20 kHz 120 Hz 20 kHz
D x L
(ohms) (ohms)
(A)
(A)
(mm)
200 Vdc (250 Vdc Surge)
390
380LX391M200H022 0.510
0.230
1.68
2.35
22 x 30
390
380LX391M200J012
0.470
0.210
1.70
2.40
25 x 25
470
380LX471M200J022
0.420
0.190
1.90
2.60
25 x 30
470
380LX471M200A202 0.460
0.210
1.30
1.80
35 x 20
560
380LX561M200H042 0.360
0.160
2.18
3.08
22 x 40
680
380LX681M200H452 0.290
0.130
2.70
3.80
22 x 45
680
380LX681M200J032
0.270
0.120
2.70
3.80
25 x 35
680
380LX681M200K022 0.270
0.120
2.70
3.80
30 x 30
820
380LX821M200H452 0.243
0.124
2.90
4.10
22 x 45
820
380LX821M200J042
0.240
0.110
2.60
3.60
25 x 40
820
380LX821M200K022 0.220
0.100
2.90
4.10
30 x 30
1000
380LX102M200J452
0.199
0.090
3.25
4.55
25 x 45
1000
380LX102M200K022 0.199
0.102
3.30
4.60
30 x 30
1000
380LX102M200K032 0.216
0.097
3.20
4.50
30 x 35
1200
380LX122M200J052
0.144
0.072
3.87
5.42
25 x 50
1200
380LX122M200K042 0.166
0.075
3.50
4.90
30 x 40
1200
380LX122M200A022 0.166
0.075
3.50
4.90
35 x 30
1500
380LX152M200K452 0.144
0.072
3.87
5.42
30 x 45
1500
380LX152M200A032 0.144
0.072
3.87
5.42
35 x 35
1800
380LX182M200K052 0.120
0.060
4.32
6.05
30 x 50
1800
380LX182M200A042 0.120
0.060
4.32
6.05
35 x 40
2200
380LX222M200A452 0.098
0.054
4.92
6.89
35 x 45
2200
382LX222M200N042 0.098
0.054
4.92
6.89
40 x 40
2700
380LX272M200A062 0.080
0.045
5.50
7.70
35 x 63
2700
382LX272M200N052 0.080
0.045
5.40
7.60
40 x 50
3300
380LX332M200A082 0.065
0.037
6.40
9.00
35 x 80
3300
382LX332M200N062 0.065
0.037
6.30
8.90
40 x 63
3900
380LX392M200A082 0.055
0.030
6.60
9.25
35 x 80
3900
382LX392M200N062 0.055
0.030
6.80
9.50
40 x 63
3900 382LX392M200B052V 0.055
0.030
8.22
9.45
50 x 50
4700
382LX472M200N082 0.046
0.025
8.38
11.73
40 x 80
4700 382LX472M200B062V 0.046
0.025
9.32
13.05
50 x 63
5600
380LX562M200N102 0.040
0.020
8.90
12.46 40 x 105
6800
382LX682M200N102 0.032
0.017
8.65
12.11 40 x 105
6800 382LX682M200B082V 0.032
0.017
11.41
15.97
50 x 80
7500 382LX752M200B092V 0.029
0.016
12.28
17.19
50 x 92
8200 382LX822M200B102V 0.026
0.014
13.16
18.42 50 x 105
250 Vdc (300 Vdc Surge)
120
380LX121M250H012 1.660
0.850
0.50
0.60
22 x 25
150
380LX151M250H012 1.330
0.460
1.00
1.25
22 x 25
180
380LX181M250H012 1.110
0.550
1.10
1.50
22 x 25
220
380LX221M250H012 0.900
0.450
1.30
1.70
22 x 25


Similar Part No. - 380LX681M180J032

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
380LX681M180J032 CDE-380LX681M180J032 Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

Similar Description - 380LX681M180J032

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
M8208 PETERMANN-M8208_15 Datasheet
631Kb / 3P
   Worldwide cheapest available SMD-Watch-Crystal
logo
STMicroelectronics
STH12N120K5-2 STMICROELECTRONICS-STH12N120K5-2 Datasheet
812Kb / 21P
   Worldwide best FOM
April 2015 Rev 4
logo
XP Power Limited
AMM XPPOWER-AMM Datasheet
204Kb / 4P
   Worldwide Medical Approvals
logo
STMicroelectronics
STD8N80K5 STMICROELECTRONICS-STD8N80K5 Datasheet
1Mb / 17P
   Worldwide best FOM
March 2013 Rev 2
logo
XP Power Limited
AEM60 XPPOWER-AEM60 Datasheet
143Kb / 2P
   Worldwide Medical Approvals
logo
ETAL Group
E-1048-S7 ETAL-E-1048-S7 Datasheet
336Kb / 4P
   Optimum load protection because a range of current ratings is available
logo
Silicon Laboratories
SI2147 SILABS-SI2147 Datasheet
59Kb / 2P
   Worldwide Digital TV Tuner
logo
Skyworks Solutions Inc.
SI2141 SKYWORKS-SI2141 Datasheet
190Kb / 2P
   Worldwide Digital TV Tuner
August 9, 2021
logo
Cherry Semiconductor Co...
E33-00K CHERRY-E33-00K Datasheet
1Mb / 5P
   8 Contact Ratings DC ratings optional
logo
Silicon Laboratories
SI2148 SILABS-SI2148 Datasheet
123Kb / 2P
   Worldwide Digital TV Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com