Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1213A-04S7 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CM1213A-04S7
Description  1, 2 and 4-Channel Low Capacitance ESD Protection Array
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1213A-04S7 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CM1213A-04S7 Datasheet HTML 2Page - ON Semiconductor CM1213A-04S7 Datasheet HTML 3Page - ON Semiconductor CM1213A-04S7 Datasheet HTML 4Page - ON Semiconductor CM1213A-04S7 Datasheet HTML 5Page - ON Semiconductor CM1213A-04S7 Datasheet HTML 6Page - ON Semiconductor CM1213A-04S7 Datasheet HTML 7Page - ON Semiconductor CM1213A-04S7 Datasheet HTML 8Page - ON Semiconductor CM1213A-04S7 Datasheet HTML 9Page - ON Semiconductor CM1213A-04S7 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CM1213A, SZCM1213A
www.onsemi.com
6
PERFORMANCE INFORMATION (Cont’d)
Typical Filter Performance (nominal conditions unless specified otherwise, 50 Ohm Environment)
Figure 3. Insertion Loss (S21) vs. Frequency (0 V DC Bias, VP=3.3 V)
Figure 4. Insertion Loss (S21) vs. Frequency (2.5 V DC Bias, VP=3.3 V)


Similar Part No. - CM1213A-04S7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1213A-04S7 ONSEMI-CM1213A-04S7 Datasheet
418Kb / 14P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
More results

Similar Description - CM1213A-04S7

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1230 CALMIRCO-CM1230 Datasheet
352Kb / 11P
   2, 4 and 8-Channel Low Capacitance ESD Protection Array
logo
ON Semiconductor
CM1230 ONSEMI-CM1230 Datasheet
325Kb / 16P
   2, 4, and 8-Channel Low-Capacitance ESD Protection Array
May 2010 ??Rev. 2
logo
Diodes Incorporated
DM1231-02SO DIODES-DM1231-02SO Datasheet
423Kb / 5P
   2-CHANNEL LOW CAPACITANCE ESD PROTECTION ARRAY
logo
California Micro Device...
CM1213A CALMIRCO-CM1213A Datasheet
610Kb / 11P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
   1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
CM1213A ONSEMI-CM1213A Datasheet
418Kb / 14P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
CM1293A-04SO ONSEMI-CM1293A-04SO_12 Datasheet
706Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
January, 2012 ??Rev. 0
CM1213A-04SO ONSEMI-CM1213A-04SO_14 Datasheet
424Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
July, 2014 ??Rev. 1
ESD1213A-04S7 ONSEMI-ESD1213A-04S7 Datasheet
473Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
March, 2012 ??Rev. 0
logo
HY ELECTRONIC CORP.
HYESD1025QG HY-HYESD1025QG Datasheet
196Kb / 2P
   2 Channel Low Capacitance ESD Protection DIode Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com