Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLSG191M200JK0C Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # MLSG191M200JK0C
Description  Withstands more than 80,000 feet altitude
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLSG191M200JK0C Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  MLSG191M200JK0C Datasheet HTML 1Page - Cornell Dubilier Electronics MLSG191M200JK0C Datasheet HTML 2Page - Cornell Dubilier Electronics MLSG191M200JK0C Datasheet HTML 3Page - Cornell Dubilier Electronics MLSG191M200JK0C Datasheet HTML 4Page - Cornell Dubilier Electronics MLSG191M200JK0C Datasheet HTML 5Page - Cornell Dubilier Electronics MLSG191M200JK0C Datasheet HTML 6Page - Cornell Dubilier Electronics MLSG191M200JK0C Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Vibration Test
Level
The specimens, while deenergized or operating under the load conditions
specified, shall be subjected to the vibration amplitude, frequency range,
and duration specified for each case size.
Amplitude
The specimens shall be subjected to a simple harmonic motion having
an amplitude of either 0.06-inch double amplitude (maximum total
excursion) or peak level specified above (XXg peak), whichever is less. The
tolerance on vibration amplitude shall be ±10 percent.
Frequency Range
The vibration frequency shall be varied logarithmically between the
approximate limits of 10 to 2,000 Hz.
Sweep Time and Duration
The entire frequency range of 10 to 2,000 Hz and return to 10 Hz shall be
traversed in 20 minutes. This cycle shall be performed 12 times in each
of three mutually perpendicular directions (total of 36 times), so that
the motion shall be applied for a total period of approximately 12 hours.
Interruptions are permitted provided the requirements for rate of change
and test duration are met.
High Reliability Test/Burn-in
Established Reliability capacitors shall be subjected to a minimum of 100
percent of the dc rated voltage at 85 ºC for 48 hours minimum but not to
exceed 96 hours. During this test, capacitors shall be adequately protected
against temporary voltage surges of 10 percent or more of the test
voltage. After burn-in, the capacitors shall be returned to room ambient
conditions and the dc leakage, capacitance, and ESR shall be measured
with respect to specified limits.
Thermal Resistance
ESL
≤30 nH measured 1/4” from case at 1 MHz
Typical Weight
Case JK = 30
Case JA = 39
Case JH = 48
Case JB = 57
Terminals
18 AWG copper wire with 60/40 tin-lead electroplate, 20 amps max
Ripple Current Capability
The ripple current capability is set by the maximum permissible internal
core temperature, 125 ºC.
Air Cooled
The ripple currents in the ratings tables are for 85 ºC case temperatures.
For air temperatures without a heatsink use the multipliers Ambient
Temperature, No Heatsink.
Heatsink Cooled
Temperature rise from the internal hottest spot, the core, to ambient air is
∆T = I2(ESR)(θcc + θca), recommended max ΔT of 30 ºC
where θcc is the thermal resistance from core to case and θca from case to
ambient. To calculate maximum ripple capability with the MLS attached to
a heatsink use the maximum core temperature and the values for θcc.
Example
As an illustration, suppose you operate an insulated MLSG262M060JB0C
in 95 ºC air and attach it to a commercial heatsink with a free-air thermal
resistance of 2.7 ºC/W. Use a good thermal grease between the MLS and
the heatsink, and the total thermal resistance is 2.7 +3. 4 or 6.1º C/W. The
power which would heat the core to 125 °C is (125 - 95)/6. 1 or 4.9 W. For
an ESR of 47 mΩ, 4.9 W equates to a ripple current of 10.2 A.
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Large Sides
Heatsinked
Case Length
1.5"
2.0"
2.5”
3.0"
Insulation
ºC/W
ºC/W
ºC/W
ºC/W
one
None
6.6
4.8
3.8
3.1
Polyester
7.2
5.3
4.2
3.4
both
None
4.4
3.1
2.4
2
Polyester
4.7
3.3
2.6
2.2
Type MLSG – Slimpack, 5000 hr@125 ºC, Aluminum Electrolytic


Similar Part No. - MLSG191M200JK0C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLSG191M200JK0C CDE-MLSG191M200JK0C Datasheet
333Kb / 7P
   Aluminum Electrolytic
More results

Similar Description - MLSG191M200JK0C

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N4052 NJSEMI-1N4052 Datasheet
111Kb / 1P
   Standard Rectifier (trr more than 500ns)
logo
Mallory Sonalert Produc...
PMO-4530PN-47UQ MSPI-PMO-4530PN-47UQ Datasheet
107Kb / 1P
   S/N Ration More than 58 dB
PMO-6022PN-48KDQ MSPI-PMO-6022PN-48KDQ Datasheet
87Kb / 1P
   S/N Ration More than 58 dB
logo
MERITEK ELECTRONICS COR...
CI MERITEK-CI Datasheet
144Kb / 1P
   Reduction in required real estate (more than 50%)
logo
Renesas Technology Corp
HN29V25611AT-50 RENESAS-HN29V25611AT-50 Datasheet
351Kb / 47P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Hitachi Semiconductor
HN29W12811 HITACHI-HN29W12811 Datasheet
315Kb / 42P
   128M AND type Flash Memory More than 8,029-sector (135,657,984-bit)
HN29W25611 HITACHI-HN29W25611 Datasheet
347Kb / 43P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Renesas Technology Corp
HN29V25611AT-50H RENESAS-HN29V25611AT-50H Datasheet
349Kb / 47P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Hitachi Semiconductor
HN29V51211 HITACHI-HN29V51211 Datasheet
306Kb / 42P
   512M AND type Flash Memory More than 32,113-sector (542,581,248-bit)
HN29W25611T HITACHI-HN29W25611T Datasheet
331Kb / 42P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com