Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER608 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # HER608
Description  6.0 AMP HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

HER608 Datasheet(HTML) 1 Page - Nanjing International Group Co

  HER608 Datasheet HTML 1Page - Nanjing International Group Co HER608 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE RANGE
CURRENT
50 TO
1000 Volts
6.0 Amperes
HER601
HER6
08
THRU
6.0 AMP HIGH EFFICIENCY RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=50 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 6.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
6.0
1.0
1.3
300
10.0
200
50
75
100
-55
+150
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 1.65 grams
*
V
HER601 HER602 HER603 HER604 HER605 HER606
HER607 HER608 UNITS
50
100
200
300
400
600
800
1000
50
100
200
300
400
600
800
1000
35
70
140
210
280
420
560
700
V
V
1.
70
* High speed switching
R-6
Dimensions in inches and (millimeters)
0.945(24.0)
MIN.
0.945(24.0)
MIN.
.360(9.1)
.360(9.1)
.340(8.6)
.340(8.6)
.052(1.3)
.04
3(1.1)
DIA.
DIA.
Operating and Storage Temperature Range T , T
J
STG
A
A
V
µA
µA
nS
pF
C
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request


Similar Part No. - HER608

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER608 WTE-HER608 Datasheet
48Kb / 3P
   6.0A HIGH EFFICIENCY RECTIFIER
logo
Nanjing International G...
HER608 DGNJDZ-HER608 Datasheet
309Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
HER608 YFWDIODE-HER608 Datasheet
435Kb / 3P
   High Efficiency Silicon Rectifiers
logo
Shanghai Shunye Electro...
HER608 SY-HER608 Datasheet
234Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Microdiode Electronics ...
HER608 CHENDA-HER608 Datasheet
536Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER608

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
HER602-2C6A-2CR-6 DGNJDZ-HER602-2C6A-2CR-6 Datasheet
309Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
HER604-2C6A-2CR-6 DGNJDZ-HER604-2C6A-2CR-6 Datasheet
309Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
HER605-2C6A-2CR-6 DGNJDZ-HER605-2C6A-2CR-6 Datasheet
309Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER601 BYTES-HER601 Datasheet
154Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER603-2C6A-2CR-6 DGNJDZ-HER603-2C6A-2CR-6 Datasheet
309Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
HER607-2C6A-2CR-6 DGNJDZ-HER607-2C6A-2CR-6 Datasheet
309Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Formosa MS
HER601 FORMOSA-HER601 Datasheet
36Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER608-2C6A-2CR-6 DGNJDZ-HER608-2C6A-2CR-6 Datasheet
309Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
UNIOHM CORPORATION
HER601 UNIOHM-HER601 Datasheet
69Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER601-2C6A-2CR-6 DGNJDZ-HER601-2C6A-2CR-6 Datasheet
309Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com