Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLSG491M200JB0C Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # MLSG491M200JB0C
Description  Withstands more than 80,000 feet altitude
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLSG491M200JB0C Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  MLSG491M200JB0C Datasheet HTML 1Page - Cornell Dubilier Electronics MLSG491M200JB0C Datasheet HTML 2Page - Cornell Dubilier Electronics MLSG491M200JB0C Datasheet HTML 3Page - Cornell Dubilier Electronics MLSG491M200JB0C Datasheet HTML 4Page - Cornell Dubilier Electronics MLSG491M200JB0C Datasheet HTML 5Page - Cornell Dubilier Electronics MLSG491M200JB0C Datasheet HTML 6Page - Cornell Dubilier Electronics MLSG491M200JB0C Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Temperature Range
–55 °C to +125 °C
Rated Voltage Range
10 Vdc to 250 Vdc
Capacitance Range
140 µF to 24,000 µF
Capacitance Tolerance
±20%
Leakage Current
≤ 0.002 CV µA, @ 25 °C and 5 mins.
Ripple Current Multipliers
Low Temperature Characteristics
Impedance ratio: Z
–55 ⁰C ∕ Z+25 ⁰C @ 120 Hz
≤ 10 (5 - 20 Vdc)
≤ 2 (25 - 250 Vdc)
DC Life Test
5000 h at rated voltage @ 125 °C
D Capacitance +/- 15% less than or equal to 60 Vdc
D Capacitance +/- 10% greater than 60 Vdc
ESR 200% of limit
DCL 100% of limit
Shelf Life Test
500 h @ 125 °C
Capacitance 100% of limit
ESR 100% of limit
DCL 100% of limit
Vibration
Mounting: Vibration capability is dependent upon mounting restraint.
MIL-STD-202, Meth. 204, Sine Swept. IEC 60068-2-6
JK Case = 80g
All Others = 50g
With a profile of 1.0”by 0.5”type MLSG Slimpack capacitors fit into the
tightest of spaces and meets a DC test of 5000 hrs at rated voltage,
125 ºC. MLSG Slimpack is a perfect fit for military and aerospace
applications requiring a low profile, rugged design and long-life.
Specify type HRMLSG for high reliability burn-in.
Highlights
- 5000 hrs @ rated voltage, 125 °C
- Stainless steel case
- Withstands more than 80,000 feet altitude
- 80 g vibration
- Type HR, high reliability burn-in
Specifications
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Case Temperature
Ambient Temperature, No Heatsink
45 °C
55 °C
65 °C
75 °C 85 °C 95 °C 105 °C 115 °C 125 °C
0.63
0.58
0.54
0.49
0.44
0.38
0.31
0.22
0.00
45 °C 55 °C 65 °C 75 °C 85 °C 95 °C 105 °C 115 °C 125 °C
1.41
1.32
1.22
1.12
1.00
0.87
0.71
0.50
0.00
Frequency
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz
10 kHz &
up
5 to 40 V
0.95
0.96
1.00
1.03
1.04
1.04
1.04
60 to 250 V 0.80
0.84
1.00
1.18
1.25
1.30
1.30
Type MLSG – Slimpack, 5000 hr@125 ºC, Aluminum Electrolytic


Similar Part No. - MLSG491M200JB0C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLSG491M200JB0C CDE-MLSG491M200JB0C Datasheet
333Kb / 7P
   Aluminum Electrolytic
More results

Similar Description - MLSG491M200JB0C

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N4052 NJSEMI-1N4052 Datasheet
111Kb / 1P
   Standard Rectifier (trr more than 500ns)
logo
Mallory Sonalert Produc...
PMO-4530PN-47UQ MSPI-PMO-4530PN-47UQ Datasheet
107Kb / 1P
   S/N Ration More than 58 dB
PMO-6022PN-48KDQ MSPI-PMO-6022PN-48KDQ Datasheet
87Kb / 1P
   S/N Ration More than 58 dB
logo
MERITEK ELECTRONICS COR...
CI MERITEK-CI Datasheet
144Kb / 1P
   Reduction in required real estate (more than 50%)
logo
Renesas Technology Corp
HN29V25611AT-50 RENESAS-HN29V25611AT-50 Datasheet
351Kb / 47P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Hitachi Semiconductor
HN29W12811 HITACHI-HN29W12811 Datasheet
315Kb / 42P
   128M AND type Flash Memory More than 8,029-sector (135,657,984-bit)
HN29W25611 HITACHI-HN29W25611 Datasheet
347Kb / 43P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Renesas Technology Corp
HN29V25611AT-50H RENESAS-HN29V25611AT-50H Datasheet
349Kb / 47P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Hitachi Semiconductor
HN29V51211 HITACHI-HN29V51211 Datasheet
306Kb / 42P
   512M AND type Flash Memory More than 32,113-sector (542,581,248-bit)
HN29W25611T HITACHI-HN29W25611T Datasheet
331Kb / 42P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com