Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR16150CT Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # MBR16150CT
Description  SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

MBR16150CT Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  MBR16150CT Datasheet HTML 1Page - HY ELECTRONIC CORP. MBR16150CT Datasheet HTML 2Page - HY ELECTRONIC CORP. MBR16150CT Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Guard ring for transient protection
Low power loss,high efficiency
High current capability,low VF
High surge capacity
MECHANICAL DATA
Case: TO-220AB molded plastic
Polarity: As marked on the body
Weight: 0.08ounces,2.24 grams
Mounting position :Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
MBR
MBR
MBR
MBR
MBR
MBR
MBR
1630CT 1640CT 1650CT 1660CT 1680CT 16100CT 16150CT
Maximum Recurrent Peak Reverse Voltage
VRRM
30
40
50
60
80
100
150
V
Maximum RMS Voltage
VRMS
21
28
35
42
56
70
105
V
Maximum DC Blocking Voltage
VDC
30
40
50
60
80
100
150
V
Maximum Average Forward
Rectified Current ( See Fig.1)
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Peak Forward
IF=8A @TJ=25℃
1.05
Voltage (Note1)
IF=8A @TJ=125℃
0.92
IF=16A @TJ=25℃
-
IF=16A @TJ=125℃
-
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Bolcking Voltage
@TJ=125℃
Typical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance (Note3)
RθJC
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
4.The typical data above is for reference only(典型值仅供参考).
Rev. 7, 16-Mar-2017
MBR1630CT thru MBR16150CT
V
VF
0.95
0.85
-
-
0.72
-
SCHOTTKY BARRIER RECTIFIERS
3.Thermal resistance junction to case.
-55 to +175
REVERSE VOLTAGE - 30 to 150Volts
FORWARD CURRENT - 16.0 Amperes
NOTES:1.300us pulse width,2% duty cycle.
Plastic package has UL flammability
classification 94V-0
Metal of silicon rectifier , majority carrier conduction
0.1
For use in low voltage,high frequency inverters,free
A
I(AV)
16.0
A
150
mA
IR
5.0
0.75
0.85
0.57
0.65
0.75
-55 to +150
wheeling,and polarity protection applications
CHARACTERISTICS
SYMBOL
UNIT
IFSM
2.Measured at 1.0 MHZ and applied reverse voltage of 4.0V DC.
3.0
0.7
400
200
0.3
10
TO-220AB
.057(1.45)
.045(1.14)
.177
(4.5)
MAX
MAX
(3.5)
.138
.055(1.4)
.047(1.2)
.173(4.4)
.189(4.8)
.531(13.5)
.583(14.8)
.610(15.5)
.583(14.8)
.230(5.8)
.270(6.9)
.091(2.3)
.102(2.6)
.043(1.1)
.032(0.8)
.135(3.44)
.103 (2.62)
.153(3.9)
.146(3.7)
.374(9.5)
.413(10.5)
.024(0.6)
.012(0.3)


Similar Part No. - MBR16150CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR16150CT PANJIT-MBR16150CT Datasheet
86Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Rugao Dachang Electroni...
MBR16150CT DACHANG-MBR16150CT Datasheet
134Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A
logo
Formosa MS
MBR16150CT FORMOSA-MBR16150CT Datasheet
193Kb / 2P
   REVERSE VOLTAGE 40 to 200 Volts RORWARD CURRENT 10.0 Amperes
logo
Shenzhen Luguang Electr...
MBR16150CT LUGUANG-MBR16150CT Datasheet
123Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Rugao Dachang Electroni...
MBR16150CT DACHANG-MBR16150CT Datasheet
134Kb / 2P
   Schottky Barrier Rectifier
More results

Similar Description - MBR16150CT

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com