Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF1640 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # MBRF1640
Description  SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

MBRF1640 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  MBRF1640 Datasheet HTML 1Page - HY ELECTRONIC CORP. MBRF1640 Datasheet HTML 2Page - HY ELECTRONIC CORP. MBRF1640 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERTIC CURVES
MBRF1630 thru MBRF16150
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
Rev. 7, 16-Mar-2017
NUMBER OF CYCLES AT 60Hz
FIG. 2 – MAXIMUM NON-REPETITIVE SURGE CURRENT
1
250
200
150
100
50
0
300
10
25
20
50
100
PULSE WIDTH 8.3 ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
FIG.5 – TYPICAL JUNCTION CAPACITANCE
0.1
1000
100
10
1
10
100
TJ = 25°C f = 1 MHz
4
FIG. 1 – FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE (℃)
4.0
0
25
12.0
16.0
50
75
100
125
150
175
8.0
SINGLE PHASE HALF WAVE
60HZ RESISTIVE OR
INDUCTIVE LOAD
40
20
0.1
1.0
1000
10
0.01
0
100
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.4-TYPICAL FORWARD CHARACTERISTICS
0
0.1
0.3
0.5
0.7
1.1
1.5
1.3
0.9
1.7
100
10
0.1
1.0
TJ = 25°C
PULSE WIDTH 300us
2% DUTY CYCLE
MBRF1650 -
MBRF1660
MBRF1680 -
MBRF16100
MBRF16150
MBRF1630 -
MBRF1640
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.3-TYPICAL REVERSE CHARACTERISTICS
TJ=125
TJ=25
MBRF1630 - MBRF1660
MBRF1680 - MBRF16150
60
80
100
120
140
40
20
0.1
1.0
1000
10
0.01
0
100
REVERSE VOLTAGE ,VOLTS


Similar Part No. - MBRF1640

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBRF1640 SMC-MBRF1640 Datasheet
101Kb / 5P
   SCHOTTKY RECTIFIER
logo
Diode Semiconductor Kor...
MBRF1640 DSK-MBRF1640 Datasheet
189Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
MBRF1640 HY-MBRF1640 Datasheet
489Kb / 4P
   Schottky Barrier Recitifiers
logo
SAMYANG ELECTRONICS CO....
MBRF1640 SAMYANG-MBRF1640 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SMC Diode Solutions Co....
MBRF1640 SMCDIODE-MBRF1640 Datasheet
842Kb / 4P
   MBRF1640 SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - MBRF1640

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com