Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52721 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M52721
Description  WIDEBAND VIDEO PREAMPLIFIER WITH OSD MIX
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52721 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M52721 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M52721 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M52721 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M52721 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M52721 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52721 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52721 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52721 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52721 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MITSUBISHI ICs (Monitor)
M52721SP
WIDEBAND VIDEO PREAMPLIFIER WITH OSD MIX
1
DESCRIPTION
The M52721SP is a wideband video preamplifier with 200MHz
band.
FEATURES
Input:0.7VP-P (Typical), Output:7VP-P (Maximum)
Maximum gain:20dB
Frequency band:200MHz (-3dB)
Contrast control (0 to 5VDC)
Brightness control (0 to 5VDC)
Built-in OSD MIX circuit
APPLICATION
Display monitor
RECOMMENDED OPERATING CONDITION
Supply voltage range....................................................11.5 to 12.5V
Rated supply voltage................................................................12.0V
Operating temperature..............................................-20
°C to +85°C
Circuit current...........................................................................60mA
PIN CONFIGURATION (TOP VIEW)
CAP
REF.C
F.B.C
GND 1
VIDEO IN
VCC1
CONTRAST
OSD.C
CLAMP+ IN
OSD BLK IN
OSD MIX IN
OSD ADJUST
GND 3
VIDEO OUT
VCC3
VCC2
F/B+
GND 2
F/B
Outline 20P4B
20
17
18
19
1
4
3
2
16
5
15
6
12
9
11
10
7
8
14
13
CLAMP HOLD
BLOCK DIAGRAM
CONTRAST
GND 1
VCC1
CAP
11
12
13
14
15
16
17
18
19
20
10
9
8
7
6
5
4
3
2
1
CONTRAST
CLAMP+ IN
CLAMP
OSD.C
VIDEO IN
F.B.C
REF.C
OSD
VCC3
OSD
OSD
VCC2
GND 3
VIDEO OUT
F/B+
GND 2
F/B
HOLD
ADJUST
MIX IN
BLK IN
AMP
BRIGHTNESS
AMP
CLAMP
+


Similar Part No. - M52721

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52722 MITSUBISHI-M52722 Datasheet
125Kb / 17P
   3-CHANNEL VIDEO PREAMPLIFIER PROVIDED WITH OSD MIX AND RETRACE LINE BLK FOR HIGH-RESOLUTION
M52722SP MITSUBISHI-M52722SP Datasheet
125Kb / 17P
   3-CHANNEL VIDEO PREAMPLIFIER PROVIDED WITH OSD MIX AND RETRACE LINE BLK FOR HIGH-RESOLUTION
M52723ASP MITSUBISHI-M52723ASP Datasheet
101Kb / 17P
   DYNAMIC FOCUS
logo
Renesas Technology Corp
M52723ASP RENESAS-M52723ASP Datasheet
290Kb / 23P
   Dynamic Focus
logo
Mitsubishi Electric Sem...
M52727SP MITSUBISHI-M52727SP Datasheet
430Kb / 61P
   PAL/NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
More results

Similar Description - M52721

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52722SP MITSUBISHI-M52722SP Datasheet
125Kb / 17P
   3-CHANNEL VIDEO PREAMPLIFIER PROVIDED WITH OSD MIX AND RETRACE LINE BLK FOR HIGH-RESOLUTION
M52737SP MITSUBISHI-M52737SP Datasheet
119Kb / 15P
   3-CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING, RETRACE BLANKING
M52738P MITSUBISHI-M52738P Datasheet
24Kb / 3P
   3-CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING, RETRACE BLANKING
logo
Texas Instruments
TLS1255 TI1-TLS1255 Datasheet
139Kb / 7P
[Old version datasheet]   VIDEO PREAMPLIFIER SYSTEM WITH ON-SCREEN DISPLAY (OSD)MIXER
logo
Mitsubishi Electric Sem...
M52337SP MITSUBISHI-M52337SP Datasheet
110Kb / 17P
   3-CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING FUNCTION FOR HIGH-RESOLUTION COLOR DISPLAYS
M52321SP MITSUBISHI-M52321SP Datasheet
604Kb / 18P
   3 CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING FUNTION FOR HIGH DEFINITION COLOR DISPLAYS
logo
Mitsumi Electronics, Co...
MM1381 MITSUMI-MM1381 Datasheet
268Kb / 10P
   RGB Video Amplifier with OSD Input
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
   Video Signal Processor with Bitmap OSD
Rev. SpA
logo
Mitsubishi Electric Sem...
M52734SP MITSUBISHI-M52734SP Datasheet
100Kb / 13P
   3-CHANNEL VIDEO AMPLIFICATION WITH OSD BLANKING
logo
Motorola, Inc
MC13282A MOTOROLA-MC13282A Datasheet
268Kb / 12P
   100 MHz VIDEO PROCESSOR WITH OSD INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com