Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1402 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CM1402
Description  SIM Card EMI Filter Array ESD Protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1402 Datasheet(HTML) 3 Page - ON Semiconductor

  CM1402_11 Datasheet HTML 1Page - ON Semiconductor CM1402_11 Datasheet HTML 2Page - ON Semiconductor CM1402_11 Datasheet HTML 3Page - ON Semiconductor CM1402_11 Datasheet HTML 4Page - ON Semiconductor CM1402_11 Datasheet HTML 5Page - ON Semiconductor CM1402_11 Datasheet HTML 6Page - ON Semiconductor CM1402_11 Datasheet HTML 7Page - ON Semiconductor CM1402_11 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CM1402
http://onsemi.com
3
Table 3. STANDARD OPERATING CONDITIONS
Parameter
Rating
Units
Operating Temperature Range
–40 to +85
°C
Table 4. ELECTRICAL OPERATING CHARACTERISTICS (Note 1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
R1
Resistance of R1
80
100
120
W
R2
Resistance of R2
38
47
56
W
C
Capacitance
VIN = 2.5 VDC, 1 MHz, 30 mV ac
16
20
24
pF
VSTANDOFF
Stand−off Voltage
I = 10 mA
6.0
V
ILEAK
Diode Leakage Current
VBIAS = 3.3 V
0.1
1.0
mA
VSIG
Signal Voltage
Positive Clamp
Negative Clamp
ILOAD = 10 mA
ILOAD = −10 mA
5.6
−1.5
6.8
–0.8
9.0
−0.4
V
VESD
In−system ESD Withstand Voltage
a) Human Body Model, MIL−STD−883,
Method 3015
b) Contact Discharge per IEC 61000−4−2
(Notes 2 and 4)
±25
±10
kV
VCL
Clamping Voltage during ESD Discharge
MIL−STD−883 (Method 3015), 8 kV
Positive Transients
Negative Transients
(Notes 2, 3 and 4)
+12
−7
V
fC1
Cut−off Frequency
ZSOURCE = 50 W, ZLOAD = 50 W
R = 100 W, C = 20 pF
77
MHz
fC2
Cut−off Frequency
ZSOURCE = 50 W, ZLOAD = 50 W
R = 47 W, C = 20 pF
85
MHz
1. TA = 25°C unless otherwise specified.
2. ESD applied to input and output pins with respect to GND, one at a time.
3. Clamping voltage is measured at the opposite side of the EMI filter to the ESD pin. For example, if ESD is applied to Pin A1, then clamping
voltage is measured at Pin C1.
4. Unused pins are left open.


Similar Part No. - CM1402_11

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1402-03CP CALMIRCO-CM1402-03CP Datasheet
493Kb / 8P
   SIM Card EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1402-03CP ONSEMI-CM1402-03CP Datasheet
418Kb / 12P
   SIM Card EMI Filter Array with ESD Protection
May 2010 Rev. 3
logo
California Micro Device...
CM1402-03CS CALMIRCO-CM1402-03CS Datasheet
493Kb / 8P
   SIM Card EMI Filter Array with ESD Protection
More results

Similar Description - CM1402_11

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPEMI400 CALMIRCO-CSPEMI400 Datasheet
477Kb / 8P
   SIM Card EMI Filter Array with ESD Protection
logo
ON Semiconductor
CSPEMI400 ONSEMI-CSPEMI400 Datasheet
1Mb / 11P
   SIM Card EMI Filter Array with ESD Protection
May 2010 Rev. 2
logo
California Micro Device...
CM1402 CALMIRCO-CM1402 Datasheet
493Kb / 8P
   SIM Card EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1402 ONSEMI-CM1402 Datasheet
418Kb / 12P
   SIM Card EMI Filter Array with ESD Protection
May 2010 Rev. 3
logo
Semtech Corporation
ECLAMP2455K SEMTECH-ECLAMP2455K Datasheet
166Kb / 8P
   ESD/EMI Protection for SIM Card
ECLAMP2485T SEMTECH-ECLAMP2485T Datasheet
278Kb / 10P
   ESD/EMI Protection for SIM Card
logo
ON Semiconductor
CM6320 ONSEMI-CM6320 Datasheet
122Kb / 4P
   EMI Filter with ESD Protection for SIM Card Applications
April, 2011 ??Rev. 3
CM1623 ONSEMI-CM1623 Datasheet
312Kb / 9P
   EMI Filter with ESD Protection for SIM Card Applications
May 2010 ??Rev. 2
CM6305 ONSEMI-CM6305 Datasheet
209Kb / 4P
   EMI Filter with ESD Protection for SIM Card Applications
August, 2011 ??Rev. 2
logo
Pan Jit International I...
PJ4254FN8C PANJIT-PJ4254FN8C Datasheet
220Kb / 4P
   EMI FILTER ARRAY WITH ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com