Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P-U90-G4X1-1XXX Datasheet(PDF) 5 Page - Amphenol Corporation

Part # P-U90-G4X1-1XXX
Description  WITH HEATSINK
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-U90-G4X1-1XXX Datasheet(HTML) 5 Page - Amphenol Corporation

  P-U90-G4X1-1XXX Datasheet HTML 1Page - Amphenol Corporation P-U90-G4X1-1XXX Datasheet HTML 2Page - Amphenol Corporation P-U90-G4X1-1XXX Datasheet HTML 3Page - Amphenol Corporation P-U90-G4X1-1XXX Datasheet HTML 4Page - Amphenol Corporation P-U90-G4X1-1XXX Datasheet HTML 5Page - Amphenol Corporation P-U90-G4X1-1XXX Datasheet HTML 6Page - Amphenol Corporation P-U90-G4X1-1XXX Datasheet HTML 7Page - Amphenol Corporation P-U90-G4X1-1XXX Datasheet HTML 8Page - Amphenol Corporation P-U90-G4X1-1XXX Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
16.00
0
3.10
12.10
21.10
30.10
37.00 MAX
3.10
7.60
10.60
11.60 MIN
NOTES:
DATUM X AND Y ESTABLISHED BY CUSTOMER'S FUDUCIAL.
1.
LOCATION OF EDGE OF PCB IS APPLICATION SPECIFIC.
2.
FINISHED HOLE SIZE.
3.
5 OF 10
D
C
B
A
A
B
C
D
REF.
SCALE
SIZE
PROJECT
DWG. NO.
C
SHEET
REV.
DATE
APPROVALS
DRAWN
DESIGNED
CHECKED
QA APP'D
MATERIAL AND FINISH
1
2
3
4
5
6
7
8
8
76
54
32
1
E
F
E
F
IE APP'D
DWG APP'D
TITLE
Amphenol Canada Corp.
ZLJ
JAN 29/13
OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM AMPHENOL CANADA CORP.
CODE IDENT. NO.
Jane.Z
P-U90-G4X1-1XXX
A.GREEN
THIS DOCUMENT COTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE
DO NOT SCALE DRAWING
SEE SHEET 1
REVISIONS
Q
DATE
REV.
APPROVED
ZLJ
DESCRIPTION
NOV 25/08
ECN/E-R
.25
Q
5:2
WITH HEATSINK,CLIP AND LIGHT PIPE
NOV 25/08
NOV 25/08
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETER
TOLERANCES ARE:
DECIMALS
ANGLES
.XX
.10
1
.X
QSFP 1X4 CAGE
BEHIND BEZEL
PAD SIZE TO BE DECIDED BY
( 8LEDSX2PADS )
SOLDER PAD FOR LED
CUSTOMER
(TRACES ALLOWED)
COMPONENT KEEP-OUT
THIS AREA DENOTES
COMPONENT AND TRACE KEEP-OUT
CROSS-HATCHED AREA DENOTES
(EXCEPT CHASSIS GROUND)
(SEE NOTE 1)
(SEE NOTE 1)
(COMPONENT SIDE OF BOARD)
S
FOR DOUBLE BARREL LIGHT PIPE
BEHIND BEZEL BELLY TO BELLY LAYOUT
RECOMMENDED HOST PCB BOARD
AK S
Y
L
0.1 M
X
BK
TYP.
9.50
19.00
TYP.
1.05±0.05
(53 PLC.)
(SEE NOTE 3)
A
3.20±0.32
FOR BELLY TO BELLY APPLICATION
L
K
L
0.1
A X
SCALE 3 : 1
L
Y
K
DETAIL BK
L
K
0.05
K
S
X
0.1
A
0.05 S
L
HATCHED AREA
5.18
2.50
15.80
0.40
0.80
16.20
SURFACE TRACES PERMITTED
WITHIN THIS LENGTH
EXCEPT IN CROSS
2.0 REF.
3.50 MAX
TYP.
±0.03
MIN
1.80
MAX
±0.05
1.55
15.00
0.35
±0.05
1.55
MAX
1.25
1.80±0.03


Similar Part No. - P-U90-G4X1-1XXX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-U90-G3X1-1XXX AMPHENOL-P-U90-G3X1-1XXX Datasheet
765Kb / 11P
   CAGE IS INTENDED FOR USE WITH THE
More results

Similar Description - P-U90-G4X1-1XXX

ManufacturerPart #DatasheetDescription
logo
celduc-relais
WF311100 CELDUC-WF311100 Datasheet
44Kb / 1P
   Heatsink with DIN rail adaptator
logo
Advanced Power Electron...
AP0504GMT-HF A-POWER-AP0504GMT-HF_16 Datasheet
52Kb / 5P
   SO-8 Compatible with Heatsink
AP93T03AGMT-HF A-POWER-AP93T03AGMT-HF_16 Datasheet
68Kb / 5P
   SO-8 Compatible with Heatsink
AP92U03GMT-HF A-POWER-AP92U03GMT-HF_16 Datasheet
52Kb / 5P
   SO-8 Compatible with Heatsink
AP76T03AGMT-HF A-POWER-AP76T03AGMT-HF_16 Datasheet
64Kb / 5P
   SO-8 Compatible with Heatsink
AP2RA04GMT-HF A-POWER-AP2RA04GMT-HF_16 Datasheet
52Kb / 5P
   SO-8 Compatible with Heatsink
AP0503GMT-HF A-POWER-AP0503GMT-HF_16 Datasheet
52Kb / 5P
   SO-8 Compatible with Heatsink
AP1RA03GMT-HF A-POWER-AP1RA03GMT-HF_16 Datasheet
53Kb / 5P
   SO-8 Compatible with Heatsink
AP9990GMT-HF A-POWER-AP9990GMT-HF_16 Datasheet
61Kb / 5P
   SO-8 Compatible with Heatsink
AP0704GMT-HF A-POWER-AP0704GMT-HF_16 Datasheet
52Kb / 5P
   SO-8 Compatible with Heatsink
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com