Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WBR250-50A Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # WBR250-50A
Description  High vibration resistance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

WBR250-50A Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  WBR250-50A Datasheet HTML 1Page - Cornell Dubilier Electronics WBR250-50A Datasheet HTML 2Page - Cornell Dubilier Electronics WBR250-50A Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type WBR 85 ºC, Industrial Grade, Axial Leaded, Aluminum
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Part Numbering System
Ratings
WBR
500
16
A
E
Type
Capacitance
Voltage
Lead
Epoxy Endseal
WBR
500 = 500 µF
16 = 16 Vdc
A = 1.5" 20 AWG
E = Epoxy
Blank = No epoxy
Ripple
Max Case
Catalog
Max ESR @ 85 ºC
Size
Cap
Part Number
120 Hz
120 Hz
D x L
(µF)
(Ω)
(A)
(Inches)
16 Vdc ( 20 Vdc Surge )
100
WBR100-16A
5.30
0.057
0.34
0.76
250
WBR250-16A
2.10
0.118
0.34
0.88
500
WBR500-16A
1.10
0.270
0.40
1.00
1000 WBR1000-16A
0.53
0.420
0.40
1.32
2000 WBR2000-16A
0.27
0.660
0.47
1.57
3000 WBR3000-16A
0.18
0.820
0.52
1.83
4000 WBR4000-16A
0.13
1.000
0.65
1.83
5000 WBR5000-16A
0.11
1.200
0.65
1.83
25 Vdc ( 30 Vdc Surge )
10
WBR10-25A
48.00
0.018
0.28
0.57
25
WBR25-25A
19.00
0.031
0.28
0.57
50
WBR50-25A
9.50
0.044
0.34
0.76
100
WBR100-25A
4.80
0.074
0.34
0.76
250
WBR250-25A
1.80
0.155
0.40
1.00
500
WBR500-25A
0.95
0.280
0.40
1.32
1000 WBR1000-25A
0.48
0.450
0.47
1.57
2000 WBR2000-25A
0.23
0.720
0.65
1.83
35 Vdc ( 40 Vdc Surge )
100
WBR100-35A
4.40
0.086
0.40
0.88
150
WBR150-35A
2.95
0.114
0.40
1.00
300
WBR300-35A
1.45
0.195
0.47
1.32
500
WBR500-35A
0.87
0.285
0.52
1.67
1000 WBR1000-35A
0.44
0.450
0.54
1.67
2000 WBR2000-35A
0.22
0.910
0.65
1.83
3000 WBR3000-35A
0.15
1.150
0.74
1.69
50 Vdc ( 65 Vdc Surge )
1
WBR1-50A
390.00
0.010
0.28
0.57
2
WBR2-50A
195.00
0.012
0.28
0.57
5
WBR5-50A
77.00
0.014
0.28
0.57
10
WBR10-50A
39.00
0.020
0.28
0.57
25
WBR25-50A
15.50
0.035
0.34
0.76
50
WBR50-50A
7.70
0.060
0.40
0.88
100
WBR100-50A
3.90
0.140
0.40
1.00
150
WBR150-50A
2.50
0.160
0.40
1.00
250
WBR250-50A
1.50
0.220
0.40
1.32
500
WBR500-50A
0.77
0.340
0.52
1.57
1000 WBR1000-50A
0.39
0.530
0.65
1.83
1500 WBR1500-50A
0.25
0.740
0.65
1.83
75 Vdc ( 95 Vdc Surge )
150
WBR150-75A
2.50
0.180
0.47
1.32
275
WBR275-75A
1.30
0.280
0.52
1.57
500
WBR500-75A
0.72
0.400
0.65
1.83
Ripple
Max Case
Catalog
Max ESR @ 85 ºC
Size
Cap
Part Number
120 Hz
120 Hz
D x L
(µF)
(Ω)
(A)
(Inches)
150 Vdc ( 175 Vdc Surge )
4
WBR4-150A
78.00
0.018
0.34
0.88
5
WBR5-150A
62.00
0.020
0.34
0.88
8
WBR8-150A
39.00
0.030
0.40
0.88
10
WBR10-150A
31.00
0.034
0.40
0.88
16
WBR16-150A
19.50
0.045
0.40
1.00
20
WBR20-150A
15.50
0.050
0.40
1.32
30
WBR30-150A
10.50
0.085
0.40
1.57
40
WBR40-150A
7.80
0.096
0.47
1.32
50
WBR50-150A
6.20
0.105
0.47
1.57
60
WBR60-150A
5.20
0.130
0.65
1.57
80
WBR80-150A
3.90
0.155
0.65
1.83
100 WBR100-150A
3.10
0.190
0.65
1.83
150 WBR150-150A
2.05
0.230
0.74
1.69
180 Vdc ( 250 Vdc Surge )
125 WBR125-180A
2.30
0.300
0.74
1.69
250 Vdc ( 300 Vdc Surge )
4
WBR4-250A
64.00
0.035
0.40
1.00
8
WBR8-250A
32.00
0.056
0.40
1.32
12
WBR12-250A
21.50
0.062
0.40
1.32
16
WBR16-250A
16.00
0.065
0.47
1.57
20
WBR20-250A
12.50
0.075
0.47
1.57
30
WBR30-250A
8.40
0.105
0.52
1.57
40
WBR40-250A
6.30
0.125
0.52
1.83
50
WBR50-250A
5.00
0.140
0.65
1.83
60
WBR60-250A
4.20
0.180
0.65
1.83
80
WBR80-250A
3.10
0.200
0.74
1.69
350 Vdc ( 400 Vdc Surge )
4
WBR4-350A
51.00
0.036
0.40
1.00
8
WBR8-350A
26.00
0.050
0.47
1.32
20
WBR20-350A
10.00
0.090
0.52
1.57
40
WBR40-350A
5.10
0.135
0.65
1.83
450 Vdc ( 525 Vdc Surge )
1
WBR1-450A
205.00
0.023
0.40
1.00
2
WBR2-450A
102.00
0.030
0.40
1.00
4
WBR4-450A
51.00
0.038
0.47
1.57
5
WBR5-450A
40.00
0.042
0.47
1.57
8
WBR8-450A
26.00
0.053
0.47
1.57
10
WBR10-450A
20.00
0.058
0.52
1.57
12
WBR12-450A
17.00
0.062
0.65
1.83
16
WBR16-450A
12.50
0.084
0.65
1.83
20
WBR20-450A
10.00
0.105
0.65
1.83
30
WBR30-450A
6.70
0.130
0.74
1.69


Similar Part No. - WBR250-50A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WBR250-50A ETC2-WBR250-50A Datasheet
163Kb / 2P
   Industrial Grade, Axial Leaded, Aluminum
logo
Cornell Dubilier Electr...
WBR250-50A CDE-WBR250-50A Datasheet
163Kb / 2P
   Industrial Grade, Axial Leaded, Aluminum
More results

Similar Description - WBR250-50A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CC2A-T1A GOLLEDGE-CC2A-T1A Datasheet
555Kb / 5P
   High shock & vibration resistance
CC1V-T1A GOLLEDGE-CC1V-T1A Datasheet
556Kb / 5P
   High shock & vibration resistance
logo
EUROQUARTZ limited
CX1HGSM EUROQUARTZ-CX1HGSM Datasheet
134Kb / 2P
   High shock and vibration resistance
logo
Golledge Electronics Lt...
MCSO2V GOLLEDGE-MCSO2V Datasheet
550Kb / 4P
   Excellent shock & vibration resistance
MCSOV GOLLEDGE-MCSOV_18 Datasheet
567Kb / 4P
   Excellent shock & vibration resistance
MCSO6 GOLLEDGE-MCSO6 Datasheet
551Kb / 5P
   Excellent shock & vibration resistance
MCSO6FV GOLLEDGE-MCSO6FV Datasheet
551Kb / 4P
   Excellent shock & vibration resistance
MCSO6FW GOLLEDGE-MCSO6FW Datasheet
551Kb / 4P
   Excellent shock & vibration resistance
MCSO6W GOLLEDGE-MCSO6W Datasheet
546Kb / 4P
   Excellent shock & vibration resistance
MCSOFHV GOLLEDGE-MCSOFHV Datasheet
549Kb / 4P
   Excellent shock & vibration resistance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com