Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491A474K025AS-F Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # T491A474K025AS-F
Description  Solid Tantalum Chip Capacitors for Surface Mount Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

T491A474K025AS-F Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  T491A474K025AS-F Datasheet HTML 1Page - Cornell Dubilier Electronics T491A474K025AS-F Datasheet HTML 2Page - Cornell Dubilier Electronics T491A474K025AS-F Datasheet HTML 3Page - Cornell Dubilier Electronics T491A474K025AS-F Datasheet HTML 4Page - Cornell Dubilier Electronics T491A474K025AS-F Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Type T491 Solid Tantalum Chip Capacitors
Ratings
N
ote: CDE reserves the right to offer higher rated voltage substitutes
within the same case size. The marking will indicate the higher voltage.
Max. DC Max. DF %
Cap
EIA
Leakage
@ 25 ºC
(µF)
IECQ
µA @ 25 ºC
120 Hz
15
T
3528L
T491T156K004A
S-F
0.6
6
33
B
3528
T491B336K004AS
-F
1.3
6
68
C
6032
T491C686K004AS
-F
2.7
6
100
C
6032
T491C107K004AS
-F
4
8
100
D
7343
T491D107K004AS
-F
4
8
150
D
7343
T491D157K004AS
-F
6
8
4.7
A
3216
T491A475K006AS
-F
0.5
6
4.7
S
3216L
T491S475K006AS
-F
0.5
6
6.8
A
3216
T491A685K006AS
-F
0.5
6
6.8
B
3528
T491B685K006AS
-F
0.5
6
10
A
3216
T491A106K006AS
-F
0.6
6
10
B
3528
T491B106K006AS
-F
0.6
6
10
T
3528L
T491T106K006AS
-F
0.6
6
22
B
3528
T491B226K006AS
-F
1.4
6
22
C
6032
T491C226K006AS
-F
1.4
6
33
C
6032
T491C336K006AS
-F
2
6
47
C
6032
T491C476K006AS
-F
2.9
6
47
D
7343
T491D476K006AS
-F
2.9
6
68
C
6032
T491C686K006AS
-F
4.1
6
100
D
7343
T491D107K006AS
-F
6
8
150
D
7343
T491D157K006AS
-F
9
8
220
X
7343H
T491X227K006AS
-F
13.2
8
220
D
7343
T491D227K006AS
-F
13.2
8
330
X
7343H
T491X337K006AS
-F
19.8
8
2.2
A
3216
T491A225K010AS
-F
0.5
6
3.3
A
3216
T491A335K010AS
-F
0.5
6
3.3
S
3216L
T491S335K010AS
-F
0.5
6
4.7
A
3216
T491A475K010AS
-F
0.5
6
4.7
B
3528
T491B475K010AS
-F
0.5
6
6.8
A
3216
T491A685K010AS
-F
0.7
6
6.8
B
3528
T491B685K010AS
-F
0.7
6
6.8
T
3528L
T491T685K010AS
-F
0.7
6
10
B
3528
T491B106K010AS
-F
1
6
10
C
6032
T491C106K010AS
-F
1
6
15
B
3528
T491B156K010AS
-F
1.5
6
22
C
6032
T491C226K010AS
-F
2.2
6
33
C
6032
T491C336K010AS
-F
3.3
6
47
C
6032
T491C476K010AS
-F
4.7
6
47
D
7343
T491D476K010AS
-F
4.7
6
68
D
7343
T491D686K010AS
-F
6.8
6
100
D
7343
T491D107K010AS
-F
10
8
150
X
7343H
T491X157K010AS
-F
15
8
220
X
7343H
T491X227K010AS
-F
22
8
4 WVdc @ +85 ºC
(2.7 WVdc @ 125 ºC)
6 WVdc @ +85 ºC
(4 WVdc @ 125 ºC)
10 WVdc @ +85 ºC
(7 WVdc @ 125 ºC)
Catalog
Part Number
Case Code
CDE
Max. DC Max. DF %
Cap
EIA
Leakage
@ 25 ºC
(µF)
IECQ
µA @ 25 ºC
120 Hz
1.0
A
3216
T491A105K016AS-F
0.5
4
2.2
A
3216
T491A225K016AS-F
0.5
6
2.2
S
3216L
T491S225K016AS-F
0.5
6
3.3
A
3216
T491A335K016AS-F
0.5
6
3.3
B
3528
T491B335K016AS-F
0.5
6
4.7
A
3216
T491A475K016AS-F
0.8
6
4.7
B
3528
T491B475K016AS-F
0.8
6
4.7
T
3528L
T491T475K016AS-F
0.8
6
6.8
B
3528
T491B685K016AS-F
1.1
6
6.8
C
6032
T491C685K016AS-F
1.1
6
10
B
3528
T491B106K016AS-F
1.6
6
10
C
6032
T491C106K016AS-F
1.6
6
15
C
6032
T491C156K016AS-F
2.4
6
22
C
6032
T491C226K016AS-F
3.6
6
22
D
7343
T491D226K016AS-F
3.6
6
33
C
6032
T491C336K016AS-F
5.3
6
33
D
7343
T491D336K016AS-F
5.3
6
47
D
7343
T491D476K016AS-F
7.5
6
68
D
7343
T491D686K016AS-F
10.9
6
100
X
7343H
T491X107K016AS-F
16
8
150
X
7343H
T491X157K016AS-F
24
8
1.0
A
3216
T491A105K020AS
-F
0.5
4
1.5
A
3216
T491A155K020AS
-F
0.5
6
1.5
S
3216L
T491S155K020AS
-F
0.5
6
2.2
A
3216
T491A225K020AS
-F
0.5
6
2.2
B
3528
T491B225K020AS
-F
0.5
6
3.3
A
3216
T491A335K020AS
-F
0.7
6
3.3
B
3528
T491B335K020AS
-F
0.7
6
3.3
T
3528L
T491T335K020AS
-F
0.7
6
4.7
B
3528
T491B475K020AS
-F
1
6
4.7
C
6032
T491C475K020AS
-F
1
6
6.8
B
3528
T491B685K020AS
-F
1.4
6
6.8
C
6032
T491C685K020AS
-F
1.4
6
10
C
6032
T491C106K020AS
-F
2
6
15
C
6032
T491C156K020AS
-F
3
6
15
D
7343
T491D156K020AS
-F
3
6
22
C
6032
T491C226K020AS
-F
4.4
6
22
D
7343
T491D226K020AS
-F
4.4
6
33
D
7343
T491D336K020AS
-F
6.6
6
47
D
7343
T491D476K020AS
-F
9.4
6
68
X
7343H
T491X686K020AS
-F
13.6
6
100
X
7343H
T491X107K020AS
-F
20
8
20 WVdc @ +85 ºC
(13 WVdc @ 125 ºC)
16 WVdc @ +85 ºC
(10 WVdc @ 125 ºC)
Case Code
Catalog
Part Number
CDE
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8561•Fax: (508)996-3830• www.cde.com


Similar Part No. - T491A474K025AS-F

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491A474K025AT KEMET-T491A474K025AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 0.47 uF, 10%, 25 V, 3216, SMD, MnO2, Molded, 13 Ohms, Height Max = 1.8mm
More results

Similar Description - T491A474K025AS-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D475X9050D2T VISHAY-593D475X9050D2T Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TP3 VISHAY-TP3_17 Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D106X9020B2TE3 VISHAY-293D106X9020B2TE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X0016B2TE3 VISHAY-293D106X0016B2TE3 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X06R3B2TE3 VISHAY-593D107X06R3B2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TM3 VISHAY-TM3_17 Datasheet
546Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D475X9020B2TE3 VISHAY-293D475X9020B2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 21-Mar-13
293D VISHAY-293D Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com