Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEK331M160ST Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # SEK331M160ST
Description  Available in T&R and ammo pack
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SEK331M160ST Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  SEK331M160ST Datasheet HTML 1Page - Cornell Dubilier Electronics SEK331M160ST Datasheet HTML 2Page - Cornell Dubilier Electronics SEK331M160ST Datasheet HTML 3Page - Cornell Dubilier Electronics SEK331M160ST Datasheet HTML 4Page - Cornell Dubilier Electronics SEK331M160ST Datasheet HTML 5Page - Cornell Dubilier Electronics SEK331M160ST Datasheet HTML 6Page - Cornell Dubilier Electronics SEK331M160ST Datasheet HTML 7Page - Cornell Dubilier Electronics SEK331M160ST Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SEK 105 ºC Radial Leaded Aluminum Electrolytic Capacitors
Max ESR Max Ripple
Catalog
120 Hz
120 Hz
Size in. (mm)
Cap
Part Number
25 ºC
105 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
25 Vdc (32 Volts Surge)
470
SEK471M025ST
0.45
470
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
1000
SEK102M025ST
0.21
855
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
2200
SEK222M025ST
0.11
1230
.512 (13.0) .984 (26.0)
.197 (5.0)
.0236 (0.6)
3300
SEK332M025ST
0.08
1450
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
4700
SEK472M025ST
0.07
1690
.709 (18.0) 1.40 (36.0)
.295 (7.5)
.0315 (0.8)
6800
SEK682M025ST
0.05
2856
.709 (18.0) 1.65 (42.0)
.295 (7.5)
.0315 (0.8)
35 Vdc (44 Volts Surge)
22
SEK220M035ST
8.44
65
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
33
SEK330M035ST
5.63
85
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
47
SEK470M035ST
3.95
115
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
100
SEK101M035ST
1.86
190
.315 (8.0) .453 (11.5)
.138 (3.5)
.0236 (0.6)
220
SEK221M035ST
0.84
315
.394 (10.0) .512 (13.0)
.197 (5.0)
.0236 (0.6)
330
SEK331M035ST
0.56
440
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
470
SEK471M035ST
0.40
580
.512 (13.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
1000
SEK102M035ST
0.19
995
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
2200
SEK222M035ST
0.10
1450
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
3300
SEK332M035ST
0.07
1660
.709 (18.0) 1.40 (36.0)
.295 (7.5)
.0315 (0.8)
4700
SEK472M035ST
0.06
2674
.709 (18.0) 1.65 (42.0)
.295 (7.5)
.0315 (0.8)
50 Vdc (63 Volts Surge)
0.47
SEKR47M050ST
338.80
7.0
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
1.0
SEK010M050ST
159.24
12.0
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
2.2
SEK2R2M050ST
72.38
18.0
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
3.3
SEK3R3M050ST
48.25
25.0
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
4.7
SEK4R7M050ST
33.88
30.0
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
10
SEK100M050ST
15.92
50.0
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
22
SEK220M050ST
7.24
75.0
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
33
SEK330M050ST
4.83
105.0
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
47
SEK470M050ST
3.39
125.0
.248 (6.3) .453 (11.5)
.098 (2.5)
.0197 (0.5)
100
SEK101M050ST
1.59
210.0
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
220
SEK221M050ST
0.72
400.0
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
330
SEK331M050ST
0.48
535.0
.394 (10.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
470
SEK471M050ST
0.34
730.0
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
1000
SEK102M050ST
0.16
1110.0
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
2200
SEK222M050ST
0.08
1530.0
.709 (18.0) 1.40 (36.0)
.295 (7.5)
.0315 (0.8)
3300
SEK332M050ST
0.47
2478.0
.709 (18.0) 1.65 (42.0)
.295 (7.5)
.0315 (0.8)
63 Vdc (79 Volts Surge)
4.7
SEK4R7M063ST
28.23
34
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
10
SEK100M063ST
13.27
55
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
22
SEK220M063ST
6.03
90
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
33
SEK330M063ST
4.02
110
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
47
SEK470M063ST
2.82
155
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
100
SEK101M063ST
1.33
260
.394 (10.0) .512 (13.0)
.197 (5.0)
.0236 (0.6)
220
SEK221M063ST
0.60
460
.394 (10.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
330
SEK331M063ST
0.40
650
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
470
SEK471M063ST
0.28
800
.512 (13.0) .984 (26.0)
.197 (5.0)
.0236 (0.6)
1000
SEK102M063ST
0.13
1200
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
Parts highlighted in yellow are obsolete.


Similar Part No. - SEK331M160ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SEK331M160ST CDE-SEK331M160ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
SEK331M160ST CDE-SEK331M160ST Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
More results

Similar Description - SEK331M160ST

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE2F3KY103MN3AM02 MURATA-DE2F3KY103MN3AM02 Datasheet
42Kb / 1P
   Ammo pack
DESD33A221KN2A MURATA-DESD33A221KN2A Datasheet
44Kb / 1P
   Ammo pack taping type
DE2E3KH332MN3A MURATA-DE2E3KH332MN3A Datasheet
45Kb / 1P
   Ammo pack taping type
logo
Cornell Dubilier Electr...
167 CDE-167 Datasheet
98Kb / 5P
   Bulk, tape and reel or ammo pack
logo
Semtech Corporation
1N-SS254 SEMTECH-1N-SS254 Datasheet
221Kb / 2P
   Packing Specification of 52mm Ammo Pack
logo
Littelfuse
V12ZT1 LITTELFUSE-V12ZT1 Datasheet
471Kb / 14P
   Available in tape and reel or bulk pack
logo
Kersemi Electronic Co.,...
IRF840S KERSEMI-IRF840S Datasheet
1Mb / 7P
   Available in Tape and Reel
IRF830S KERSEMI-IRF830S Datasheet
800Kb / 8P
   Available in Tape and Reel
IRF9540S KERSEMI-IRF9540S Datasheet
778Kb / 8P
   Available in Tape and Reel
logo
NXP Semiconductors
SA2410 PHILIPS-SA2410 Datasheet
47Kb / 6P
   2.45GHz RF power amplifier and T/R switch
1997 Sep 09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com