Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLP122M063A1P3 Datasheet(PDF) 8 Page - Cornell Dubilier Electronics

Part # SLP122M063A1P3
Description  Best for switching power supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SLP122M063A1P3 Datasheet(HTML) 8 Page - Cornell Dubilier Electronics

  SLP122M063A1P3 Datasheet HTML 1Page - Cornell Dubilier Electronics SLP122M063A1P3 Datasheet HTML 2Page - Cornell Dubilier Electronics SLP122M063A1P3 Datasheet HTML 3Page - Cornell Dubilier Electronics SLP122M063A1P3 Datasheet HTML 4Page - Cornell Dubilier Electronics SLP122M063A1P3 Datasheet HTML 5Page - Cornell Dubilier Electronics SLP122M063A1P3 Datasheet HTML 6Page - Cornell Dubilier Electronics SLP122M063A1P3 Datasheet HTML 7Page - Cornell Dubilier Electronics SLP122M063A1P3 Datasheet HTML 8Page - Cornell Dubilier Electronics SLP122M063A1P3 Datasheet HTML 9Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Type SLP 105 °C Snap-In Aluminum Electrolytic
Best Value 105 °C Snap-In Type
0
0.2
0.4
0.6
0.8
1
1.2
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type SLP Capacitance vs Frequency at Temperatures 330 µF 350 V
85 ºC
25 ºC
45 ºC
0 ºC
–40 ºC
65 ºC
–20 ºC
105 ºC
0
0.2
0.4
0.6
0.8
1
1.2
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type SLP Capacitance vs Frequency at Temperatures 1200 µF 200 V
85 ºC
25 ºC
45 ºC
0 ºC
–40 ºC
65 ºC
–20 ºC
105 ºC
0.1
1
10
100
1000
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type SLP ESR vs Frequency at Temperatures 330 µF 350 V
–20 ºC
0 ºC
25 ºC
65 ºC
85 ºC
45 ºC
–40 ºC
105 ºC
0.01
0.1
1
10
100
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type SLP Impedance vs Frequency at Temperatures 330 µF 350 V
–40 ºC
0 ºC
25 ºC
85 ºC
65 ºC
45 ºC
–20 ºC
105 ºC
0.01
0.1
1
10
100
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type SLP Impedance vs Frequency at Temperatures 1200 µF 200 V
–40 ºC
0 ºC
25 ºC
65 ºC 85 ºC
45 ºC
–20 ºC
105 ºC
Typical Performance Curves
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
0.1
1
10
100
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type SLP ESR vs Frequency at Temperatures 1200 µF 200 V
–20 ºC
0 ºC
25 ºC
65 ºC85ºC
45 ºC
–40 ºC
105 C


Similar Part No. - SLP122M063A1P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLP122M063A1P3 CDE-SLP122M063A1P3 Datasheet
1Mb / 8P
   105 쨘C Aluminum Electrolytic Snap-In Capacitors
SLP122M063A1P3 CDE-SLP122M063A1P3 Datasheet
483Kb / 8P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
More results

Similar Description - SLP122M063A1P3

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ER9 TDK-ER9 Datasheet
250Kb / 4P
   For Switching Power Supplies SMD Cores
logo
Nichicon corporation
UPJ1J181MPD NICHICON-UPJ1J181MPD Datasheet
106Kb / 7P
   Low Impedance, For Switching Power Supplies
logo
Total Power Internation...
TPLBU09A TOTAL-POWER-TPLBU09A Datasheet
200Kb / 2P
   Switching Power Supplies
logo
TECHNOLOGY ASSISTANCE B...
TDRSP-BX-3000-12 TAB-TDRSP-BX-3000-12 Datasheet
465Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
PTCP-5-80 TECHNOLOGY-PTCP-5-80 Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
NTDX-6000-12 TAB-NTDX-6000-12 Datasheet
380Kb / 2P
   SWITCHING POWER SUPPLIES
PTCP TAB-PTCP Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
TDRSP-1000-12 TECHNOLOGY-TDRSP-1000-12 Datasheet
410Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Balluff Korea Ltd.
BAE0111 BALLUFF-BAE0111 Datasheet
126Kb / 2P
   Switching Power Supplies
0.28_2021-12-17
BAE0112 BALLUFF-BAE0112 Datasheet
124Kb / 2P
   Switching Power Supplies
0.28_2021-12-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com