Electronic Components Datasheet Search |
|
SLP332M063A4P3 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics |
|
SLP332M063A4P3 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics |
1 / 9 page Temperature Range –40 ºC to +105 ºC ≤ 100 Vdc –25 ºC to +105 ºC ≥ 160 Vdc Rated Voltage Range 10 Vdc to 450 Vdc Capacitance Range 47 µF to 56,000 µF Capacitance Tolerance ±20% Leakage Current ≤ 3 √CV µA at 5 minutes Ripple Current Multipliers Ambient Temperature Low Temperature Characteristics Impedance ratio: Z –20⁰C ∕ Z+25⁰C ≤ 10 (10 Vdc) ≤ 8 (16–50 Vdc) ≤ 4 (63–100 Vdc) ≤ 3 (150–450 Vdc) Endurance Life 3,000 h @ full load @105 ºC Δ Capacitance ±20% ESR ≤200% of limit DCL 100 % of limit Shelf Life 1,000 h @ 105 ºC Δ Capacitance ±20% ESR ≤150% of limit DCL 100 % of limit Vibration 10 Hz to 55 Hz , 0.06” and 10g max 2 h for each plane RoHS Compliant Type SLP is the best value package snap-in series for 105 ºC, 3000 h operation. This series is the most cost-effective choice for DC filtering and power supply applications where high temperature, long life and high ripple capability are needed. Highlights - 3000 h ripple load life at rated voltage - 105 ºC rated - Small case size with high capacitance - Best for switching power supplies - 22 mm to 35 mm diameter, 10 mm lead spacing - Best value snap-in type - High ripple current Specifications Frequency 20 ºC - 45 ºC 65 ºC 85 ºC 105 ºC 2.00 1.89 1.52 1.00 Voltage 60 Hz 120 Hz 1 kHz 10 kHz & Up 10 - 100 Vdc 0.90 1.00 1.15 1.25 160 - 450 Vdc 0.80 1.00 1.25 1.47 To apply multipliers, see ratings tables for ripple current values Type SLP 105 °C Snap-In Aluminum Electrolytic Best Value 105 °C Snap-In Type CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 |
Similar Part No. - SLP332M063A4P3 |
|
Similar Description - SLP332M063A4P3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |