Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491B684K035AS-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # T491B684K035AS-F
Description  Solid Tantalum Chip Capacitors for Surface Mount Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

T491B684K035AS-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  T491B684K035AS-F Datasheet HTML 1Page - Cornell Dubilier Electronics T491B684K035AS-F Datasheet HTML 2Page - Cornell Dubilier Electronics T491B684K035AS-F Datasheet HTML 3Page - Cornell Dubilier Electronics T491B684K035AS-F Datasheet HTML 4Page - Cornell Dubilier Electronics T491B684K035AS-F Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Type T491 Solid Tantalum Chip Capacitors
Low DF and DC Leakage
Temperature Stable
260 ºC for 10 Seconds Soldering
Meets IECQ Standard
QC300801/US0001
Meets EIA Standard 535BAAC
Capacitance Range:
Voltage Range:
Tolerance:
Operating Temperature:
Cap Change From Initial Limit:
DC Leakage:
Dissipation Factor:
Standard Packaging Tape and Reel:
0.10 µF to 330 µF
4 Vdc to 50 VDC
±10% standard, ±20% available
–55 ºC to +125 ºC (with proper derating)
–10% @ –55 ºC; +10% @ +85 ºC;
+12% @ +125 ºC
At 25 ºC — See Ratings
At 85 ºC — 10 x 25 ºC limit
At 125 ºC — 12 x 25 ºC limit
0.1 µF to 1.0 µF — 4%
1.5 µF to 68 µF — 6%
100 µF to 330 µF — 8%
EIA RS-481-1
Specifications
Highlights
The T491 Series’ physical outline and dimen-
sions conform to the global standard for tanta-
lum capacitor chips, and the T491 exceeds the
requirements of EIA standard 535BAAC. T491
chips are specifically for automated surface
mount processes and equipment. The termina-
tions are 100% Matte-Tin. Reliability and
thermal stability are assured by lead-frame at-
tachments to the tantalum pellet made by micro-
processor-controlled welding and a high tem-
perature silver epoxy adhesive. Standard pack-
aging is compatible with all tape-fed placement
units and with EIA RS- 481-1 tape and reel speci-
fication.
Solid Tantalum Chip Capacitors for Surface Mount Applications
Case
EIA
Qty per
Code
IECQ
7" Reel
Width
Pitch
S
3216L
2,500
8mm
4mm
T
3528L
2,500
8mm
4mm
A
3216
2,000
8mm
4mm
B
3528
2,000
8mm
4mm
C
6032
500
12mm
8mm
D
7343
500
12mm
8mm
X
7343H
500
12mm
8mm
Tape
13” Reels Available on Special Order
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8561•Fax: (508)996-3830• www.cde.com
Complies with the EU Directive
2 0 0 2 / 9 5 / E C r e q u i r e m e n t
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls (PBB)
and PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - T491B684K035AS-F

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B685010A KEMET-T491B685010A Datasheet
705Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
T491B685020A KEMET-T491B685020A Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491B6851010A2 KEMET-T491B6851010A2 Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
T491B685K006AT KEMET-T491B685K006AT Datasheet
2Mb / 25P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO2
T491B685K010AT KEMET-T491B685K010AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 6.8 uF, 10%, 10 V, 3528, SMD, MnO2, Molded, 3.5 Ohms, Height Max = 2.1mm
More results

Similar Description - T491B684K035AS-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D475X9050D2T VISHAY-593D475X9050D2T Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TP3 VISHAY-TP3_17 Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D106X9020B2TE3 VISHAY-293D106X9020B2TE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X0016B2TE3 VISHAY-293D106X0016B2TE3 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X06R3B2TE3 VISHAY-593D107X06R3B2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TM3 VISHAY-TM3_17 Datasheet
546Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D475X9020B2TE3 VISHAY-293D475X9020B2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 21-Mar-13
293D VISHAY-293D Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com