Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMC2P12K-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # WMC2P12K-F
Description  Axial Lead, Miniature Size for Automatic Insertion
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

WMC2P12K-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  WMC2P12K-F Datasheet HTML 1Page - Cornell Dubilier Electronics WMC2P12K-F Datasheet HTML 2Page - Cornell Dubilier Electronics WMC2P12K-F Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type WMC Polyester Film/Foil Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Ratings
Axial Lead, Miniature Size for Automatic Insertion
Type WMC axial-leaded polyester film/foil capacitors
are ideal for automatic insertion in printed circuit
boards. It is an ultraminiature version of Type WMF
and the sections of these non-inductive capacitors are
constructed with extended foil, polyester film, with
tinned copper-clad steel leads.
Highlights
• Miniature Size
• Available on tape and reel
• Film/foil construction, non-inductive design
• High dV/dt ratings
• Good for high pulse applications
Specifica-
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Temperature Range:
Dielectric Strength:
Dissipation Factor:
Insulation Resistance:
Life Test:
.001 µF to .47 µF
80 to 400 Vdc
±10% standard, ±5% optional
–55 to +125 ºC
(Full-rated voltage at 85 °C–Derate linearly to 50%-rated voltage at 125 °C)
Outline Drawing
Pulse Ratings
Lead Diameters:
No. 24 AWG to .282” (6.35mm) diameter
No. 22 AWG .283” (6.38mm) diameter and up
NOTE: Other capacitance values, sizes and performance specifications are
available. Contact us.
Specifications
Pulse Capability
Body Length
Rated
≤.437
.531-.593 .656-.718
0.906
1.218
Voltage
dV/dt — volts per microsecond, maximum
80
5000
2100
1500
900
690
200
10800
5000
3000
1700
1260
400
30700
14500
9600
3600
2600
Cap
Catalog
D
L
d
(µF)
Part Number Inches (mm) Inches (mm) Inches (mm)
80 Vdc
0.0010 WMC08D1K-F
.185 (4.7)
.406 (10.3)
.020 (.5)
0.0012 WMC08D12K-F
.185 (4.7)
.406 (10.3)
.020 (.5)
0.0015 WMC08D15K-F
.185 (4.7)
.406 (10.3)
.020 (.5)
0.0018 WMC08D18K-F
.185 (4.7)
.406 (10.3)
.020 (.5)
0.0022 WMC08D22K-F
.185 (4.7)
.406 (10.3)
.020 (.5)
0.0027 WMC08D27K-F
.185 (4.7)
.406 (10.3)
.020 (.5)
Cap
Catalog
D
L
d
(µF)
Part Number Inches (mm) Inches (mm) Inches (mm)
80 Vdc
0.0033 WMC08D33K-F
.185 (4.7)
.406 (10.3)
.020 (.5)
0.0039 WMC08D39K-F
.185 (4.7)
.406 (10.3)
.020 (.5)
0.0047 WMC08D47K-F
.185 (4.7)
.406 (10.3)
.020 (.5)
0.0056 WMC08D56K-F
.185 (4.7)
.406 (10.3)
.020 (.5)
0.0068 WMC08D68K-F
.185 (4.7)
.406 (10.3)
.020 (.5)
0.0082 WMC08D82K-F
.185 (4.7)
.406 (10.3)
.020 (.5)
Tinned Copper-Clad Steel Leads
d
1.5” Min.
(38 mm)
1.5” Min.
(38 mm)
D
Max.
L Max.
250% of rated voltage for 1 minute
.75% Max. (25 ºC, 1 kHz)
30,000 MΩ x µF, 100,000 MΩ Min.
250 hours at 85 ºC at 125% rated voltage
RoHS Compliant


Similar Part No. - WMC2P12K-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMC2P12K-F ETC2-WMC2P12K-F Datasheet
137Kb / 2P
   Polyester Film/Foil Capacitors
logo
Cornell Dubilier Electr...
WMC2P12K-F CDE-WMC2P12K-F Datasheet
137Kb / 2P
   Polyester Film/Foil Capacitors
More results

Similar Description - WMC2P12K-F

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-FCSL OHMITE-RES-FCSL Datasheet
526Kb / 2P
   Designed for automatic insertion
RES-HVF OHMITE-RES-HVF Datasheet
404Kb / 2P
   Designed for automatic insertion
logo
Nanjing International G...
BC856A DGNJDZ-BC856A Datasheet
727Kb / 2P
   Ideally suited for automatic insertion
logo
Rectron Semiconductor
BC846V RECTRON-BC846V Datasheet
450Kb / 6P
   Ideally suited for automatic insertion
BC856V RECTRON-BC856V Datasheet
518Kb / 6P
   Ideally suited for automatic insertion
logo
MAKO SEMICONDUCTOR CO.,...
BC807-16 MAKOSEMI-BC807-16 Datasheet
113Kb / 2P
   Ldeally suited for automatic insertion
logo
Nanjing International G...
BC847 DGNJDZ-BC847 Datasheet
228Kb / 3P
   Ideally suited for automatic insertion
logo
Ohmite Mfg. Co.
RES-EY OHMITE-RES-EY Datasheet
467Kb / 2P
   Suitable for automatic machine insertion
logo
New Jersey Semi-Conduct...
MR501 NJSEMI-MR501 Datasheet
114Kb / 2P
   MINIATURE SIZE, AXIAL LEAD MOUNTED STANDARD RECOVERY POWER RECTIFIERS
logo
C&K Components
KSA CK-COMPONENTS-KSA Datasheet
359Kb / 5P
   Designed for automatic or manual insertion
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com