Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1382 Datasheet(PDF) 8 Page - Mitsumi Electronics, Corp.

Part # MM1382
Description  RGB Video Amplifier with OSD Input
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1382 Datasheet(HTML) 8 Page - Mitsumi Electronics, Corp.

Back Button MM1382 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1382 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1382 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1382 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1382 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1382 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1382 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1382 Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM1382 Datasheet HTML 10Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MITSUMI
RGB Video Amplifier with OSD Input MM1381, 1382, 1383
Timing Diagram
Blanking transmission delay and Rise/fall time
OSD transmission delay and Rise/fall time
Video
OSD, OSD
Video transmission delay and Switching time
BLANK GATE
VIDEO OUT
VOH
VOL
0V
1V
tfD-BLK
tf-BLK
1.3V
0.5V
0.5V
1.3V
trD-BLK
tr-BLK
OSD IN
VIDEO/OSD
SWITCH
VIDEO OUT
VOH
VOL
VOH
1.3V
1.3V
VOL
trD-OSDS
tfD-OSDS
tf-OSDS
tr-OSDS
4VP-P
1V
2V
2V
OSD IN
VIDEO/OSD
SWITCH
VIDEO OUT
VOH
VOL
VOH
VOL
1.3V
1.3V
1V
trD-OSD
tr-OSD
4VP-P
2V
tfD-OSD
tf-OSD
2V


Similar Part No. - MM1382

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1380 MITSUMI-MM1380 Datasheet
185Kb / 7P
   Monolithic IC
MM1385 MITSUMI-MM1385 Datasheet
65Kb / 4P
   Microminiature Low-Power Consumption Low-Saturation Regulator
MM1389 MITSUMI-MM1389 Datasheet
108Kb / 7P
   Pedestal Clamp 2-Input 1-Output 3-Circuit Video Switch
More results

Similar Description - MM1382

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC8213 ADDTEK-AMC8213 Datasheet
206Kb / 9P
   200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
JUNE 2006
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
logo
Texas Instruments
LM1279A TI1-LM1279A Datasheet
556Kb / 15P
[Old version datasheet]   LM1279A 110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1283 NSC-LM1283 Datasheet
401Kb / 13P
   140 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1281 NSC-LM1281 Datasheet
391Kb / 14P
   85 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1269 NSC-LM1269 Datasheet
1Mb / 20P
   110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
LM1282 NSC-LM1282 Datasheet
488Kb / 14P
   110 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com