Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1382 Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # MM1382
Description  RGB Video Amplifier with OSD Input
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1382 Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  MM1382 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1382 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1382 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1382 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1382 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1382 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1382 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1382 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1382 Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MITSUMI
RGB Video Amplifier with OSD Input MM1381, 1382, 1383
RGB Video Amplifier with OSD Input
Monolithic IC MM1381, 1382, 1383
Outline
MM1381XD, MM1382XD and MM1383XD are wideband RGB video amplifiers with OSD input, developed for
use in monitors. The main differences between them are video amp bandwidth and output rise time, and
output fall time.
Features
1. Built-in wideband video amp
110MHz
@ -3dB (4VP-P output)
2. OSD input has TTL interface
bandwidth 50MHz
3. Output voltage less than 0.1V for blanking
4. High-speed switching between VIDEO/OSD
5. Each channel has an independent drive pin for color balance adjustment
6. Built-in high impedance DC contrast control, 0~4V (> 40dB range)
7. Built-in high impedance DC drive control, 0~4V (±3dB range)
8. Built-in high impedance DC OSD contrast control, 0~4V (> 40dB range)
9. 7VP-P output swing (band slightly attenuated)
10Output can drive hybrid or discrete CRT drivers directly
Package
DIP-28C (MM1381XD, MM1382XD, MM1383XD)
Applications
1. High resolution RGB CRT monitors with OSD function
2. AGC amps for video
3. Gain and DC offset control
4. LCD or CCD system interface amp
Model
MM1381
MM1382
MM1383
Video amp band
85MHz
110MHz
140MHz
Output rise time
3.5nS
3.0nS
2.3nS
Output fall time
4.5nS
4.0nS
3.3nS
MM1382XD is described here as the representative model.
MM1382 is a wideband video amp system with OSD input, developed for use in high resolution RGB
monitors. MM1382 has three matched video amps with a blanking function. All DC control input is high
impedance, and the operating range is set for easy interface with serial bus control systems, at 0~4V. The
OSD section has three TTL inputs and DC contrast control. OSD signals have TTL input interface, and these
signals are made internally so that OSD input low level and video black level are the same. OSD display color
balance follows video signal color balance control adjustment. In addition, MM1382 has a built-in spot-killer
circuit that protects the CRT when monitor power is turned off.


Similar Part No. - MM1382

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1380 MITSUMI-MM1380 Datasheet
185Kb / 7P
   Monolithic IC
MM1385 MITSUMI-MM1385 Datasheet
65Kb / 4P
   Microminiature Low-Power Consumption Low-Saturation Regulator
MM1389 MITSUMI-MM1389 Datasheet
108Kb / 7P
   Pedestal Clamp 2-Input 1-Output 3-Circuit Video Switch
More results

Similar Description - MM1382

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC8213 ADDTEK-AMC8213 Datasheet
206Kb / 9P
   200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
JUNE 2006
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
logo
Texas Instruments
LM1279A TI1-LM1279A Datasheet
556Kb / 15P
[Old version datasheet]   LM1279A 110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1283 NSC-LM1283 Datasheet
401Kb / 13P
   140 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1281 NSC-LM1281 Datasheet
391Kb / 14P
   85 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1269 NSC-LM1269 Datasheet
1Mb / 20P
   110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
LM1282 NSC-LM1282 Datasheet
488Kb / 14P
   110 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com