Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM54C157N Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C157N
Description  Quad 2-Input Multiplexers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C157N Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM54C157N Datasheet HTML 1Page - National Semiconductor (TI) MM54C157N Datasheet HTML 2Page - National Semiconductor (TI) MM54C157N Datasheet HTML 3Page - National Semiconductor (TI) MM54C157N Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at Any Pin
b
03V to VCC a 03V
Operating Temperature Range
MM54C157
b
55 Cto a125 C
MM74C157
b
40 Cto a85 C
Storage Temperature Range
b
65 Cto a150 C
Maximum VCC Voltage
18V
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Operating VCC Range
3V to 15V
Lead Temperature (Soldering 10 sec)
260 C
DC Electrical Characteristics MinMax limits apply across temperature range unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS TO CMOS
VIN(1)
Logical ‘‘1’’ Input Voltage
VCC e 5V
35
V
VCC e 10V
80
V
VIN(0)
Logical ‘‘0’’ Input Voltage
VCC e 5V
15
V
VCC e 10V
20
V
VOUT(1)
Logical ‘‘1’’ Output Voltage
VCC e 5V
45
V
VCC e 10V
90
V
VOUT(0)
Logical ‘‘0’’ Output Voltage
VCC e 5V
05
V
VCC e 10V
10
V
IIN(1)
Logical ‘‘1’’ Input Current
VCC e 15V
0005
10
m
A
IIN(0)
Logical ‘‘0’’ Input Current
VCC e 15V
b
10
b
0005
m
A
ICC
Supply Current
VCC e 15V
005
60
m
A
CMOS TO TENTH POWER INTERFACE
VIN(1)
Logical ‘‘1’’ Input Voltage
54C
VCC e 45V
VCC b 15
V
74C
VCC e 475V
VCC b 15
V
VIN(0)
Logical ‘‘0’’ Input Voltage
54C
VCC e 45V
08
V
74C
VCC e 475V
08
V
VOUT(1)
Logical ‘‘1’’ Output Voltage
54C
VCC e 45V IO eb360 mA
24
V
74C
VCC e 475V IO eb360 mA
24
V
VOUT(0)
Logical ‘‘0’’ Output Voltage
54C
VCC e 45V IO e 360 mA
04
V
74C
VCC e 475V IO e 360 mA
04
V
OUTPUT DRIVE (See 54C74C Family Characteristics Data Sheet) (Short Circuit Current)
ISOURCE
Output Source Current
VCC e 5V VIN(0) e 0V
b
175
mA
TA e 25 C VOUT e 0V
ISOURCE
Output Source Current
VCC e 10V VIN(0) e 0V
b
80
mA
TA e 25 C VOUT e 0V
ISINK
Output Sink Current
VCC e 5V VIN(1) e 5V
175
mA
TA e 25 C VOUT e VCC
ISINK
Output Sink Current
VCC e 10V VIN(1) e 10V
80
mA
TA e 25 C VOUT e VCC
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
2


Similar Part No. - MM54C157N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C150 NSC-MM54C150 Datasheet
126Kb / 8P
   16-Line to 1-Line Multiplexer, TRI-STATE16-Line to 1-Line
MM54C150J NSC-MM54C150J Datasheet
126Kb / 8P
   16-Line to 1-Line Multiplexer, TRI-STATE16-Line to 1-Line
MM54C151J NSC-MM54C151J Datasheet
15Kb / 7P
   8-CHANNEL DIGITAL MULTIPLEXER
MM54C151W NSC-MM54C151W Datasheet
15Kb / 7P
   8-CHANNEL DIGITAL MULTIPLEXER
MM54C154 NSC-MM54C154 Datasheet
101Kb / 4P
   4-Line to 16-Line Decoder/Demultiplexer
More results

Similar Description - MM54C157N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT157T TI-CY54FCT157T_01 Datasheet
302Kb / 11P
[Old version datasheet]   QUAD 2-INPUT MULTIPLEXERS
CD54-74AC157 TI-CD54-74AC157 Datasheet
181Kb / 7P
[Old version datasheet]   QUAD 2-INPUT MULTIPLEXERS
logo
Fairchild Semiconductor
MM74C157 FAIRCHILD-MM74C157 Datasheet
40Kb / 4P
   Quad 2-Input Multiplexers
logo
National Semiconductor ...
DM7123 NSC-DM7123 Datasheet
88Kb / 3P
   Quad 2-Input DATA SELECTORS / MULTIPLEXERS
logo
Integral Corp.
IN74HC158A INTEGRAL-IN74HC158A Datasheet
147Kb / 5P
   QUAD 2-INPUT DATA SELECTORS/MULTIPLEXERS
logo
ON Semiconductor
MC74HC157A ONSEMI-MC74HC157A Datasheet
177Kb / 8P
   Quad 2-Input Data Selectors/Multiplexers
March, 2000 ??Rev. 8
MC74HC157A ONSEMI-MC74HC157A_14 Datasheet
117Kb / 7P
   Quad 2-Input Data Selectors/Multiplexers
August, 2014 ??Rev. 12
logo
Hitachi Semiconductor
74HC298 HITACHI-74HC298 Datasheet
34Kb / 7P
   Quad. 2-input Multiplexers (with storage)
HD74HC298 HITACHI-HD74HC298 Datasheet
43Kb / 8P
   Quad. 2-input Multiplexers (with storage)
logo
Intersil Corporation
HCS157MS INTERSIL-HCS157MS Datasheet
168Kb / 9P
   Radiation Hardened Quad 2-Input Multiplexers
September 1995
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com