Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST3232ECDR Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST3232ECDR
Description  250 kbps minimum guaranteed data rate
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3232ECDR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST3232ECDR Datasheet HTML 2Page - STMicroelectronics ST3232ECDR Datasheet HTML 3Page - STMicroelectronics ST3232ECDR Datasheet HTML 4Page - STMicroelectronics ST3232ECDR Datasheet HTML 5Page - STMicroelectronics ST3232ECDR Datasheet HTML 6Page - STMicroelectronics ST3232ECDR Datasheet HTML 7Page - STMicroelectronics ST3232ECDR Datasheet HTML 8Page - STMicroelectronics ST3232ECDR Datasheet HTML 9Page - STMicroelectronics ST3232ECDR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical characteristics
ST3232EB - ST3232EC
6/19
Note:
1
Transmitter skew is measured at the transmitter zero cross points
Table 7.
Receiver (C1 - C4 = 0.1 µF tested at 3.3 V ± 10 %, VCC = 3 V to 5.5 V, TA = -40 to 85 °C,
unless otherwise specified. Typical values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VRIN
Receiver input voltage operating
range
-25
25
V
VRIL
RS-232 Input threshold low
TA = 25°C, VCC = 3.3V
0.6
1.1
V
TA = 25°C, VCC = 5V
0.8
1.5
VRIH
RS-232 Input threshold high
TA = 25°C, VCC = 3.3V
1.4
2.4
V
TA = 25°C, VCC = 5V
1.8
2.4
VRIHYS
Input hysteresis
0.5
V
RRIN
Input resistance
TA = 25°C
3
5
7
k
Ω
VROL
TTL/CMOS Output voltage low
IOUT = 1.6mA
0.4
V
VROH
TTL/CMOS Output voltage high
IOUT = -1mA
VCC-0.6
VCC-0.1
V
Table 8.
Timing characteristics (C1 - C4 = 0.1 µF tested at 3.3 V ± 10 %, VCC = 3 V to 5.5 V,
TA = -40 to 85 °C, unless otherwise specified. Typical values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DR
Data transfer rate
RL = 3KΩ, CL2= 1000pF
one transmitter switching
250
Kbps
tPHLR
tPLHR
Propagation delay input to
output
RXIN = RXOUT, CL = 150pF
0.15
µs
tOER
Receiver output enable time Normal Operation
50
ns
tODR
Receiver output disable time Normal Operation
50
ns
|tPHLT
- tTHL|
Transmitter propagation
delay difference
(Note 1)
200
ns
|tPHLR
- tTHR|
Receiver propagation delay
difference
50
ns
SRT
Transition slew rate
TA = 25°C RL = 3kΩ to 7kΩ VCC = 3.3V
measured from +3V to -3V or -3V to +3V
CL = 150pF to 1000pF
CL = 150pF to 2500pF
6
4
30
30
V/µs
V/µs


Similar Part No. - ST3232ECDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3232ECDR STMICROELECTRONICS-ST3232ECDR Datasheet
426Kb / 16P
   짹15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
April 2003
ST3232ECDR STMICROELECTRONICS-ST3232ECDR Datasheet
382Kb / 20P
   짹15kV ESD-Protection, 3 to 5.5V, low power, up to 250KBPS, RS-232 drivers and receivers
ST3232ECDR STMICROELECTRONICS-ST3232ECDR Datasheet
806Kb / 19P
   짹 15 kV ESD protection 3 to 5.5 V low power, up to 250 kbps, RS-232 drivers and receivers
More results

Similar Description - ST3232ECDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLV3243EB STMICROELECTRONICS-STLV3243EB Datasheet
261Kb / 16P
   250 kbps minimum guaranteed data rate
January 2009 Rev 3
ST4485EB STMICROELECTRONICS-ST4485EB Datasheet
392Kb / 18P
   Guaranteed 20 Mbps data rate
September 2013 Rev 2
logo
Maxim Integrated Produc...
MAX13035EEVKIT MAXIM-MAX13035EEVKIT Datasheet
389Kb / 7P
   100Mbps Guaranteed Data Rates
Rev 2; 12/20
logo
STMicroelectronics
ST3243EB STMICROELECTRONICS-ST3243EB Datasheet
633Kb / 16P
   Guaranteed 6 V/ms slew rate range
October 2009 Rev 12
logo
Sharp Corporation
GP2W0001YP SHARP-GP2W0001YP Datasheet
102Kb / 15P
   IrDA Data Sheet 115 kbps Transceiver
logo
Agilent(Hewlett-Packard...
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
   Data Compliant 115.2 kbps Infrared Transceiver
logo
Level One
SK70704 LVL1-SK70704 Datasheet
3Mb / 40P
   1168 kbps HDSL Data Pump Chip Set
logo
Agilent(Hewlett-Packard...
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
   IrDA Data Compliant 115.2 kbps Infrared Transceiver
logo
Analog Devices
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
   250/sec Yaw Rate Gyro
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
   IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com