Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST3232ECDR Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST3232ECDR
Description  250 kbps minimum guaranteed data rate
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3232ECDR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST3232ECDR Datasheet HTML 5Page - STMicroelectronics ST3232ECDR Datasheet HTML 6Page - STMicroelectronics ST3232ECDR Datasheet HTML 7Page - STMicroelectronics ST3232ECDR Datasheet HTML 8Page - STMicroelectronics ST3232ECDR Datasheet HTML 9Page - STMicroelectronics ST3232ECDR Datasheet HTML 10Page - STMicroelectronics ST3232ECDR Datasheet HTML 11Page - STMicroelectronics ST3232ECDR Datasheet HTML 12Page - STMicroelectronics ST3232ECDR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ST3232EB - ST3232EC
Package mechanical data
9/19
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.


Similar Part No. - ST3232ECDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3232ECDR STMICROELECTRONICS-ST3232ECDR Datasheet
426Kb / 16P
   짹15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
April 2003
ST3232ECDR STMICROELECTRONICS-ST3232ECDR Datasheet
382Kb / 20P
   짹15kV ESD-Protection, 3 to 5.5V, low power, up to 250KBPS, RS-232 drivers and receivers
ST3232ECDR STMICROELECTRONICS-ST3232ECDR Datasheet
806Kb / 19P
   짹 15 kV ESD protection 3 to 5.5 V low power, up to 250 kbps, RS-232 drivers and receivers
More results

Similar Description - ST3232ECDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLV3243EB STMICROELECTRONICS-STLV3243EB Datasheet
261Kb / 16P
   250 kbps minimum guaranteed data rate
January 2009 Rev 3
ST4485EB STMICROELECTRONICS-ST4485EB Datasheet
392Kb / 18P
   Guaranteed 20 Mbps data rate
September 2013 Rev 2
logo
Maxim Integrated Produc...
MAX13035EEVKIT MAXIM-MAX13035EEVKIT Datasheet
389Kb / 7P
   100Mbps Guaranteed Data Rates
Rev 2; 12/20
logo
STMicroelectronics
ST3243EB STMICROELECTRONICS-ST3243EB Datasheet
633Kb / 16P
   Guaranteed 6 V/ms slew rate range
October 2009 Rev 12
logo
Sharp Corporation
GP2W0001YP SHARP-GP2W0001YP Datasheet
102Kb / 15P
   IrDA Data Sheet 115 kbps Transceiver
logo
Agilent(Hewlett-Packard...
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
   Data Compliant 115.2 kbps Infrared Transceiver
logo
Level One
SK70704 LVL1-SK70704 Datasheet
3Mb / 40P
   1168 kbps HDSL Data Pump Chip Set
logo
Agilent(Hewlett-Packard...
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
   IrDA Data Compliant 115.2 kbps Infrared Transceiver
logo
Analog Devices
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
   250/sec Yaw Rate Gyro
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
   IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com