Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7443631000 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7443631000
Description  WE-HCF SMD High Current Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7443631000 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7443631000 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443631000 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443631000 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443631000 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443631000 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443631000 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2.3
2.2
2.1
2.0
1.0
REV
2014-09-16
2014-02-06
2013-12-17
2013-06-17
2009-07-07
DATE
SSt
SSt
SSt
SSt
Rst
BY
BD
BD
SSt
BD
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-HCF SMD High Current Inductor
Order.- No.
7443631000
SIZE
A4
Size: 2013
A Dimensions: [mm]
Reference on drawing
Marking
Date code
Description
7443631000 (Article Number)
YYWW
B Recommended land pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Rated current
Saturation current
DC Resistance
Self resonant frequency
Test conditions
100 kHz/ 10 mA
∆T = 50 K
|ΔL/L| < 30%
@ 20°C
L
IR
Isat
RDC
fres
Value
10
16.0
23.0
7.96
13.0
Unit
µH
A
A
MHz
Tol.
± 15%
max.
typ.
±10%
typ.
E General information:
It is recommended that the temperature of the part does not exceed 125°C
under worst case operating conditions.
•Ambient temperature: -40°C to +75°C (refering to IR)
•Operating temperature: -40°C to +125°C
•Storage temperature (on tape & reel): -20°C to +40°C; 75% RH max.
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 7443631000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7443631000 WURTH-7443631000 Datasheet
304Kb / 4P
   POWER-CHOKE WE-HCF 2013
7443631000 WURTH-7443631000 Datasheet
859Kb / 9P
   WE-HCF SMT High Current Inductor
004.000
7443631000 WURTH-7443631000_V01 Datasheet
859Kb / 9P
   WE-HCF SMT High Current Inductor
004.000
More results

Similar Description - 7443631000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7443641500 WURTH-7443641500 Datasheet
1Mb / 6P
   WE-HCF SMD High Current Inductor
7443630700 WURTH-7443630700_14 Datasheet
1Mb / 6P
   WE-HCF SMD High Current Inductor
7443642200 WURTH-7443642200 Datasheet
288Kb / 5P
   WE-HCF SMD High Current Inductor
7443643300 WURTH-7443643300 Datasheet
1Mb / 6P
   WE-HCF SMD High Current Inductor
74436411000 WURTH-74436411000 Datasheet
359Kb / 5P
   WE-HCF SMD High Current Inductor
74436413300 WURTH-74436413300 Datasheet
359Kb / 5P
   WE-HCF SMD High Current Inductor
7443640470 WURTH-7443640470 Datasheet
1Mb / 6P
   WE-HCF SMD High Current Inductor
74436412200 WURTH-74436412200 Datasheet
359Kb / 5P
   WE-HCF SMD High Current Inductor
7443641000 WURTH-7443641000 Datasheet
1Mb / 6P
   WE-HCF SMD High Current Inductor
74436410330 WURTH-74436410330 Datasheet
359Kb / 5P
   WE-HCF SMD High Current Inductor
74436411500 WURTH-74436411500 Datasheet
359Kb / 5P
   WE-HCF SMD High Current Inductor
001.000
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com