Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491D475K050AS-F Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # T491D475K050AS-F
Description  Solid Tantalum Chip Capacitors for Surface Mount Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

T491D475K050AS-F Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  T491D475K050AS-F Datasheet HTML 1Page - Cornell Dubilier Electronics T491D475K050AS-F Datasheet HTML 2Page - Cornell Dubilier Electronics T491D475K050AS-F Datasheet HTML 3Page - Cornell Dubilier Electronics T491D475K050AS-F Datasheet HTML 4Page - Cornell Dubilier Electronics T491D475K050AS-F Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Type T491 Solid Tantalum Chip Capacitors
Note: CDE reserves the right to offer higher rated voltage substitutes
within the same case size. The marking will indicate the higher voltage.
Max. DC Max. DF %
Cap
EIA
Leakage
@ 25 ºC
(µF)
IECQ
µA @ 25 ºC
120 Hz
0.47
A
3216
T491A474K025AS-F
0.5
4
0.68
A
3216
T491A684K025AS-F
0.5
4
1.0
A
3216
T491A105K025AS-F
0.5
4
1.0
B
3528
T491B105K025AS-F
0.5
4
1.5
B
3528
T491B155K025AS-F
0.5
6
2.2
B
3528
T491B225K025AS-F
0.6
6
2.2
C
6032
T491C225K025AS-F
0.6
6
3.3
C
6032
T491C335K025AS-F
0.9
6
4.7
C
6032
T491C475K025AS-F
1.2
6
6.8
C
6032
T491C685K025AS-F
1.7
6
10
C
6032
T491C106K025AS-F
2.5
6
10
D
7343
T491D106K025AS-F
2.5
6
15
D
7343
T491D156K025AS-F
3.8
6
22
D
7343
T491D226K025AS-F
5.5
6
33
X
7343H
T491X336K025AS-F
8.3
6
0.10
A
3216
T491A104K035AS-F
0.5
4
0.15
A
3216
T491A154K035AS-F
0.5
4
0.22
A
3216
T491A224K035AS-F
0.5
4
0.33
A
3216
T491A334K035AS-F
0.5
4
0.47
A
3216
T491A474K035AS-F
0.5
4
0.47
B
3528
T491B474K035AS-F
0.5
4
0.68
B
3528
T491B684K035AS-F
0.5
4
1.0
B
3528
T491B105K035AS-F
0.5
4
1.5
C
6032
T491C155K035AS-F
0.5
6
2.2
C
6032
T491C225K035AS-F
0.8
6
3.3
C
6032
T491C335K035AS-F
1.2
6
4.7
C
6032
T491C475K035AS-F
1.7
6
4.7
D
7343
T491D475K035AS-F
1.7
6
6.8
D
7343
T491D685K035AS-F
2.4
6
10
D
7343
T491D106K035AS-F
3.5
6
15
X
7343H
T491X156K035AS-F
5.3
6
22
X
7343H
T491X226K035AS-F
7.7
6
25 WVdc @ +85 ºC
(17 WVdc @ 125 ºC)
Case Code
Catalog
Part Number
CDE
35 WVdc @ +85 ºC
(23 WVdc @ 125 ºC)
Max. DC Max. DF %
Cap
EIA
Leakage
@ 25 ºC
(µF)
IECQ
µA @ 25 ºC
120 Hz
0.10
A
3216
T491A104K050AS-F
0.5
4
0.15
A
3216
T491A154K050AS-F
0.5
4
0.15
B
3528
T491B154K050AS-F
0.5
4
0.22
B
3528
T491B224K050AS-F
0.5
4
0.33
B
3528
T491B334K050AS-F
0.5
4
0.47
B
3528
T491B474K050AS-F
0.5
4
0.47
C
6032
T491C474K050AS-F
0.5
4
0.68
C
6032
T491C684K050AS-F
0.5
4
1.0
C
6032
T491C105K050AS-F
0.5
4
1.5
C
6032
T491C155K050AS-F
0.5
6
1.5
D
7343
T491D155K050AS-F
0.8
6
2.2
D
7343
T491D225K050AS-F
1.1
6
3.3
D
7343
T491D335K050AS-F
1.7
6
4.7
D
7343
T491D475K050AS-F
2.4
6
6.8
X
7343H
T491X685K050AS-F
3.5
6
50 WVdc @ +85 ºC
(33 WVdc @ 125 ºC)
Case Code
Catalog
Part Number
CDE
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8561•Fax: (508)996-3830• www.cde.com


Similar Part No. - T491D475K050AS-F

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491D475K050AH KEMET-T491D475K050AH Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 4.7 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, 1.2 Ohms, Height Max = 3.1mm
T491D475K050AT KEMET-T491D475K050AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 4.7 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, 1.2 Ohms, Height Max = 3.1mm
More results

Similar Description - T491D475K050AS-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D475X9050D2T VISHAY-593D475X9050D2T Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TP3 VISHAY-TP3_17 Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D106X9020B2TE3 VISHAY-293D106X9020B2TE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X0016B2TE3 VISHAY-293D106X0016B2TE3 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X06R3B2TE3 VISHAY-593D107X06R3B2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TM3 VISHAY-TM3_17 Datasheet
546Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D475X9020B2TE3 VISHAY-293D475X9020B2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 21-Mar-13
293D VISHAY-293D Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com