Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1505 Datasheet(PDF) 6 Page - Mitsumi Electronics, Corp.

Part # MM1505
Description  Video Switch75??driverY/C mix
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1505 Datasheet(HTML) 6 Page - Mitsumi Electronics, Corp.

Back Button MM1505 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1505 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1505 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1505 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1505 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1505 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1505 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1505 Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM1505 Datasheet HTML 10Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MITSUMI
Video Switch · 75
Ω driver · Y/C mix MM1501
Item
Symbol
Measurement conditions
Min. Typ. Max. Unit
Consumption current
ICC
Refer to measurement procedures
6.8
8.8
mA
Input pin voltage
VIN
No-signal, no-load
1.75
1.95
2.15
V
Output pin voltage
VOUT
No-signal, no-load
2.35
V
Voltage gain
GV
Refer to measurement procedures
5.5
6.0
6.5
dB
Frequency characteristic
fc
Refer to measurement procedures
-10
+1
dB
Differential gain
VCC=9V
DG
Refer to measurement procedures
-30
+3
%
Differential phase
VCC=9V
DP
Refer to measurement procedures
-3
0
+3
deg
Output dynamic range
VD
Refer to measurement procedures
3.0
3.3
V
Output offset voltage
VOFF
Refer to measurement procedures
±30
mV
Cross talk
CT
Refer to measurement procedures
-70
-60
dB
SW input voltage H
VIH
Refer to measurement procedures
2.1
V
SW input voltage L
VIL
Refer to measurement procedures
0.7
V
Input impedance
Zi
15
k
MM1506
Item
Symbol
Measurement conditions
Min. Typ. Max. Unit
Consumption current
ICC
Refer to measurement procedures
6.4
8.3
mA
Input pin voltage
VIN
No-signal, no-load
1.15
1.35
1.55
V
Output pin voltage
VOUT
No-signal, no-load
1.35
V
Voltage gain
GV
Refer to measurement procedures
-0.5
0
+0.5
dB
Frequency characteristic
fc
Refer to measurement procedures
-10
+1
dB
Differential gain
DG
Refer to measurement procedures
-30
+3
%
Differential phase
DP
Refer to measurement procedures
-3
0
+3
deg
Output dynamic range
VD
Refer to measurement procedures
2.6
2.9
V
Output offset voltage
VOFF
Refer to measurement procedures
±15
mV
Cross talk
CT
Refer to measurement procedures
-70
-60
dB
SW input voltage H
VIH
Refer to measurement procedures
2.1
V
SW input voltage L
VIL
Refer to measurement procedures
0.7
V
MM1507
Item
Symbol
Measurement conditions
Min. Typ. Max. Unit
Consumption current
ICC
Refer to measurement procedures
6.8
8.8
mA
Input pin voltage
VIN
No-signal, no-load
1.15
1.35
1.55
V
Output pin voltage
VOUT
No-signal, no-load
1.30
V
Voltage gain
GV
Refer to measurement procedures
5.5
6.0
6.5
dB
Frequency characteristic
fc
Refer to measurement procedures
-10
+1
dB
Differential gain
DG
Refer to measurement procedures
-30
+3
%
Differential phase
DP
Refer to measurement procedures
-3
0
+3
deg
Output dynamic range
VD
Refer to measurement procedures
2.6
3.0
V
Output offset voltage
VOFF
Refer to measurement procedures
±30
mV
Cross talk
CT
Refer to measurement procedures
-70
-60
dB
SW input voltage H
VIH
Refer to measurement procedures
2.1
V
SW input voltage L
VIL
Refer to measurement procedures
0.7
V
MM1508


Similar Part No. - MM1505

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MM1510 TGS-MM1510 Datasheet
257Kb / 5P
   6dB Amplifier with 75OHM Driver
logo
List of Unclassifed Man...
MM152 ETC2-MM152 Datasheet
495Kb / 1P
   Precision Film Resistors
logo
Mitsumi Electronics, Co...
MM1522 MITSUMI-MM1522 Datasheet
85Kb / 4P
   Analog voltage output temperature sensor Monolithic IC MM1522XU/XN
MM1522XN MITSUMI-MM1522XN Datasheet
85Kb / 4P
   Analog voltage output temperature sensor Monolithic IC MM1522XU/XN
MM1522XU MITSUMI-MM1522XU Datasheet
85Kb / 4P
   Analog voltage output temperature sensor Monolithic IC MM1522XU/XN
More results

Similar Description - MM1505

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA8600 AGAMEM-AA8600 Datasheet
43Kb / 1P
   VIDEO Y/C MIX
logo
Rohm
BA7664FV ROHM-BA7664FV Datasheet
79Kb / 7P
   75??driver with Y / C MIX circuit
BA7665FS ROHM-BA7665FS Datasheet
91Kb / 8P
   3-channel 75??driver with Y / C MIX
logo
New Japan Radio
NJM2570A NJRC-NJM2570A Datasheet
79Kb / 7P
   75??Driver with Filter and Y/C MIX
logo
Rohm
BA7664AFV ROHM-BA7664AFV_09 Datasheet
207Kb / 5P
   Y/C MIX Circuit built-in Video Driver
logo
Agamem Microelectronic ...
AA8600AP AGAMEM-AA8600AP Datasheet
172Kb / 7P
   Y/C MIX
logo
Mitsumi Electronics, Co...
MM1188 MITSUMI-MM1188 Datasheet
117Kb / 5P
   3-Input 1-Output Video Switch (with Y-C mix)
logo
DB Lectro Inc
MS-328-4 DBLECTRO-MS-328-4 Datasheet
54Kb / 2P
   Form C Reed Sensor 쨌 Flatpack
logo
Schurter Inc.
3413.0002.XX SCHURTER-3413.0002.XX Datasheet
476Kb / 2P
   UL 248-14 쨌 125 VAC 쨌 63 VDC 쨌 Super-Quick-Acting FF
UMT-H SCHURTER-UMT-H Datasheet
475Kb / 3P
   UL 248-14 쨌 277 VAC 쨌 250 VDC 쨌 Time-Lag T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com