Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDC564050NSE-F Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # TDC564050NSE-F
Description  Dipped, Radial Leaded, Solid Tantalum Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TDC564050NSE-F Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  TDC564050NSE-F Datasheet HTML 1Page - Cornell Dubilier Electronics TDC564050NSE-F Datasheet HTML 2Page - Cornell Dubilier Electronics TDC564050NSE-F Datasheet HTML 3Page - Cornell Dubilier Electronics TDC564050NSE-F Datasheet HTML 4Page - Cornell Dubilier Electronics TDC564050NSE-F Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Type TDC Solid Tantalum Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 •
www.cde.com
Part Numbering System
TDC
107
K
016
W
S
G
–F
Lead
Lead
Case
RoHS
Series Capacitance
Tolerance
Voltage
Spacing Length Code
Compliant
TDC 394 = 0.39 µF
J = ±5%
006 = 6 Vdc
N = .125 S = .187
E –F = Compliant
105 = 1.0 µF
K = ±10%
010 = 10 Vdc
W = .250 T = Tape
& Reel
F Blank = Not
225 = 2.2 µF
M = ±20%
016 = 16 Vdc
G
Compliant
186 = 18 µF
020 = 20 Vdc
107 = 100 µF
025 = 25 Vdc
035 = 35 Vdc
050 = 50 Vdc
Notice and Disclaimer: All product drawings, descriptions, specifications, statements, information and data
(collectively, the “Information”) in this datasheet or other publication are subject to change. The customer
is responsible for checking, confirming and verifying the extent to which the Information contained in this
datasheet or other publication is applicable to an order at the time the order is placed. All Information given
hereinisbelievedtobeaccurateandreliable,butitispresentedwithoutanyguarantee,warranty,representation
or responsibility of any kind, expressed or implied. Statements of suitability for certain applications are based
on the knowledge that the Cornell Dubilier company providing such statements (“Cornell Dubilier”) has
of operating conditions that such Cornell Dubilier company regards as typical for such applications, but
are not intended to constitute any guarantee, warranty or representation regarding any such matter – and
Cornell Dubilier specifically and expressly disclaims any guarantee, warranty or representation concerning
the suitability for a specific customer application, use, storage, transportation, or operating environment.
The Information is intended for use only by customers who have the requisite experience and capability to
determine the correct products for their application. Any technical advice inferred from this Information or
otherwise provided by Cornell Dubilier with reference to the use of any Cornell Dubilier products is given
gratis (unless otherwise specified by Cornell Dubilier), and Cornell Dubilier assumes no obligation or liability
for the advice given or results obtained. Although Cornell Dubilier strives to apply the most stringent quality
and safety standards regarding the design and manufacturing of its products, in light of the current state
of the art, isolated component failures may still occur. Accordingly, customer applications which require a
high degree of reliability or safety should employ suitable designs or other safeguards (such as installation
of protective circuitry or redundancies or other appropriate protective measures) in order to ensure that the
failure of an electrical component does not result in a risk of personal injury or property damage. Although
all product-related warnings, cautions and notes must be observed, the customer should not assume that all
safety measures are indicated in such warnings, cautions and notes, or that other safety measures may not be
required.


Similar Part No. - TDC564050NSE-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TDC564050NSE-F CDE-TDC564050NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
More results

Similar Description - TDC564050NSE-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Vishay Siliconix
ETPW VISHAY-ETPW Datasheet
114Kb / 7P
   Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
Revision 15-Aug-02
logo
MERITEK ELECTRONICS COR...
DT MERITEK-DT Datasheet
223Kb / 2P
   Radial Leaded Tantalum Capacitors
DT100M0161 MERITEK-DT100M0161 Datasheet
223Kb / 2P
   Radial Leaded Tantalum Capacitors
logo
RFE international
CB105M1ABR5 RFE-CB105M1ABR5 Datasheet
514Kb / 2P
   LEADED TANTALUM CAPACITOR CB Series: Resin Dipped, Radial Leaded
2020.02.25
logo
AVX Corporation
TAP107K020CRW AVX-TAP107K020CRW Datasheet
141Kb / 4P
   SOLID TANTALUM RESIN DIPPED CAPACITORS
logo
NIC-Components Corp.
NDTM NIC-NDTM Datasheet
214Kb / 3P
   Resin Dipped, Solid Tantalum Capacitors
logo
Cornell Dubilier Electr...
CM05ED430JO3 CDE-CM05ED430JO3 Datasheet
209Kb / 1P
   Radial-Leaded Dipped Mica Capacitors
logo
Vishay Siliconix
CX06 VISHAY-CX06 Datasheet
48Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 13-Jun-02
CX06J156K VISHAY-CX06J156K Datasheet
62Kb / 4P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision: 09-Mar-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com